Part Name
         Description
IR2308

 HALF-BRIDGE DRIVER ( 8 Page)


IRF
100% 
Zoom Out Zoom In
   
 3 page
background image
www.irf.com
3
IR2308(S) & (PbF)
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V, VSS = COM, DT= VSS and TA = 25°C unless otherwise specified. The VIL, VIH and IIN
parameters are referenced to VSS/COM and are applicable to the respective input leads: HIN and LIN. The VO, IO and Ron
parameters are referenced to COM and are applicable to the respective output leads: HO and LO.
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VIH
Logic “1” input voltage for HIN & LIN
2.9
VCC = 10V to 20V
VIL
Logic “0” input voltage for HIN & LIN
0.8
VCC = 10V to 20V
VOH
High level output voltage, VBIAS - VO
0.8
1.4
IO = 20 mA
VOL
Low level output voltage, VO
0.3
0.6
IO = 20 mA
ILK
Offset supply leakage current
50
VB = VS = 600V
IQBS
Quiescent VBS supply current
20
60
150
VIN = 0V or 5V
IQCC
Quiescent VCC supply current
0.4
1.0
1.6
mA
VIN = 0V or 5V
IIN+
Logic “1” input bias current
5
20
HIN = 5V, LIN = 5V
IIN-
Logic “0” input bias current
1
2
HIN = 0V, LIN = 0V
VCCUV+
VCC and VBS supply undervoltage positive going
8.0
8.9
10
VBSUV+
threshold
VCCUV-
VCC and VBS supply undervoltage negative going
7.4
8.2
9.0
VBSUV-
threshold
VCCUVH
Hysteresis
0.3
0.7
VBSUVH
IO+
Output high short circuit pulsed current
97
200
VO = 0V,
PW
≤ 10 µs
IO-
Output low short circuit pulsed current
250
350
VO = 15V,
PW
≤ 10 µs
V
µA
µA
V
mA
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, VSS = COM, CL = 1000 pF, TA = 25°C, DT = VSS unless otherwise specified.
Symbol
Definition
Min.
Typ.
Max. Units Test Conditions
ton
Turn-on propagation delay
220
300
VS = 0V
toff
Turn-off propagation delay
200
280
VS = 0V or 600V
MT
Delay matching
| ton - toff |
—0
46
tr
Turn-on rise time
150
220
VS = 0V
tf
Turn-off fall time
50
80
VS = 0V
DT
Deadtime: LO turn-off to HO turn-on(DTLO-HO) &
400
540
680
HO turn-off to LO turn-on (DTHO-LO)
MDT
Deadtime matching =
| DTLO-HO - DTHO-LO |
—0
60
nsec



Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SI9976DYN-Channel Half-Bridge Driver 1 2 3 4 5 Vishay Siliconix
IRS2183HALF-BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
ISL670080V/1.25A Peak Medium Frequency Low Cost Half-Bridge Driver 1 2 3 4 5 MoreIntersil Corporation
IR2184HALF-BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IR2103HALF-BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IR3101Half-Bridge FredFet and Integrated Driver 1 2 3 4 5 MoreInternational Rectifier
LM5104High Voltage Half-Bridge Gate Driver with Adaptive Delay 1 2 3 4 5 MoreNational Semiconductor
LM5102High Voltage Half-Bridge Gate Driver with Programmable Delay 1 2 3 4 5 MoreNational Semiconductor
IR2104HALF-BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl