Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7654YCR Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DAC7654YCR
Description  16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7654YCR Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button DAC7654YCR Datasheet HTML 2Page - Burr-Brown (TI) DAC7654YCR Datasheet HTML 3Page - Burr-Brown (TI) DAC7654YCR Datasheet HTML 4Page - Burr-Brown (TI) DAC7654YCR Datasheet HTML 5Page - Burr-Brown (TI) DAC7654YCR Datasheet HTML 6Page - Burr-Brown (TI) DAC7654YCR Datasheet HTML 7Page - Burr-Brown (TI) DAC7654YCR Datasheet HTML 8Page - Burr-Brown (TI) DAC7654YCR Datasheet HTML 9Page - Burr-Brown (TI) DAC7654YCR Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
DAC7654
SBAS263 − NOVEMBER 2003
www.ti.com
6
Terminal Functions
PIN
NAME
DESCRIPTION
1
NC
No Connection
2
NC
No Connection
3
VSS
Analog –5V power supply or 0V single supply
4
VCC
Analog +5V power supply
5
VOUTA
DAC A output voltage
6
VOUTA
Sense 1
Connect to VOUTA for unipolar mode
7
VOUTA
Sense 2
Connect to VOUTA for bipolar mode
8
AGND
Analog ground
9
NC
No connection
10
NC
No connection
11
NC
No connection
12
NC
No connection
13
NC
No connection
14
NC
No connection
15
NC
No connection
16
NC
No connection
17
DGND
Digital ground
18
VDD
Digital +5V power supply
19
IOVDD
Interface power supply
20
SDO
Serial data output
21
CS
Chip select, active low
22
CLK
Data clock input
23
SDI
Serial data input
24
LOAD
DAC input register load control, active low
25
LDAC
DAC register load control, rising edge triggered
26
RST
Reset, rising edge triggered. Depending on
the state of RSTSEL, the DAC registers are
set to either mid-scale or zero.
27
RSTSEL
Reset select. Determines the action of RST.
If high, an RST command sets the DAC
registers to mid-scale (8000h). If low, an RST
command sets the DAC registers to zero
(0000h).
28
DGND
Digital ground
29
VDD
Digital +5V power supply
30
NC
No connection
31
NC
No connection
32
NC
No connection
33
NC
No connection
34
NC
No connection
35
NC
No connection
PIN
NAME
DESCRIPTION
36
NC
No connection
37
NC
No connection
38
NC
No connection
39
NC
No connection
40
NC
No connection
41
NC
No connection
42
NC
No connection
43
NC
No connection
44
VOUTD
Sense 2
Connect to VOUTD for bipolar mode
45
VOUTD
Sense 1
Connect to VOUTD for unipolar mode
46
VOUTD
DAC D output
47
NC
No connection
48
NC
No connection
49
Offset D
Range 1
Connect to Offset D Range 2 for unipolar
mode
50
Offset D
Range 2
Connect to Offset D Range 1 for unipolar
mode
51
Offset C
Range 2
Connect to Offset C Range 1 for unipolar
mode
52
Offset C
Range 1
Connect to Offset C Range 2 for unipolar
mode
53
VOUTC
Sense 2
Connect to VOUTC for bipolar mode
54
VOUTC
Sense 1
Connect to VOUTC for unipolar mode
55
VOUTC
DAC C output
56
REF GND
Reference ground
57
REF GND
Reference ground
58
VOUTB
DAC B output
59
VOUTB
Sense 1
Connect to VOUTB for unipolar mode
60
VOUTB
Sense 2
Connect to VOUTB for bipolar mode
61
Offset B
Range 1
Connect to Offset B Range 2 for unipolar
mode
62
Offset B
Range 2
Connect to Offset B Range 1 for unipolar
mode
63
Offset A
Range 2
Connect to Offset A Range 1 for unipolar
mode
64
Offset A
Range 1
Connect to Offset A Range 2 for unipolar
mode


Similar Part No. - DAC7654YCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7654YCR TI1-DAC7654YCR Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
More results

Similar Description - DAC7654YCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7642 TI-DAC7642 Datasheet
770Kb / 20P
[Old version datasheet]   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7642 BURR-BROWN-DAC7642 Datasheet
806Kb / 22P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7632 BURR-BROWN-DAC7632 Datasheet
846Kb / 21P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7642 TI1-DAC7642_15 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7641 BURR-BROWN-DAC7641 Datasheet
1,000Kb / 18P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 BURR-BROWN-DAC7641_08 Datasheet
1Mb / 22P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com