Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


NTE2062 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE2062
Description  Integrated Circuit PMOS Digital Alarm Clock
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

   
 1 page
background image
NTE2062
Integrated Circuit
PMOS Digital Alarm Clock
Features:
D Single–Chip ED MOS LSI
D LED Direct Drive by Time–Sharing (Duplex)
D Wide Operating Voltage Range
D Alarm on a 24–Hour Basis
D Two Selections of Time Format:
AM/PM 12–Hour Basis & 24–Hour Basis
D On–Chip CR Oscillator for Battery Backup
D 50Hz or 60Hz Reference Frequency
D Automatic Advance Capable:
“Hours”, “Minutes”
D Sleep Timer:
Max. 59 Minutes or 1Hour, 59 Minutes
D Repeatedly Usable Snooze
D Power Failure Indicator
D 900Hz Output for Alarm Tone
Functions:
D Real Time Display
D Alarm with Snooze
D Sleep Timer
Applications:
D Alarm Clock
D Clock Radio
Absolute Maximum Ratings: (VSS = 0, TA = +25°C unless otherwise specified)
Maximum Supply Voltage, VDDmax
–15 to +0.3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage, VIN
50/60Hz
–15 to +0.3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Other Than 50/60Hz
–15 to +0.3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Voltage, VOUT
–15 to +0.3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Clamp Current, IIN
–0.4 to +0.4mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Allowable Power Dissipation (TA = +70°C), PDmax
700mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–30
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Allowable Operating Ranges: (VSS = 0, TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
–14
–7.5
V
Input “HIGH” Level Voltage
VIH
50/60Hz Input
–1.0
V
Other Than 50/60Hz Input
–1.5
V
Input “LOW” Level Voltage
VIL
50/60Hz
VDD+2
V
Other Than 50/60Hz
VDD+2
V
Input Voltage on 50/60Hz
VAC–IN
Referenced to VSS
VLED
V




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE2060Integrated Circuit PMOS LSI Alarm Clock Circuit 1 2 3 4 NTE Electronics
NTE1537Integrated Circuit CMOS Digital Frequency Indicator w/Clock LED Function 1 2 3 4 NTE Electronics
NTE1414Integrated Circuit Digital AC Clock Timer for VCR 1 2 3 NTE Electronics
LM8363Dual - Alarm Digital Clock 1 2 3 4 5 MoreSanyo Semicon Device
FU-68SDF-V802MXXB1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL WAVELENGTH SELECTED BIAS CIRCUIT INTEGRATED DIGITAL APPLICATION 1 2 3 4 5 Mitsubishi Electric Semiconductor
KIC7S14FUSILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT SCHMITT INVERTER 1 2 3 KEC(Korea Electronics)
TC58FVM62ATOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC74HC161AFTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
T6B70BFTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TC74HC11AFTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl