Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


NTE2062 Datasheet(PDF) 4 Page - NTE Electronics

Part No. NTE2062
Description  Integrated Circuit PMOS Digital Alarm Clock
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

   
 4 page
background image
Operation Description (Cont’d):
Alarm Off Input:
Connecting this input pin to VSS inhibits the alarm output momentarily. An internal pull–down resistor
is provided.
Sleep Timer and Sleep Output:
The sleep output can be used to keep the radio turned on for any period of time up to 59 minutes or
1 hour 59 minutes. Table 2 shows how to select the period (59 minutes or 1 hour 59 minutes). This
sleep timer uses a down counter. When the counter contents reach [00], the output stops being deliv-
ered, turning off the radio. By connecting “Snooze Input” to VSS at the sleep output on–state, the sleep
output is inhibited.
VSS
VDD
Pin Connection Diagram
Min b & g
Hr b & g
Snooze Input
50/60Hz Select
Sleep Input
50/60Hz Input
CR Input
AM & 10’s Hr ag & de
10’s Min b & g
Min c & d
Hour Set
Min Set
1
2
3
4
PM & 10’s Hr b
10’s Hr c & Hr c
5
Hr c & d
6
Hr a & f
7
10’s Min a & f
8
28
27
26
25
12/24 Hr Select
24
23
22
21
9
10’s Min c & d
20
Alarm Disp
Alarm Off
10
10’s Min e & Min e
11
19
18
Sleep Out
12
17
Alarm Out
13
Min a & f
16
14
Colon Out
15




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE2060Integrated Circuit PMOS LSI Alarm Clock Circuit 1 2 3 4 NTE Electronics
NTE1537Integrated Circuit CMOS Digital Frequency Indicator w/Clock LED Function 1 2 3 4 NTE Electronics
NTE1414Integrated Circuit Digital AC Clock Timer for VCR 1 2 3 NTE Electronics
LM8363Dual - Alarm Digital Clock 1 2 3 4 5 MoreSanyo Semicon Device
FU-68SDF-V802MXXB1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL WAVELENGTH SELECTED BIAS CIRCUIT INTEGRATED DIGITAL APPLICATION 1 2 3 4 5 Mitsubishi Electric Semiconductor
KIC7S14FUSILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT SCHMITT INVERTER 1 2 3 KEC(Korea Electronics)
TC58FVM62ATOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC74HC161AFTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
T6B70BFTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TC74HC11AFTOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl