Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCW60D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BCW60D
Description  Small Signal Transistors (PNP)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BCW60D Datasheet(HTML) 2 Page - Vishay Siliconix

  BCW60D Datasheet HTML 1Page - Vishay Siliconix BCW60D Datasheet HTML 2Page - Vishay Siliconix BCW60D Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BCW61 Series
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88171
2
09-May-02
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Symbol
Min.
TYP.
Max.
Unit
DC Current Gain
at –VCE = 5 V, –IC = 10
µA
BCW61A
hFE
––––
at –VCE = 5 V, –IC = 10
µA
BCW61B
hFE
30
–––
at –VCE = 5 V, –IC = 10
µA
BCW61C
hFE
40
–––
at –VCE = 5 V, –IC = 10
µA
BCW61D
hFE
100
–––
at –VCE = 5 V, –IC = 2 mA
BCW61A
hFE
120
220
at –VCE = 5 V, –IC = 2 mA
BCW61B
hFE
180
310
at –VCE = 5 V, –IC = 2 mA
BCW61C
hFE
250
460
at –VCE = 5 V, –IC = 2 mA
BCW61D
hFE
380
630
at –VCE = 1 V, –IC = 50 mA
BCW61A
hFE
60
–––
at –VCE = 1 V, –IC = 50 mA
BCW61B
hFE
80
–––
at –VCE = 1 V, –IC = 50 mA
BCW61C
hFE
100
–––
at –VCE = 1 V, –IC = 50 mA
BCW61D
hFE
110
–––
Collector-Emitter Saturation Voltage
at –IC = 10 mA, –IB = 0.25 mA
–VCEsat
60
250
mV
at –IC = 50 mA, –IB = 1.25 mA
–VCEsat
120
550
mV
Base-Emitter Saturation Voltage
at –IC = 10 mA, –IB = 0.25 mA
–VBEsat
600
850
mV
at –IC = 50 mA, –IB = 1.25 mA
–VBEsat
680
1050
mV
Base-Emitter Voltage
at –VCE = 5 V, –IC = 2 mA
–VBE
600
650
750
mV
at –VCE = 5 V, –IC = 10
µA
–VBE
550
mV
at –VCE = 1 V, –IC = 50 mA
–VBE
720
mV
Collector-Emiter Cut-off Current
at –VCE = 32 V, VEB=0
–ICES
––
20
nA
at –VCE = 32 V, VEB=0, TA = 150
°C
––
20
µA
Emitter-Base Cut-off Current
at –VEB = 4 V, IC=0
–IEBO
––
20
nA
Gain-Bandwidth Product
at –VCE = 5 V, –IC = 10 mA, f = 100 MHz
fT
100
––
MHz
Collector-Base Capacitance
at –VCB = 10 V, f = 1 MHZ, IE=0
CCBO
4.5
pF
Emitter-Base Capacitance
at –VEB = 0.5 V, f = 1 MHZ, IC=0
CEBO
11
pF
Noise Figure
at –VCE = 5 V, –IC = 200
µA, RS = 2 kΩ, f = 100 kHZ, B = 200Hz
F
26
dB
Small Signal Current Gain
BCW60A
200
at –VCE = 5V, –IC = 2 mA, f = 1.0 kHZ
BCW60B
260
BCW60C
hfe
330
BCW60D
520
Turn-on Time at RL = 990
Ω (see fig. 1)
– VCC = 10V, –Ic = 10mA, –IB(on) = IB(off) = 1mA
ton
85
150
ns
Turn-off Time at RL = 990
Ω (see fig. 1)
– VCC = 10V, –Ic = 10mA, –IB(on) = IB(off) = 1mA
toff
480
800
ns


Similar Part No. - BCW60D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCW60D PHILIPS-BCW60D Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 22
BCW60D NXP-BCW60D Datasheet
126Kb / 6P
   NPN general purpose transistors
1999 Apr 22
logo
Samsung semiconductor
BCW60D SAMSUNG-BCW60D Datasheet
35Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
NXP Semiconductors
BCW60D PHILIPS-BCW60D Datasheet
126Kb / 6P
   NPN general purpose transistors
1999 Apr 22
logo
Siemens Semiconductor G...
BCW60D SIEMENS-BCW60D Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

Similar Description - BCW60D

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DMMT3906 MCC-DMMT3906_11 Datasheet
236Kb / 4P
   PNP Small Signal Transistors
logo
General Semiconductor
2N4403 GE-2N4403 Datasheet
98Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
BC327 GE-BC327 Datasheet
243Kb / 5P
   Small Signal Transistors (PNP)
BC556 GE-BC556 Datasheet
253Kb / 6P
   Small Signal Transistors (PNP)
MMBT4403 GE-MMBT4403 Datasheet
116Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
MPS2907A GE-MPS2907A Datasheet
39Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
logo
Micro Commercial Compon...
MMSTA92 MCC-MMSTA92_11 Datasheet
204Kb / 2P
   PNP Small Signal Transistors
MMST2907A MCC-MMST2907A_11 Datasheet
193Kb / 2P
   PNP Small Signal Transistors
logo
General Semiconductor
MMBT3906 GE-MMBT3906 Datasheet
136Kb / 3P
   SMALL SIGNAL TRANSISTORS (PNP)
MMBTA56 GE-MMBTA56 Datasheet
56Kb / 2P
   Small Signal Transistors (PNP)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com