Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

79RC32355-133DH Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 79RC32355-133DH
Description  Communications Processor
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

79RC32355-133DH Datasheet(HTML) 5 Page - Integrated Device Technology

  79RC32355-133DH Datasheet HTML 1Page - Integrated Device Technology 79RC32355-133DH Datasheet HTML 2Page - Integrated Device Technology 79RC32355-133DH Datasheet HTML 3Page - Integrated Device Technology 79RC32355-133DH Datasheet HTML 4Page - Integrated Device Technology 79RC32355-133DH Datasheet HTML 5Page - Integrated Device Technology 79RC32355-133DH Datasheet HTML 6Page - Integrated Device Technology 79RC32355-133DH Datasheet HTML 7Page - Integrated Device Technology 79RC32355-133DH Datasheet HTML 8Page - Integrated Device Technology 79RC32355-133DH Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
5 of 47
May 25, 2004
IDT 79RC32355
Pin Description Table
The following table lists the functions of the pins provided on the RC32355. Some of the functions listed may be multiplexed onto the same pin.
To define the active polarity of a signal, a suffix will be used. Signals ending with an “N” should be interpreted as being active, or asserted, when at
a logic zero (low) level. All other signals (including clocks, buses and select lines) will be interpreted as being active, or asserted when at a logic one
(high) level.
Note: The input pads of the RC32355 do not contain internal pull-ups or pull-downs. Unused inputs should be tied off to appropriate levels.
This is especially critical for unused control signal inputs (such as BRN) which, if left floating, could adversely affect the RC32355’s opera-
tion. Also, any input pin left floating can cause a slight increase in power consumption.
Name
Type I/O Type
Description
System
CLKP
I
Input
System Clock input. This is the system master clock input. The RISCore 32300 pipeline frequency is a multiple (x2, x3, or
x4) of this clock frequency. All other logic runs at this frequency or less.
COLDRSTN
I
STI1
Cold Reset. The assertion of this signal low initiates a cold reset. This causes the RC32355 state to be initialized, boot
configuration to be loaded, and the internal processor PLL to lock onto the system clock (CLKP).
RSTN
I/O
Low Drive
with STI
Reset. This bidirectional signal is either driven low or tri-stated, an external pull-up is required to supply the high state. The
RC32355 drives RSTN low during a reset (to inform the external system that a reset is taking place) and then tri-states it.
The external system can drive RSTN low to initiate a warm reset, and then should tri-state it.
SYSCLKP
O
High Drive System clock output. This is a buffered and delayed version of the system clock input (CLKP). All SDRAM transactions
are synchronous to this clock. This pin should be externally connected to the SDRAMs and to the RC32355 SDCLKINP pin
(SDRAM clock input).
Memory and Peripheral Bus
MADDR[25:0]
O
[21:0] High
Drive
[25:22] Low
Drive with
STI
Memory Address Bus. 26-bit address bus for memory and peripheral accesses. MADDR[20:17] are used for the
SODIMM data mask enables if SODIMM mode is selected.
MADDR[22] Primary function: General Purpose I/O, GPIOP[27].
MADDR[23] Primary function: General Purpose I/O, GPIOP[28].
MADDR[24] Primary function: General Purpose I/O, GPIOP[29].
MADDR[25] Primary function: General Purpose I/O, GPIOP[30].
MDATA[31:0]
I/O
High Drive Memory Data Bus. 32-bit data bus for memory and peripheral accesses.
BDIRN
O
High Drive External Buffer Direction. External transceiver direction control for the memory and peripheral data bus, MDATA[31:0]. It
is asserted low during any read transaction, and remains high during write transactions.
BOEN[1:0]
O
High Drive External Buffer Output Enable. These signals provide two output enable controls for external data bus transceivers on
the memory and peripheral data bus, MDATA. BOEN[0] is asserted low during external device read transactions. BOEN[1]
is asserted low during SDRAM read transactions.
BRN
I
STI
External Bus Request. This signal is asserted low by an external master device to request ownership of the memory and
peripheral bus.
BGN
O
Low Drive External Bus Grant. This signal is asserted low by RC32355 to indicate that RC32355 has relinquished ownership of the
local memory and peripheral bus to an external master.
WAITACKN
I
STI
Wait or Transfer Acknowledge. When configured as wait, this signal is asserted low during a memory and peripheral
device bus transaction to extend the bus cycle. When configured as transfer acknowledge, this signal is asserted low dur-
ing a memory and peripheral device bus transaction to signal the completion of the transaction.
CSN[5:0]
O
[3:0]
High Drive
[5:4]
Low Drive
Device Chip Select. These signals are used to select an external device on the memory and peripheral bus during device
transactions. Each bit is asserted low during an access to the selected external device.
CSN[4] Primary function: General purpose I/O, GPIOP[16].
CSN[5] Primary function: General purpose I/O, GPIOP[17].
Table 1 Pin Descriptions (Part 1 of 8)


Similar Part No. - 79RC32355-133DH

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
79RC32355 IDT-79RC32355 Datasheet
987Kb / 47P
   IDT Interprise Integrated Communications Processor
logo
Renesas Technology Corp
79RC32355 RENESAS-79RC32355 Datasheet
1Mb / 48P
   IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
More results

Similar Description - 79RC32355-133DH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8344B NSC-DP8344B Datasheet
2Mb / 184P
   Biphase Communications Processor?좦CP
logo
NXP Semiconductors
P3041NXN7NNC NXP-P3041NXN7NNC Datasheet
331Kb / 31P
   P3041 QorIQ Communications Processor
Rev. 0, 11/2011
logo
Texas Instruments
TMS320TCI6484CMH TI1-TMS320TCI6484CMH Datasheet
2Mb / 242P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
logo
Integrated Device Techn...
79RC32435 IDT-79RC32435 Datasheet
877Kb / 53P
   IDTTM InterpriseTM Integrated Communications Processor
logo
Teledyne Technologies I...
T1042 TELEDYNE-T1042 Datasheet
1Mb / 174P
   QorIQ Integrated Multicore Communications Processor
logo
Renesas Technology Corp
79RC32351 RENESAS-79RC32351 Datasheet
1Mb / 43P
   IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
RC32336 RENESAS-RC32336 Datasheet
783Kb / 45P
   IDTTM InterpriseTM Integrated Communications Processor
October 4, 2005
logo
Texas Instruments
TMS320TCI6484 TI1-TMS320TCI6484 Datasheet
2Mb / 242P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
logo
Integrated Device Techn...
IDT79RC32332 IDT-IDT79RC32332 Datasheet
987Kb / 47P
   IDT Interprise Integrated Communications Processor
logo
Texas Instruments
TMS320TCI6487 TI1-TMS320TCI6487_19 Datasheet
1Mb / 220P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com