Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-AD7923CB2 Datasheet(PDF) 8 Page - Analog Devices

Part # EVAL-AD7923CB2
Description  4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7923CB2 Datasheet(HTML) 8 Page - Analog Devices

Back Button EVAL-AD7923CB2 Datasheet HTML 4Page - Analog Devices EVAL-AD7923CB2 Datasheet HTML 5Page - Analog Devices EVAL-AD7923CB2 Datasheet HTML 6Page - Analog Devices EVAL-AD7923CB2 Datasheet HTML 7Page - Analog Devices EVAL-AD7923CB2 Datasheet HTML 8Page - Analog Devices EVAL-AD7923CB2 Datasheet HTML 9Page - Analog Devices EVAL-AD7923CB2 Datasheet HTML 10Page - Analog Devices EVAL-AD7923CB2 Datasheet HTML 11Page - Analog Devices EVAL-AD7923CB2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
–8–
AD7923–Typical Performance Characteristics
REV. 0
PERFORMANCE CURVES
TPC 1 shows a typical FFT plot for the AD7923 at 200 kSPS
sample rate and 50 kHz input frequency. TPC 2 shows the
signal-to-(noise+distortion) ratio performance versus input
frequency for various supply voltages while sampling at 200 kSPS
with an SCLK of 20 MHz.
TPC 3 shows the power supply rejection ratio versus supply
ripple frequency for the AD7923 with no decoupling. The power
supply rejection ratio is defined as the ratio of the power in the
ADC output at full-scale frequency f, to the power of a 200 mV
p-p sine wave applied to the ADC AVDD supply of frequency fS:
PSRR dB
Pf Pfs
()
log(
/
)
= 10
Pf is equal to the power at frequency f in ADC output; PfS is equal
to the power at frequency fS coupled onto the ADC AVDD supply.
Here a 200 mV p-p sine wave is coupled onto the AVDD supply.
TPC 4 shows a graph of total harmonic distortion versus analog
input frequency for various supply voltages, while TPC 5 shows
a graph of total harmonic distortion versus analog input frequency
for various source impedances. See the Analog Input section.
TPC 6 and TPC 7 show typical INL and DNL plots for the
AD7923.
FREQUENCY – kHz
–10
020
406080
100
–30
–50
–70
–90
–110
10
30
50
70
90
4096 POINT FFT
AVDD = 4.75V
fSAMPLE = 200kSPS
fIN = 50kHz
SINAD = 70.714dB
THD = –82.853dB
SFDR = –84.815dB
TPC 1. Dynamic Performance at 200 kSPS
INPUT FREQUENCY – kHz
75
0
100
70
65
60
fSAMPLE = 200kSPS
TA = 25 C
RANGE = 0 V TO REFIN
AVDD = V DRIVE = 5.25V
AVDD = V DRIVE = 4.75V
AVDD = V DRIVE = 3.6V
AVDD = V DRIVE = 2.7V
TPC 2. SINAD vs. Analog Input Frequency for Various
Supply Voltages at 200 kSPS
SUPPLY RIPPLE FREQUENCY – kHz
0
0
200
–40
–60
–80
–90
100
–20
–50
–70
180
160
140
120
80
60
40
20
AVDD = 5V,
200mV p-p SINE WAVE ON AVDD
REFIN = 2.5V, 1 F CAPACITOR
TA = 25 C
–10
–30
TPC 3. PSRR vs. Supply Ripple Frequency
INPUT FREQUENCY – kHz
–50
10
100
–65
–75
–85
–90
–55
–70
–80
fSAMPLE = 200kSPS
TA = 25 C
RANGE = 0V TO REFIN
–60
AVDD = V DRIVE = 2.7V
AVDD = V DRIVE = 3.6V
AVDD = V DRIVE = 4.75V
AVDD = V DRIVE = 5.25V
TPC 4. THD vs. Analog Input Frequency for Various
Supply Voltages at 200 kSPS
INPUT FREQUENCY – kHz
–55
10
100
–70
–80
–90
–95
–60
–75
–85
fSAMPLE = 200kSPS
TA = 25 C
AVDD = 5.25V
RANGE = 0V TO REFIN
–65
RIN = 50
RIN = 100
RIN = 10
RIN = 1000
TPC 5. THD vs. Analog Input Frequency for Various
Source Impedances


Similar Part No. - EVAL-AD7923CB2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7923CBZ AD-EVAL-AD7923CBZ Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
More results

Similar Description - EVAL-AD7923CB2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7923 AD-AD7923_15 Datasheet
381Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. D
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7927 AD-AD7927_15 Datasheet
407Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. D
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. C
AD7927 AD-AD7927 Datasheet
276Kb / 20P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7490 AD-AD7490_15 Datasheet
950Kb / 29P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
AD7490 AD-AD7490 Datasheet
2Mb / 24P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. A
AD7490 AD-AD7490_12 Datasheet
673Kb / 28P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com