Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1060 Datasheet(PDF) 8 Page - Analog Devices

Part # ADM1060
Description  Communications System Supervisory/Sequencing Circuit
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1060 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM1060 Datasheet HTML 4Page - Analog Devices ADM1060 Datasheet HTML 5Page - Analog Devices ADM1060 Datasheet HTML 6Page - Analog Devices ADM1060 Datasheet HTML 7Page - Analog Devices ADM1060 Datasheet HTML 8Page - Analog Devices ADM1060 Datasheet HTML 9Page - Analog Devices ADM1060 Datasheet HTML 10Page - Analog Devices ADM1060 Datasheet HTML 11Page - Analog Devices ADM1060 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
ADM1060
ADM1060 INPUTS
– 8 –
REV. PrJ 11/02
PRELIMINARY TECHNICAL DATA
Thus, N=192 (11000000 or C0H)
The available threshold ranges, and the resolution they are
programmed to are shown in table 1.
Note that the low
end of the detection range is fixed to 33.33% of the top of
the range.
Note also, that for a given SFD, the ranges
overlap (eg) VH goes from 2V to 6V then from 4.8V to
14.4V.
This is to provide better threshold setting resolu-
tion as supplies decrease in value.
Input Name
Voltage Ranges
Resolution
V H
4.8V to 14.4V
37.6mV
2V to 6V
15.6mV
VBn
2V to 6V
15.6mV
(Pos. Mode)
1V to 3V
7.8mV
-6V to -2V
15.6mV
(Neg. Mode)
VPn
2V to 6V
15.6mV
1V to 3V
7.8mV
0.6V to 1.8V
4.7mV
Table 1. Input threshold Ranges and Resolution
.
Figure 2 illustrates the function of the programmable
SFD (for the case of a positive supply).
VPn
VREF
OV
Comparator
UV
Comparator
Fault Type
select
RANGE SELECT
DAC (1- BIT)
DUAL 8-BIT DAC
FOR SETTING UV
AND OV THRESHOLDS
FAULT
OUTPUT
Glitch Filter
Figure 2. Positive Programmable Supply Fault Detector
SFD COMPARATOR HYSTERESIS
The OV and UV comparators, shown in figure 1, are al-
ways looking at VPn via a potential divider.
In order to
avoid chattering (multiple transitions when the input is
very close to the threshold level set), these comparators
have digitally progammable hysteresis. The UV and OV
hysteresis can be programmed in two registers which are
similar but separate to the UV or OV threshold registers.
Only the 5 LSB’s of these registers can be set.
The
hysteresis is added after the supply voltage goes out of
tolerance.
Thus, the user can determine how much above
the UV threshold the input must rise again before a UV
fault is de-asserted.
Similarly, the user can determine
how much below the OV threshold the input must fall
again before an OV fault is de-asserted.
The hysteresis
figure is given by:-
VH=VR x NTHRESH/255
where:-
VH = Desired Hysteresis Voltage
NTHRESH = Decimalized version of 5 bit hysteresis code
Therefore, if the low range threshold detector was selected
(ie) 1V to 3V (VR), the max hysteresis is then defined as:-
(3V-1V) x 31/255 = 242mV (25-1 =31)
The hysteresis programming resolution is the same as the
threshold detect ranges (ie) 37.5mV on the high range,
15.6mV on the mid range, 7.8mV on the low range and
4.7mV on the ultra low range.
BIPOLAR SFD’S
The 2 bipolar SFD’s also allow the detection of faults on
negative supplies.
A polarity bit in the setup register for
this SFD (bit 7- register BSnSEL- see register map
overleaf) determines if a positive or negative input should
be applied to VBn.
Only 1 range (-6V to -2V) is available
when the SFD’s are in negative mode.
Note that the bi-
polar SFD’s cannot be used to power the ADM1060, even
if the voltage on VBn is positive.
SFD FAULT TYPES
3 types of faults can be asserted by the SFD- 1) An OV
fault, 2) an UV fault and 3) an out-of-window fault (where
the UV and OV faults are OR’ed together).
The type of
fault required is programmed using the Fault Type Select
bits (bits 0,1- Register _SnSEL).
If an application re-
quires separate fault conditions to be detected on one sup-
ply (eg) assert PDO1 if an UV fault occurs on a 3.3V
supply, assert PDO9 if an OV fault occurs on the same
3.3V supply, that supply will need to be applied to more
than one input pin.
GLITCH FILTERING ON THE SFD’S
The final stage of the SFD is a glitch filter.
This block
provides time domain filtering on spurious transitions of
the SFD fault output.
These could be caused by bounce
on a supply at its initial turn- on.
The comparators of the
SFD can have hysteresis digitally programmed into them
to ensure smooth transitions but further deglitching is
provided by the glitch filter stage.
A fault must be as-
serted for greater than the programmed Glitch Filter
timeout before it is seen at the output of the glitch filter.
The max. programmable timeout period is 100 s.
Both
edges of the input are filtered by the same amount of time,
so if the input pulse is longer than the glitch filter timeout
and is seen at the output, the length of the output pulse is
the same as the input pulse.
If the input pulse is shorter
than the programmed timeout, then nothing appears at the
output.
Figure 2 shows the implementation of glitch fil-
tering.


Similar Part No. - ADM1060

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1060 AD-ADM1060_15 Datasheet
456Kb / 52P
   Communications System Supervisory/Sequencing Circuit
REV. B
More results

Similar Description - ADM1060

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1060 AD-ADM1060_15 Datasheet
456Kb / 52P
   Communications System Supervisory/Sequencing Circuit
REV. B
logo
Maxim Integrated Produc...
MAX16052 MAXIM-MAX16052 Datasheet
153Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_09 Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
logo
ON Semiconductor
ASM161 ONSEMI-ASM161 Datasheet
140Kb / 7P
   Supervisory Circuit
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com