Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANTX1N6041TR Datasheet(PDF) 4 Page - Microsemi Corporation

Part # JANTX1N6041TR
Description  1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTX1N6041TR Datasheet(HTML) 4 Page - Microsemi Corporation

  JANTX1N6041TR Datasheet HTML 1Page - Microsemi Corporation JANTX1N6041TR Datasheet HTML 2Page - Microsemi Corporation JANTX1N6041TR Datasheet HTML 3Page - Microsemi Corporation JANTX1N6041TR Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1500 WATT BIDIRECTIONAL
TRANSIENT VOLTAGE SUPPRESSOR
100
10
1.0
0.1kW
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 4
Copyright
 2002
11-06-2003 REV A
SCOTTSD A L E DIVISION
1N6036 and 1N6072A
GRAPHS
time (t) in milliseconds
Pulse Time (tp)
FIG. 2 Pulse wave form for exponential surge
100ns
1
µs
10
µs
100
µs
1ms
10ms
Square-wave pulse
Exponential wave-
form (See FIG. 2)
Pulse time duration (tp) is
defined as that point where
IP decays to 50% of peak
value (IPP).
Peak Value
IPP
FIG. 1 – Non-repetitive peak pulse power rating curve
NOTE: Peak power defined as peak voltage times peak current
TL – lead Temperature
oC
FIG. 3 Steady-state power derating curve
PACKAGE DIMENSIONS
DO-13
(DO-202AA)
TA Ambient Temperature
oC
FIG. 4 Derating Curve


Similar Part No. - JANTX1N6041TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTX1N6075 MICROSEMI-JANTX1N6075 Datasheet
300Kb / 3P
   VOIDLESS HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS POWER RECTIFIERS
logo
Opto Electronics Co,. L...
JANTX1N6092 E-OEC-JANTX1N6092 Datasheet
100Kb / 2P
   JAN QUALIFIED HERMETIC LED INDICATORS
JANTX1N6093 E-OEC-JANTX1N6093 Datasheet
100Kb / 2P
   JAN QUALIFIED HERMETIC LED INDICATORS
JANTX1N6094 E-OEC-JANTX1N6094 Datasheet
100Kb / 2P
   JAN QUALIFIED HERMETIC LED INDICATORS
More results

Similar Description - JANTX1N6041TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTX1N5632A MICROSEMI-JANTX1N5632A Datasheet
204Kb / 4P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
1N5555 DIGITRON-1N5555 Datasheet
127Kb / 2P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
1N5555 MICROSEMI-1N5555 Datasheet
190Kb / 3P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
1N5908 MICROSEMI-1N5908 Datasheet
224Kb / 3P
   1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR
LC6.5 MICROSEMI-LC6.5_08 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SMCJ170CA MICROSEMI-SMCJ170CA Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
MLCE6.5 MICROSEMI-MLCE6.5 Datasheet
380Kb / 5P
   1500 Watt Low Capacitance Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
LC6.5 NJSEMI-LC6.5 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCJ10ATR MICROSEMI-SMCJ10ATR Datasheet
205Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
LC6.5 MICROSEMI-LC6.5 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com