Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8937116FSC Datasheet(PDF) 10 Page - Zilog, Inc.

Part # Z8937116FSC
Description  16-BIT DIGITAL SIGNAL PROCESSORS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8937116FSC Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button Z8937116FSC Datasheet HTML 6Page - Zilog, Inc. Z8937116FSC Datasheet HTML 7Page - Zilog, Inc. Z8937116FSC Datasheet HTML 8Page - Zilog, Inc. Z8937116FSC Datasheet HTML 9Page - Zilog, Inc. Z8937116FSC Datasheet HTML 10Page - Zilog, Inc. Z8937116FSC Datasheet HTML 11Page - Zilog, Inc. Z8937116FSC Datasheet HTML 12Page - Zilog, Inc. Z8937116FSC Datasheet HTML 13Page - Zilog, Inc. Z8937116FSC Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Z89321/371/391
16-Bit Digital Signal Processors
Zilog
10
P R E L I M I N A R Y
DS97DSP0100
ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed under Absolute Maxi-
mum Ratings may cause permanent damage to the de-
vice. This is a stress rating only; operation of the device at
any condition above those indicated in the operational sec-
tions of these specifications is not implied. Exposure to ab-
solute maximum rating conditions for extended periods
may affect device reliability.
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test
conditions as noted. All voltages are referenced to
Ground. Positive current flows into the referenced pin (Fig-
ure 6).
Symbol Description
Min.
Max. Units
VCC
Supply voltage (*)
Ð0.3
+7.0
V
TSTG Storage Temp.
Ð65
°
+150
°C
TA
Oper. Ambient Temp.
°C
Note:
* Voltage on all pins with respect to GND.
See Ordering Information.
Figure 6. Test Load Diagram
+5V
From Output
Under Test
30 pF
9.1 K
W
2.1 K
W


Similar Part No. - Z8937116FSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89371 ZILOG-Z89371 Datasheet
299Kb / 40P
   16-Bit Digital Signal Processors
Z89371 ZILOG-Z89371 Datasheet
149Kb / 4P
   Z89371 ACCESSORY KIT
Z89371 ZILOG-Z89371 Datasheet
270Kb / 7P
   Z89371 ACCESSORY KIT
Z8937100ZAC ZILOG-Z8937100ZAC Datasheet
149Kb / 4P
   Z89371 ACCESSORY KIT
Z8937101ZAC ZILOG-Z8937101ZAC Datasheet
270Kb / 7P
   Z89371 ACCESSORY KIT
More results

Similar Description - Z8937116FSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89323 ZILOG-Z89323 Datasheet
514Kb / 61P
   16-BIT DIGITAL SIGNAL PROCESSORS
Z89321 ZILOG-Z89321 Datasheet
299Kb / 40P
   16-Bit Digital Signal Processors
logo
NEC
UPD77110 NEC-UPD77110 Datasheet
451Kb / 80P
   16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSORS
logo
Zilog, Inc.
Z89223 ZILOG-Z89223 Datasheet
865Kb / 60P
   16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
Z8927320VSC ZILOG-Z8927320VSC Datasheet
988Kb / 60P
   16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
Z8927320VSG ZILOG-Z8927320VSG Datasheet
988Kb / 60P
   16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com