Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VUI30-12N1 Datasheet(PDF) 1 Page - IXYS Corporation

Part # VUI30-12N1
Description  Rectifier Module for Three Phase Power Factor Correction
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUI30-12N1 Datasheet(HTML) 1 Page - IXYS Corporation

  VUI30-12N1 Datasheet HTML 1Page - IXYS Corporation VUI30-12N1 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 - 2
© 2001 IXYS All rights reserved
IXYS Semiconductor GmbH
Edisonstr. 15,
D-68623 Lampertheim
Phone: +49-6206-503-0, Fax: +49-6206-503627
IXYS Corporation
3540 Bassett Street, Santa Clara CA 95054
Phone: (408) 982-0700, Fax: 408-496-0670
Advanced Technical Information
Rectifier Module for
Three Phase Power Factor Correction
IXYS reserves the right to change limits, test conditions and dimensions.
VUI 30-12 N1
Typical Rectified Mains Power
P
n =
15 kW
at V
n = 400 V 3~; fT = 15 kHz; TC = 80°C
Features
• NPT IGBT with low saturation voltage
• fast recovery epitaxial diodes (FRED)
• module package:
- high level of integration
- solder terminals for PCB mounting
- isolated DCB ceramic base plate
- large creepage and strike distances
Applications
Three phase rectifier with power factor
correction, set up as follows:
• input from three phase mains
- wide range of input voltage
- mains currents approximately sinusoidal
in phase with mains voltage
- topology permits to control overcurrent
such as in case of input voltage peaks
• output
- direct current link
- buck type converter - reduced output
voltage
- possibility to supply boost converter,
inverter etc.
• required components
- one power semiconductor module per
phase
- one inductor and one capacitor per
phase on mains side
- output inductor, depending on supplied
circuit
Transistor T
Symbol
Conditions
Maximum Ratings
V
CES
T
VJ = 25°C to 150°C
1200
V
V
GES
± 20
V
I
C25
T
C =
25°C
95
A
I
C80
T
C =
80°C
65
A
I
CM
V
GE = ±15 V; RG = 22 Ω; TVJ = 125°C
100
A
V
CEK
RBSOA; L = 100 µH
V
CES
t
SC
V
CE = VCES; VGE = ±15 V; RG = 22 Ω; TVJ = 125°C
10
µs
(SCSOA)
non-repetitive
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
V
CE(sat)
I
C = 20 A; VGE = 15 V; TVJ =
25°C
1.7
2.0
V
T
VJ = 125°C
1.9
V
V
GE(th)
I
C = 2 mA; VGE = VCE
4.5
6.5
V
I
CES
V
CE = VCES; VGE = 0 V; TVJ =
25°C
1.6
mA
T
VJ = 125°C
1.8
mA
I
GES
V
CE = 0 V; VGE = ± 20 V
400
nA
t
d(on)
100
ns
t
r
70
ns
t
d(off)
500
ns
t
f
70
ns
E
on
3.0
mJ
E
off
2.2
mJ
C
ies
V
CE = 25 V; VGE = 0 V; f = 1 MHz
3.3
nF
Q
Gon
V
CE= 600 V; VGE = 15 V; IC = 50 A
240
nC
R
thJC
0.3 K/W
R
thJH
with heatsink transfer paste
0.6
K/W
Inductive load, T
VJ = 125°C
V
CE = 600 V; IC = 20 A
V
GE =
±15 V; R
G = 22 Ω


Similar Part No. - VUI30-12N1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUI72-16NOXT IXYS-VUI72-16NOXT Datasheet
315Kb / 7P
   Standard Rectifier Module(3~ Rectifier Bridge Brake Unit)
More results

Similar Description - VUI30-12N1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUM85-05A IXYS-VUM85-05A Datasheet
70Kb / 3P
   Rectifier Module for Three Phase Power Factor Correction
VUM25-05E IXYS-VUM25-05E Datasheet
82Kb / 4P
   Rectifier Module for Three Phase Power Factor Correction
logo
Powersem GmbH
PSBI9 POWERSEM-PSBI9 Datasheet
291Kb / 2P
   Rectifier Module for Power Factor Correction
PSBI30 POWERSEM-PSBI30 Datasheet
127Kb / 2P
   Rectifier Module for Power Factor Correction
PSBI33 POWERSEM-PSBI33 Datasheet
93Kb / 2P
   Rectifier Module for Power Factor Correction
logo
Tyco Electronics
SPFC301 MACOM-SPFC301 Datasheet
100Kb / 1P
   Power Factor Correction Coils (Three Phase)
logo
IXYS Corporation
VUM33-06PH IXYS-VUM33-06PH Datasheet
344Kb / 8P
   Module for Power Factor Correction
logo
Bi technologies
7720 BITECH-7720 Datasheet
59Kb / 4P
   Power Factor Correction Module
7720-1A BITECH-7720-1A Datasheet
60Kb / 4P
   Power Factor Correction Module
logo
Sensitron
PFC3M-10000 SENSITRON-PFC3M-10000 Datasheet
174Kb / 5P
   10 KW, 3 Phase Module For Active Power Factor Correction
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com