Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE2053 Datasheet(PDF) 4 Page - NTE Electronics

Part # NTE2053
Description  Integrated Circuit 8-Bit MPU Compatible A/D Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2053 Datasheet(HTML) 4 Page - NTE Electronics

  NTE2053 Datasheet HTML 1Page - NTE Electronics NTE2053 Datasheet HTML 2Page - NTE Electronics NTE2053 Datasheet HTML 3Page - NTE Electronics NTE2053 Datasheet HTML 4Page - NTE Electronics NTE2053 Datasheet HTML 5Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Functional Description (Cont’d):
The converter is started by having CS and WR simultaneously low. This sets the start flip–flop (F/F)
and the resulting “1” level resets the 8–bit shift register, resets the interrupt (INTR) F/F and inputs a “1”
to the D flop, F/F1, which is at the input end of the 8–bit shift register. Internal clock signals then transfer
this “1” to the Q output of F/F1. The AND gate, G1, combines this “1” output with a clock signal to provide
a reset signal to the start F/F. If the set signal is no longer present (either WR or CS is a “1”) the start
F/F is reset and the 8–bit shift register then can have the “1” clocked in, which starts the conversion
process. If the set signal were to still be present, this reset pulse would have no effect (both outputs
of the start F/F would momentarily be at a “1” level) and the 8–bit shift register would continue to be held
in the reset mode. This logic therefore allows for wide CS and WR signals and the converter will start
after at least one of these signals returns high and the internal clocks again provide a reset signal for
the start F/F.
After the “1” is clocked through the 8–bit shift register (which completes the SAR search) it appears as
the input to the D–type latch, LATCH 1. As soon as this “1” is output from the shift register, the AND
gate, G2, causes the new digital word to transfer to the TRI–STATE output latches. When LATCH 1
is subsequently enabled, the Q output makes a high–to–low transition which causes the INTR F/F to
set. An inverting buffer then supplies the INTR input signal.
Note that the SET control of the INTR F/F remains low for 8 of the external clock periods (as the internal
clocks run at 1/8 of the frequency of the external clock). If the data output is continuously enabled (CS
and RD both are held low), the INTR output will still signal the end of conversion (by a high–to–low
transition), because the SET input can control the Q output of the INTR F/F even though the RESET
input is constant at a “1” level in this operating mode. This INTR output will therefore stay low for the
duration of the SET signal, which is 8 periods of the external clock frequency (assuming the A/D is
not started during this interval).
When operating in the free–running or continuous conversion mode (INTR pin tied to WR and CS wired
low), the START F/F is SET by the high–to–low transition of the INTR signal. This resets the SHIFT
REGISTER which causes the input to the D–type latch, LATCH 1, to go low. As the latch enable input
is still present, the Q output will go high, which then allows the INTR F/F to be RESET. This reduces
the width of the resulting INTR output pulse to only a few propagation delays (approximately 300ns).
When data is to be read, the combination of both CS and RD being low will cause the INTR F/F to be
reset and the TRI–STATE output latches will be enables to provide the 8–bit digital outputs.
VREF/2
VIN (–)
VIN (+)
INTR
WR
RD
CS
VCC
Pin Connection Diagram
A GND
CLK IN
DB2
DB5
DB0 (LSB)
1
2
3
4
5
6
7
20
19
18
17
CLK R
DB1
16
15
DB3
14
DB4
8
13
DB6
9
12
D GND
DB7 (MSB)
10
11


Similar Part No. - NTE2053

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2050 NTE-NTE2050 Datasheet
26Kb / 4P
   Integrated Circuit 31/2-Digit Single Chip A/D Converter
NTE2051 NTE-NTE2051 Datasheet
26Kb / 4P
   Integrated Circuit 31/2-Digit Single Chip A/D Converter
NTE2054 NTE-NTE2054 Datasheet
23Kb / 3P
   Integrated Circuit A/D Converter for 3-Digit Display
NTE2055 NTE-NTE2055 Datasheet
29Kb / 4P
   Integrated Circuit CMOS, 3 1/2 Digit A/D Converter
NTE2056 NTE-NTE2056 Datasheet
23Kb / 3P
   Integrated Circuit 8-Bit Multiplying Digital-to-Analog Converter
More results

Similar Description - NTE2053

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6809 NTE-NTE6809 Datasheet
35Kb / 4P
   Integrated Circuit NMOS, 8-Bit Microprocessor (MPU)
NTE3880 NTE-NTE3880 Datasheet
37Kb / 5P
   Integrated Circuit NMOS, 8-Bit Microprocessor (MPU), 4MHz
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
   8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
logo
National Semiconductor ...
ADC0841 NSC-ADC0841 Datasheet
380Kb / 16P
   8-Bit P Compatible A/D Converter
logo
NXP Semiconductors
NE5018 PHILIPS-NE5018 Datasheet
69Kb / 6P
   8-Bit mp-compatible D/A converter
August 31, 1994
logo
List of Unclassifed Man...
ADC-847 ETC2-ADC-847 Datasheet
184Kb / 4P
   MICROPROCESSOR-COMPATIBLE 8-BIT A/D CONVERTER
ADC-8208 ETC-ADC-8208 Datasheet
185Kb / 1P
   MICROPROCESSOR-COMPATIBLE 8-BIT CMOS A/D CONVERTER
Rev. A
logo
Maxim Integrated Produc...
MAX160 MAXIM-MAX160 Datasheet
462Kb / 12P
   關P Compatible 8 Bit A/D Converter
logo
National Semiconductor ...
UA9708 NSC-UA9708 Datasheet
203Kb / 6P
   6-CHANNEL 8-BIT uP COMPATIBLE A/D CONVERTER
logo
Zarlink Semiconductor I...
ZN427E8 ZARLINK-ZN427E8 Datasheet
311Kb / 17P
   MICROPROCESSOR COMPATIBLE 8-BIT SUCCESSIVE APPROXIMATION A-D CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com