Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28512N Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC28512N
Description  ADVANCED PFC/PWM COMBINA CONTROLLERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28512N Datasheet(HTML) 2 Page - Texas Instruments

  UCC28512N Datasheet HTML 1Page - Texas Instruments UCC28512N Datasheet HTML 2Page - Texas Instruments UCC28512N Datasheet HTML 3Page - Texas Instruments UCC28512N Datasheet HTML 4Page - Texas Instruments UCC28512N Datasheet HTML 5Page - Texas Instruments UCC28512N Datasheet HTML 6Page - Texas Instruments UCC28512N Datasheet HTML 7Page - Texas Instruments UCC28512N Datasheet HTML 8Page - Texas Instruments UCC28512N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
UCC28510, UCC28511, UCC28512, UCC28513,
UCC28514, UCC28515, UCC28516, UCC28517
SLUS517B − DECEMBER 2002 − REVISED AUGUST 2004
2
www.ti.com
DESCRIPTION (CONTINUED)
The transient response of the circuit is enhanced by allowing a much faster charge/discharge of the voltage
amplifier output capacitance when the output voltage falls outside a certain regulation window. A number of
additional features such as UVLO circuit with selectable hysteresis levels, an accurate reference voltage for the
voltage amplifier, zero power detect, OVP/enable, peak current limit, power limiting, high-current output gate
driver characterize the PFC section.
The PWM section features peak current mode control (with a ramp signal available to add slope compensation),
programmable soft-start, accurate maximum duty cycle clamp, peak current limit and high-current output gate
driver. The oscillator for the combination controller is available in two versions. In UCC28510, UCC28511,
UCC28512, and UCC28513, the PWM and the PFC circuits are switched at the same frequency. In the
UCC28514, UCC28515, UCC28516, and UCC28517, the PWM stage frequency is twice that of the PFC
frequency. The PWM stage is suppressed until the PFC output has reached 90% of its programmed value during
startup. During line dropout and turn off, the device allows the PWM stage to operate until the PFC output has
dropped to 47% (UCC28512, UCC28513, UCC28516, and UCC28517) or 71% (UCC28510, UCC28511,
UCC28514, and UCC28515) of its nominal value. See available options table on page 1 for a summary of
options.
The UCC28510 family also features leading-edge modulation for the PFC stage and trailing-edge modulation
for the PWM stage in order to reduce the ripple current in the boost output capacitor. The current amplifier
implementation associated with this scheme also results in better noise immunity.
Available in 20-pin N and DW packages.
SIMPLIFIED APPLICATION DIAGRAM
12
3
16
18
10
5
7
2
UCC2851X
GT1
VSENSE
ISENSE1
IAC
GT2
VREF
VERR
RT
D1
VAC
15
14
13
11
17
19
20
PWRGND
VAOUT
1
6
VFF
MOUT
CAOUT
PKLMT
SS2
8
9
D_MAX
CT_BUFF
GND
ISENSE2
VCC
REF
PRIMARY
SECONDARY
+
VOUT
4
REF
BIAS
RECT
+
PWM
V−LOOP
Z
Z
Z


Similar Part No. - UCC28512N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28512N TI-UCC28512N Datasheet
563Kb / 39P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28512N TI1-UCC28512N Datasheet
1Mb / 42P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28512NE4 TI1-UCC28512NE4 Datasheet
1Mb / 42P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
More results

Similar Description - UCC28512N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28510 TI-UCC28510 Datasheet
563Kb / 39P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28510 TI1-UCC28510_13 Datasheet
1Mb / 42P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
logo
Anpec Electronics Corop...
APW7026 ANPEC-APW7026 Datasheet
138Kb / 11P
   Advanced PWM and Dual Linear Power Controllers
APW6021 ANPEC-APW6021 Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW6021A ANPEC-APW6021A Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW6020 ANPEC-APW6020 Datasheet
128Kb / 13P
   Advanced Dual PWM and Dual Linear Power Controllers
logo
ON Semiconductor
CS5124 ONSEMI-CS5124 Datasheet
174Kb / 11P
   PWM Controllers
July, 2009 ??Rev. 7
logo
Fuji Electric
FA5533 FUJI-FA5533 Datasheet
244Kb / 3P
   PFC / PWM Combination
logo
TelCom Semiconductor, I...
TC25C25 TELCOM-TC25C25 Datasheet
88Kb / 7P
   BICMOS PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com