Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB3300-EZK Datasheet(PDF) 10 Page - SMSC Corporation

Part # USB3300-EZK
Description  HI SPEED USB HOST OR DEVICE PHY WITH ULPI LOW PIN INTERFACE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300-EZK Datasheet(HTML) 10 Page - SMSC Corporation

Back Button USB3300-EZK Datasheet HTML 3Page - SMSC Corporation USB3300-EZK Datasheet HTML 4Page - SMSC Corporation USB3300-EZK Datasheet HTML 5Page - SMSC Corporation USB3300-EZK Datasheet HTML 6Page - SMSC Corporation USB3300-EZK Datasheet HTML 7Page - SMSC Corporation USB3300-EZK Datasheet HTML 8Page - SMSC Corporation USB3300-EZK Datasheet HTML 9Page - SMSC Corporation USB3300-EZK Datasheet HTML 10Page - SMSC Corporation USB3300-EZK Datasheet HTML 11Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Hi-Speed USB Host or Device PHY with ULPI Low Pin Interface
Revision 1.02 (02-16-05)
10
SMSC USB3300
PRODUCT PREVIEW
Multi-Port Applications
To support multiple ports a single USB3300 host can be combined with one of SMSC’s many hub
products to expand the number of ports. SMSC has 2-port, 3-port, 4-port, and 7-port hub designs which
can be used to expand the number of ports in a design.
Figure 6 Expanding Downstream Ports for USB3300 Host Applications
Using a SMSC hub to expand the number of ports allows a single Link to run several USB devices
without a separate Link to support each USB port. Another advantage of using a SMSC hub is on
products where the main board is not located near the USB ports. The USB3300 can be placed on
the main board with the Link ASIC and the hub can be placed on a separate board next to the USB
ports. The only data connection required between the boards is DP and DM.
The CPEN output of the USB3300 is optional and can be used to turn the Hub on or off to lower current
when the USB connection isn’t needed.
Evaluation Board
An evaluation board, EVB-USB3300, is available for building a prototype system with the USB3300.
The evaluation board provides an industry standard T&MT connector to interface a ULPI Link controller
and a Mini-AB connector for the USB cable. A 500mA fault protected 5V Vbus switch that is controlled
by the USB3300 is also included.
Supporting Documentation
Universal Serial Bus Specification, Revision 2.0, April 27, 2000
On-The-Go Supplement to the USB 2.0 Specification, Revision 1.0a, June 24, 2003
USB 2.0 Transceiver Macrocell Interface (UTMI) Specification, Version 1.02, May 27, 2000
UTMI+ Specification, Revision 1.0, February 2, 2004
UTMI+ Low Pin Interface (ULPI) Specification, Revision 1.1
USB3300
DP
DM
CPEN
USBDP0
USBDM0
VBUS_DET
SOC w/
ULPI Link
DP
DM
USB Port 1
USBDP1
USBDN1
DIR
NXT
STP
DATA[7]
DATA[6]
DATA[5]
DATA[4]
DATA[3]
DATA[2]
DATA[1]
DATA[0]
CLOCK
DIR
NXT
STP
DATA[7]
DATA[6]
DATA[5]
DATA[4]
DATA[3]
DATA[2]
DATA[1]
DATA[0]
CLOCK
USB2502
DP
DM
USB Port 2
USBDP2
USBDN2
DP
DM
USB Port 3
USBDP3
USBDN3
DP
DM
USB Port 4
USBDP4
USBDN4
DP
DM
USB Ports 5-7
USBDP5-7
USBDN5-7
USB2507
USB2503
USB2504


Similar Part No. - USB3300-EZK

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3300-EZK SMSC-USB3300-EZK Datasheet
719Kb / 49P
   Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
USB3300-EZK SMSC-USB3300-EZK Datasheet
960Kb / 55P
   Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
logo
Microchip Technology
USB3300-EZK MICROCHIP-USB3300-EZK Datasheet
676Kb / 59P
   Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Revision 1.1 01-24-13
USB3300-EZK MICROCHIP-USB3300-EZK Datasheet
676Kb / 59P
   Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Revision 1.1 01-24-13
More results

Similar Description - USB3300-EZK

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3300 SMSC-USB3300_06 Datasheet
719Kb / 49P
   Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
logo
Microchip Technology
USB3300-EZK MICROCHIP-USB3300-EZK Datasheet
676Kb / 59P
   Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Revision 1.1 01-24-13
logo
SMSC Corporation
USB3300 SMSC-USB3300_07 Datasheet
960Kb / 55P
   Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
logo
Microchip Technology
USB3300-EZK MICROCHIP-USB3300-EZK Datasheet
676Kb / 59P
   Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Revision 1.1 01-24-13
USB3450 MICROCHIP-USB3450 Datasheet
740Kb / 39P
   Hi-Speed USB Host or Device PHY With UTMI Interface
07/14/15
logo
SMSC Corporation
USB3450 SMSC-USB3450 Datasheet
1Mb / 40P
   HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
USB3500 SMSC-USB3500 Datasheet
749Kb / 46P
   Hi-Speed USB Host, Device or OTG PHY With UTMI Interface
logo
Microchip Technology
USB3500 MICROCHIP-USB3500 Datasheet
792Kb / 45P
   Hi-Speed USB Host, Device or OTG PHY
07/14/15
USB3300 MICROCHIP-USB3300 Datasheet
1Mb / 53P
   Hi-Speed USB Host, Device or OTG PHY
01/27/15
logo
SMSC Corporation
USB3280 SMSC-USB3280 Datasheet
977Kb / 42P
   Hi-Speed USB Device PHY with UTMI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com