Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UNR2110 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # UNR2110
Description  Silicon PNP epitaxial planar type
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UNR2110 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button UNR2110 Datasheet HTML 6Page - Panasonic Semiconductor UNR2110 Datasheet HTML 7Page - Panasonic Semiconductor UNR2110 Datasheet HTML 8Page - Panasonic Semiconductor UNR2110 Datasheet HTML 9Page - Panasonic Semiconductor UNR2110 Datasheet HTML 10Page - Panasonic Semiconductor UNR2110 Datasheet HTML 11Page - Panasonic Semiconductor UNR2110 Datasheet HTML 12Page - Panasonic Semiconductor UNR2110 Datasheet HTML 13Page - Panasonic Semiconductor UNR2110 Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
UNR211x Series
10
SJH00006CED
Cob  VCB
IO  VIN
VIN  IO
Cob  VCB
IO  VIN
VIN  IO
IC  VCE
VCE(sat)  IC
hFE  IC
Characteristics charts of UNR211D
0
−0.1
6
5
4
3
2
1
−1
−10
−100
Collector-base voltage V
CB (V)
f = 1 MHz
IE = 0
Ta
= 25°C
−1
−0.4
−10
−102
−103
−104
−1.4
−1.2
−1.0
−0.8
−0.6
Input voltage V
IN (V)
VO
= −5 V
Ta
= 25°C
−0.01
−0.1
−0.1
−1
−10
−100
−1
−10
−100
Output current I
O (mA)
VO
= −0.2 V
Ta
= 25°C
0
0
−12
−2
−10
−4
−8
−6
−60
−50
−40
−30
−20
−10
Collector-emitter voltage V
CE (V)
Ta
= 25˚C
IB
= − 1.0 mA
− 0.9 mA
− 0.8 mA
− 0.7 mA
− 0.6 mA
− 0.5 mA
− 0.4 mA
− 0.3 mA
− 0.2 mA
− 0.1 mA
−0.01
−0.1
−0.1
−1
−10
−100
−1
−10
−100
Collector current I
C (mA)
IC / IB
= 10
Ta
= 75°C
25
°C
−25°C
0
−1
40
80
120
160
−10
−100
−1000
Collector current I
C (mA)
VCE =
−10 V
Ta
= 75°C
25
°C
−25°C
0
−0.1
6
5
4
3
2
1
−1
−10
−100
Collector-base voltage V
CB (V)
f
= 1 MHz
IE
= 0
Ta
= 25°C
−1
−1.5
−10
−102
−103
−104
−4.0
−3.5
−3.0
−2.5
−2.0
Input voltage V
IN (V)
VO
= −5 V
Ta
= 25°C
−0.01
−0.1
−0.1
−1
−10
−100
−1
−10
−100
Output current I
O (mA)
VO
= − 0.2 V
Ta
= 25°C


Similar Part No. - UNR2110

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UNR2111 PANASONIC-UNR2111 Datasheet
87Kb / 3P
   Silicon PNP epitaxial planar type
UNR211300L PANASONIC-UNR211300L Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
UNR211500L PANASONIC-UNR211500L Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
More results

Similar Description - UNR2110

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SB1693 PANASONIC-2SB1693 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar type
2SB1071 PANASONIC-2SB1071 Datasheet
93Kb / 4P
   Silicon PNP epitaxial planar type
2SB1172 PANASONIC-2SB1172 Datasheet
84Kb / 3P
   Silicon PNP epitaxial planar type
2SA2064 PANASONIC-2SA2064 Datasheet
78Kb / 3P
   Silicon PNP epitaxial planar type
XP06401 PANASONIC-XP06401 Datasheet
104Kb / 4P
   Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1175 KEXIN-2SB1175 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com