Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UHP-3-3-30-D48 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UHP-3-3-30-D48
Description  Single Output UHP Models
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UHP-3-3-30-D48 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UHP-3-3-30-D48 Datasheet HTML 1Page - List of Unclassifed Manufacturers UHP-3-3-30-D48 Datasheet HTML 2Page - List of Unclassifed Manufacturers UHP-3-3-30-D48 Datasheet HTML 3Page - List of Unclassifed Manufacturers UHP-3-3-30-D48 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3.3 Volts @ 30 Amps
100 Watt, DC/DC Converters
Single Output
UHP Models
Features
Figure 1. Simplified Schematic
INNOVATION and EXCELLENCE
®
®
s
s
s
s
s
s
s
s
s
s
s
s
s
DATEL, Inc., Mansfield, MA 02048 (USA) · Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 · Email: sales@datel.com · Internet: www.datel.com
DATEL's fully isolated UHP series of DC/DC converters affords users a practical
solution for their low-voltage/high-current applications. With an input voltage range of
36 to 75 Volts, the UHP-3.3/30-D48 delivers 30 Amps of output current from a fully
regulated 3.3V output. Using both surface-mount technology and planar magnetics,
these converters are manufactured on a 2.3" x 2.4" open-frame package with an
industry-standard pinout configuration.
UHP converters utilize a full-bridge, fixed-frequency topology along with syn-
chronous output rectification to achieve a high efficiency of 89%. This efficiency,
coupled with the open-frame package that allows unrestricted air flow, reduces
internal component temperatures thereby allowing operation at elevated ambient
temperatures.
These DC/DC's provide output trim, sense pins and primary side on/off control
(available with positive or negative logic) or sync. Standard features also include
input overvoltage and undervoltage shutdown circuitry, output overvoltage protec-
tion, output short-circuit and current limiting protection and thermal shutdown. All
devices meet IEC950, UL1950 and EN60950 safety standards and carry the CE
mark (meet LVD) requirements). CB reports are available on request.
Regulated 3.3V output @ 30 Amps
Input range: 36V-75V
Open frame: 2.3" x 2.4" x 0.47"
Industry-standard package/pinout
Light weight: 2.24 ounces (63.5g)
Remose sense, Trim, On/Off Control
High efficiency: 89%
Fully isolated, 1500Vdc guaranteed
Input under and overvoltage shutdown
Output overvoltage protection
Short circuit protection; thermal shutdown
UL1950 and EN60950 safety approvals
CE mark
+INPUT
–INPUT
+SENSE
–SENSE
+3.3V OUTPUT
OUTPUT
RETURN
UV & OV
COMPARATORS
THERMAL
SHUTDOWN
PRIMARY
SWITCH
CONTROL
SECONDARY
SWITCH
CONTROL
PWM
CONTROLLER
REFERENCE &
ERROR AMP
OPTO
ISOLATION
PRELIMINARY


Similar Part No. - UHP-3-3-30-D48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
UHP-350 MEANWELL-UHP-350 Datasheet
237Kb / 6P
   350W Slim Type with PFC Switching Power Supply
More results

Similar Description - UHP-3-3-30-D48

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UEP-3.3-4500-D12 MURATA-UEP-3.3-4500-D12 Datasheet
863Kb / 11P
   Single Output UEP Models
USQ30 MURATA-USQ30 Datasheet
408Kb / 15P
   Single Output USQ 30A Models
logo
List of Unclassifed Man...
9171 ETC2-9171 Datasheet
2Mb / 6P
   Single and dual output models with up to 210W output power
logo
E&E Magnetic Products L...
821-00023F EEMAGNETIC-821-00023F Datasheet
120Kb / 3P
   Single through hole models
logo
Wall Industries,Inc.
DCMSPU01H WALL-DCMSPU01H Datasheet
334Kb / 4P
   1 Watt DC/DC Converter Single and Output Models
logo
Murata Power Solutions ...
DLV-3.3 MURATA-PS-DLV-3.3 Datasheet
187Kb / 6P
   Dual Output Mixed Voltage, DLV Models
logo
List of Unclassifed Man...
DSM-5-3.3-D12 ETC1-DSM-5-3.3-D12 Datasheet
175Kb / 7P
   Dual Output Mixed Voltage, DSM Models
logo
Power-One
ABC40 POWER-ONE-ABC40 Datasheet
556Kb / 4P
   40 W convection cooled, No minimum load required - single output models
logo
List of Unclassifed Man...
BCP-5-3.3-D24 ETC1-BCP-5-3.3-D24 Datasheet
240Kb / 12P
   Dual Output Mixed Voltage, BCP Models
logo
C&D Technologies
BWR-15 CANDD-BWR-15 Datasheet
433Kb / 6P
   Dual Output A-Series, BWR Models
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com