Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4476 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4476
Description  Dual Low-Drop Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4476 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4476 Datasheet HTML 3Page - Infineon Technologies AG TLE4476 Datasheet HTML 4Page - Infineon Technologies AG TLE4476 Datasheet HTML 5Page - Infineon Technologies AG TLE4476 Datasheet HTML 6Page - Infineon Technologies AG TLE4476 Datasheet HTML 7Page - Infineon Technologies AG TLE4476 Datasheet HTML 8Page - Infineon Technologies AG TLE4476 Datasheet HTML 9Page - Infineon Technologies AG TLE4476 Datasheet HTML 10Page - Infineon Technologies AG TLE4476 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Data Sheet Rev. 2.3
7
2002-02-20
TLE 4476
Current Consumption
Quiescent current;
I
q = II IQ1
I
q
100
150
mA
T
j < 85
°C;
V
EN = 0 V
Quiescent current;
I
q = II IQ1 IQ2
I
q
300
400
mA
I
Q1 = IQ2 = 300
mA;
T
j < 85
°C
Quiescent current
I
q = II IQ1 IQ2
I
q
2.5
10
mA
I
Q1 = 150 mA;
I
Q2 = 300
mA
Quiescent current
I
q = II IQ2 IQ1
I
q
513
mA
I
Q1 = 300
mA;
I
Q2 = 250 mA
Enable input EN
EN ON voltage
V
EN ON
1.8
––
V
V
Q2 ON
EN OFF voltage
V
EN OFF
––
1.0
V
V
Q2 OFF
Input current
V
EN
20
30
mA
V
EN = 13 V
Electrical Characteristics (cont’d)
V
I
= 13.5 V;
V
EN > VENH; – 40
°C < T
j < 150
°C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
min. typ.
max.


Similar Part No. - TLE4476

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4476 INFINEON-TLE4476 Datasheet
424Kb / 14P
   Dual Low Drop Voltage Regulator
Rev. 2.5, 2007-03-20
TLE4476D INFINEON-TLE4476D Datasheet
424Kb / 14P
   Dual Low Drop Voltage Regulator
Rev. 2.5, 2007-03-20
TLE4476 INFINEON-TLE4476_07 Datasheet
424Kb / 14P
   Dual Low Drop Voltage Regulator
Rev. 2.5, 2007-03-20
More results

Similar Description - TLE4476

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4470 SIEMENS-TLE4470 Datasheet
121Kb / 22P
   Dual Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4476 INFINEON-TLE4476_07 Datasheet
424Kb / 14P
   Dual Low Drop Voltage Regulator
Rev. 2.5, 2007-03-20
TLE4473GV52 INFINEON-TLE4473GV52 Datasheet
652Kb / 15P
   Dual Low Drop Voltage Regulator
Rev. 1.0, 2004-07-14
TLE4473GV55-2 INFINEON-TLE4473GV55-2 Datasheet
676Kb / 16P
   Dual Low Drop Voltage Regulator
Rev. 0.2, 2005-07-26
TLE7469 INFINEON-TLE7469 Datasheet
644Kb / 21P
   Dual Low Drop Voltage Regulator
Rev. 1.3, 2004-10-28
logo
STMicroelectronics
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
   Very low drop dual voltage regulator
LDRXXYY STMICROELECTRONICS-LDRXXYY Datasheet
384Kb / 13P
   VERY LOW DROP DUAL VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4470 INFINEON-TLE4470_08 Datasheet
277Kb / 24P
   Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
logo
STMicroelectronics
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
   LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com