Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC554161AFT-10L Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC554161AFT-10L
Description  262,144-WORD BY 16-BIT STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC554161AFT-10L Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC554161AFT-10L Datasheet HTML 2Page - Toshiba Semiconductor TC554161AFT-10L Datasheet HTML 3Page - Toshiba Semiconductor TC554161AFT-10L Datasheet HTML 4Page - Toshiba Semiconductor TC554161AFT-10L Datasheet HTML 5Page - Toshiba Semiconductor TC554161AFT-10L Datasheet HTML 6Page - Toshiba Semiconductor TC554161AFT-10L Datasheet HTML 7Page - Toshiba Semiconductor TC554161AFT-10L Datasheet HTML 8Page - Toshiba Semiconductor TC554161AFT-10L Datasheet HTML 9Page - Toshiba Semiconductor TC554161AFT-10L Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TC554161AFT-70,-85,-10,-70L,-85L,-10L
2001-08-17
8/10
Note:
(1)
R/W remains HIGH for the read cycle.
(2)
If CE goes LOW coincident with or after R/W goes LOW, the outputs will remain at high impedance.
(3)
If CE goes HIGH coincident with or before R/W goes HIGH, the outputs will remain at high impedance.
(4)
If OE is HIGH during the write cycle, the outputs will remain at high impedance.
(5)
Because I/O signals may be in the output state at this time, input signals of reverse polarity must not be
applied.
DATA RETENTION CHARACTERISTICS (Ta
==== 0° to 70°C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
VDH
Data Retention Supply Voltage
2.0
¾
5.5
V
VDH = 3.0 V
¾
¾
50
-70,-85,-10
VDH = 5.5 V
¾
¾
100
VDH = 3.0 V
¾
¾
25*
IDDS2
Standby Current
-70L,-85L,-10L
VDH = 5.5 V
¾
¾
50
mA
tCDR
Chip Deselect to Data Retention Mode Time
0
¾
¾
ns
tR
Recovery Time
5
¾
¾
ms
*:
5
mA (max) at Ta = 0° to 40°C
CONTROLLED DATA RETENTION MODE
Note: When CE is operating at the VIH level (2.2V), the standby current is given by IDDS1 during the transition
of VDD from 4.5 to 2.4V.
CE
VDD
4.5 V
GND
VIH
DATA RETENTION MODE
tR
(See Note)
(See Note)
tCDR
VDD - 0.2 V
CE


Similar Part No. - TC554161AFT-10L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC554161AFTI-10 TOSHIBA-TC554161AFTI-10 Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-10L TOSHIBA-TC554161AFTI-10L Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-70 TOSHIBA-TC554161AFTI-70 Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-70L TOSHIBA-TC554161AFTI-70L Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-85 TOSHIBA-TC554161AFTI-85 Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

Similar Description - TC554161AFT-10L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC554161FTI TOSHIBA-TC554161FTI Datasheet
418Kb / 9P
   262,144-WORD BY 16-BIT STATIC RAM
TC554161FTL TOSHIBA-TC554161FTL_V01 Datasheet
439Kb / 9P
   262,144-WORD BY 16-BIT STATIC RAM
1997-06-12
TC554161FTL-70L TOSHIBA-TC554161FTL-70L Datasheet
420Kb / 9P
   262,144-WORD BY 16 BIT STATIC RAM
TC554161FTL TOSHIBA-TC554161FTL Datasheet
478Kb / 11P
   262,144-WORD BY 16-BIT STATIC RAM
TC55V16256J TOSHIBA-TC55V16256J Datasheet
448Kb / 9P
   262,144-WORD BY 16-BIT CMOS STATIC RAM
TC55VZM216A TOSHIBA-TC55VZM216A Datasheet
192Kb / 11P
   262,144-WORD BY 16-BIT CMOS STATIC RAM
TC55V400AFT-70 TOSHIBA-TC55V400AFT-70 Datasheet
173Kb / 11P
   262,144-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55V2001FI TOSHIBA-TC55V2001FI Datasheet
562Kb / 13P
   262,144-WORD BY 8-BIT STATIC RAM
TC554161FTL TOSHIBA-TC554161FTL_V02 Datasheet
436Kb / 8P
   262,144 WORD x 16 BIT STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5255DP-45LL MITSUBISHI-M5M5255DP-45LL Datasheet
64Kb / 7P
   262,144-BIT (32,768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com