Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC554161AFT-85L Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC554161AFT-85L
Description  262,144-WORD BY 16-BIT STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC554161AFT-85L Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC554161AFT-85L Datasheet HTML 1Page - Toshiba Semiconductor TC554161AFT-85L Datasheet HTML 2Page - Toshiba Semiconductor TC554161AFT-85L Datasheet HTML 3Page - Toshiba Semiconductor TC554161AFT-85L Datasheet HTML 4Page - Toshiba Semiconductor TC554161AFT-85L Datasheet HTML 5Page - Toshiba Semiconductor TC554161AFT-85L Datasheet HTML 6Page - Toshiba Semiconductor TC554161AFT-85L Datasheet HTML 7Page - Toshiba Semiconductor TC554161AFT-85L Datasheet HTML 8Page - Toshiba Semiconductor TC554161AFT-85L Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC554161AFT-70,-85,-10,-70L,-85L,-10L
2001-08-17
5/10
AC CHARACTERISTICS AND OPERATING CONDITIONS (Ta
==== 0° to 70°C, VDD ==== 5 V ±±±± 10%)
READ CYCLE
TC554161AFT
-70,-70L
-85,-85L
-10,-10L
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tRC
Read Cycle Time
70
¾
85
¾
100
¾
tACC
Address Access Time
¾
70
¾
85
¾
100
tCO
Chip Enable Access Time
¾
70
¾
85
¾
100
tOE
Output Enable Access Time
¾
35
¾
45
¾
50
tBA
Data Byte Control Access Time
¾
35
¾
45
¾
50
tOH
Output Data Hold Time
10
¾
10
¾
10
¾
tCOE
Chip Enable Low to Output Active
10
¾
10
¾
10
¾
tOEE
Output Enable Low to Output Active
5
¾
5
¾
5
¾
tBE
Data Byte Control Low to Output Active
5
¾
5
¾
5
¾
tOD
Chip Enable High to Output High-Z
¾
25
¾
30
¾
35
tODO
Output Enable High to Output High-Z
¾
25
¾
30
¾
35
tBD
Data Byte Control High to Output High-Z
¾
25
¾
30
¾
35
ns
WRITE CYCLE
TC554161AFT
-70,-70L
-85,-85L
-10,-10L
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tWC
Write Cycle Time
70
¾
85
¾
100
¾
tWP
Write Pulse Width
50
¾
55
¾
60
¾
tCW
Chip Enable to End of Write
60
¾
70
¾
80
¾
tBW
Data Byte Control to End of Write
50
¾
55
¾
60
¾
tAS
Address Setup Time
0
¾
0
¾
0
¾
tWR
Write Recovery Time
0
¾
0
¾
0
¾
tDS
Data Setup Time
30
¾
35
¾
40
¾
tDH
Data Hold Time
0
¾
0
¾
0
¾
tOEW
R/W High to Output Active
5
¾
5
¾
5
¾
tODW
R/W Low to Output High-Z
¾
25
¾
30
¾
35
ns
AC TEST CONDITIONS
PARAMETER
TEST CONDITION
Output load
100 pF
+ 1 TTL Gate
Input pulse level
0.6 V, 2.4 V
Timing measurements
1.5 V
Reference level
1.5 V
tR, tF
5 ns


Similar Part No. - TC554161AFT-85L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC554161AFTI-10 TOSHIBA-TC554161AFTI-10 Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-10L TOSHIBA-TC554161AFTI-10L Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-70 TOSHIBA-TC554161AFTI-70 Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-70L TOSHIBA-TC554161AFTI-70L Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-85 TOSHIBA-TC554161AFTI-85 Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

Similar Description - TC554161AFT-85L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC554161FTI TOSHIBA-TC554161FTI Datasheet
418Kb / 9P
   262,144-WORD BY 16-BIT STATIC RAM
TC554161FTL TOSHIBA-TC554161FTL_V01 Datasheet
439Kb / 9P
   262,144-WORD BY 16-BIT STATIC RAM
1997-06-12
TC554161FTL-70L TOSHIBA-TC554161FTL-70L Datasheet
420Kb / 9P
   262,144-WORD BY 16 BIT STATIC RAM
TC554161FTL TOSHIBA-TC554161FTL Datasheet
478Kb / 11P
   262,144-WORD BY 16-BIT STATIC RAM
TC55V16256J TOSHIBA-TC55V16256J Datasheet
448Kb / 9P
   262,144-WORD BY 16-BIT CMOS STATIC RAM
TC55VZM216A TOSHIBA-TC55VZM216A Datasheet
192Kb / 11P
   262,144-WORD BY 16-BIT CMOS STATIC RAM
TC55V400AFT-70 TOSHIBA-TC55V400AFT-70 Datasheet
173Kb / 11P
   262,144-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55V2001FI TOSHIBA-TC55V2001FI Datasheet
562Kb / 13P
   262,144-WORD BY 8-BIT STATIC RAM
TC554161FTL TOSHIBA-TC554161FTL_V02 Datasheet
436Kb / 8P
   262,144 WORD x 16 BIT STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5255DP-45LL MITSUBISHI-M5M5255DP-45LL Datasheet
64Kb / 7P
   262,144-BIT (32,768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com