Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC9447F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC9447F
Description  Single-Chip Audio Digital Signal Processor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9447F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC9447F Datasheet HTML 1Page - Toshiba Semiconductor TC9447F Datasheet HTML 2Page - Toshiba Semiconductor TC9447F Datasheet HTML 3Page - Toshiba Semiconductor TC9447F Datasheet HTML 4Page - Toshiba Semiconductor TC9447F Datasheet HTML 5Page - Toshiba Semiconductor TC9447F Datasheet HTML 6Page - Toshiba Semiconductor TC9447F Datasheet HTML 7Page - Toshiba Semiconductor TC9447F Datasheet HTML 8Page - Toshiba Semiconductor TC9447F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
TC9447F
2002-02-05
5
Pin
No.
Symbol
I/O
Function
Remarks
58
VDD
Power pin
59
SYNC
I
Program SYNC signal input pin
Schmitt input
60
ELRO
I
LR clock input pin for serial data output
Schmitt input
61
ELRI
I
LR clock input pin for serial data input
Schmitt input
62
EBCO
I
Bit clock input pin for serial data output
Schmitt input
63
EBCI
I
Bit clock input pin for serial data input
Schmitt input
64
DIN
I
Serial data input pin
Schmitt input
65
DOUT
O
Serial data output pin
Push-pull output
66
EM0
I
De-emphasis setting pin 0
Schmitt input
67
EM1
I
De-emphasis setting pin 1
Schmitt input
68
IFF0
I
Interface flag pin 0
Schmitt input
69
IFF1
I
Interface flag pin 1
Schmitt input
70
IFF2
I
Interface flag pin 2
Schmitt input
71
GND
Ground pin
72
CS
I
Microcontroller interface chip select signal input pin
Schmitt input
73
IFCK
I
Microcontroller interface data shift clock input pin
Schmitt input
74
IFDI
I/O Microcontroller interface data input pin
(Data input/output pin when I
2
C bus selected)
Schmitt input/
open drain output
75
IFDO
O
Microcontroller interface data output pin
(Leave open when I
2
C bus selected.)
Push-pull output
76
IFOK
O
Microcontroller interface operation flag output pin
Open drain output
77
ACK
O
Microcontroller interface acknowledge output pin
Open drain output
78
ERR
O
Microcontroller interface error flag output pin
Open drain output
79
I
2
CS
I
Microcontroller interface I
2
C bus switching pin
80
BOOT
I
Self-boot control pin
Schmitt input
81
BA0
I
Boot address setting pin 0
Schmitt input
82
BA1
I
Boot address setting pin 1
Schmitt input
83
VDD
Power pin
84~87 TST0~TST3
I
Test pins. Use fixed to low level.
Schmitt input
88
GND
Ground pin
89
VSAL
Ground pin for analog mode (ADC L channel)
90
LIN
I
ADC analog signal input pin (L channel)
91
AVRL
ADC reference voltage pin (L channel)
92
VDL
Power pin for analog mode (ADC L channel)
93
VDR
Power pin for analog mode (ADC R channel)
94
AVRR
ADC reference voltage pin (R channel)
95
RIN
I
ADC analog signal input pin (R channel)
96
VSAR
Ground pin for analog mode (ADC R channel)
97
GNDX
Ground pin for oscillator circuit
98
XI
I
Crystal oscillator connecting pin (input)
Pulled-down resistor
(with on/off switching
function)
99
XO
O
Crystal oscillator connecting pin (output)
100
VDX
Power pin for oscillator circuit


Similar Part No. - TC9447F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9444F TOSHIBA-TC9444F Datasheet
297Kb / 28P
   Single-Chip karaoke IC II
TC9446F TOSHIBA-TC9446F Datasheet
558Kb / 41P
   Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
TC9446FG TOSHIBA-TC9446FG Datasheet
563Kb / 41P
   Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
More results

Similar Description - TC9447F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC94A48FG TOSHIBA-TC94A48FG Datasheet
628Kb / 36P
   Single-chip Audio Digital Signal Processor
TC9496AF TOSHIBA-TC9496AF Datasheet
465Kb / 48P
   1 Chip Audio Digital Signal Processor
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Sanyo Semicon Device
LC83010N SANYO-LC83010N Datasheet
446Kb / 20P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Toshiba Semiconductor
TC9331F TOSHIBA-TC9331F Datasheet
1Mb / 33P
   AUDIO DIGITAL SIGNAL PROCESSOR
TC9332F TOSHIBA-TC9332F Datasheet
1Mb / 28P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Rohm
BH7802K ROHM-BH7802K Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
BH7800K ROHM-BH7800K Datasheet
174Kb / 13P
   Single chip Hi-Fi audio signal processor
BH7801BK ROHM-BH7801BK Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
logo
Sony Corporation
CXD2720Q SONY-CXD2720Q Datasheet
612Kb / 40P
   Single-Chip Digital Signal Processor for Karaoke
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com