Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB6537FG Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TB6537FG
Description  3-Phase Full-Wave Sensorless Controller for Brushless DC Motors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6537FG Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TB6537FG Datasheet HTML 7Page - Toshiba Semiconductor TB6537FG Datasheet HTML 8Page - Toshiba Semiconductor TB6537FG Datasheet HTML 9Page - Toshiba Semiconductor TB6537FG Datasheet HTML 10Page - Toshiba Semiconductor TB6537FG Datasheet HTML 11Page - Toshiba Semiconductor TB6537FG Datasheet HTML 12Page - Toshiba Semiconductor TB6537FG Datasheet HTML 13Page - Toshiba Semiconductor TB6537FG Datasheet HTML 14Page - Toshiba Semiconductor TB6537FG Datasheet HTML 15Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TB6537P/F
2003-02-20
11
Electrical Characteristics (Ta
==== 25°C, VDD ==== 5 V)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Static power supply current
IDD
¾
PWM
= H, XTin = H
¾
0.1
0.3
mA
Dynamic power supply current
IDD (opr)
¾
PWM
= 50% Duty, XTin = 4 MHz
¾
1
3
mA
IIN-1 (H)
¾
VIN = 5 V, PWM, OC, WAVE_U,
SEL_LAP
¾
0
1
IIN-1 (L)
¾
VIN = 0 V, PWM, OC, WAVE_U,
SEL_LAP
-75
-50
¾
IIN-2 (H)
¾
VIN = 5 V, CW_CCW, LA0, LA1,
SEL_OUT
¾
50
75
Input current
IIN-2 (L)
¾
VIN = 0 V, CW_CCW, LA0, LA1,
SEL_OUT
-1
0
¾
mA
VIN (H)
¾
PWM, OC, SEL_LAP, CW_CCW
WAVE_U, LA0, LA1, SEL_OUT
3.5
¾
5
Input voltage
VIN (L)
¾
PWM, OC, SEL_LAP, CW_CCW
WAVE_U, LA0, LA1, SEL_OUT
GND
¾
1.5
V
Input hysteresis voltage
VH
¾
PWM, OC, SEL_LAP, CW_CCW
WAVE_U, LA0, LA1, SEL_OUT
¾
0.6
¾
V
VO-1 (H)
¾
IOH = -1 mA
OUT_UP, OUT_VP, OUT_WP
4.3
¾
VDD
VO-1 (L)
¾
IOH = 20 mA
OUT_UP, OUT_VP, OUT_WP
GND
¾
0.5
VO-2 (H)
¾
IOH = -20 mA
OUT_UN, OUT_VN, OUT_WN
4.0
¾
VDD
Output voltage
VO-2 (L)
¾
IOH = 1 mA
OUT_UN, OUT_VN, OUT_WN
GND
¾
0.5
V
IL (H)
¾
VDD = 5.5 V, VOUT = 0 V
OUT_UP, OUT_VP, OUT_WP
OUT_UN, OUT_VN, OUT_WN
¾
0
10
Output leak current
IL (L)
¾
VDD = 5.5 V, VOUT = 5.5 V
OUT_UP, OUT_VP, OUT_WP
OUT_UN, OUT_VN, OUT_WN
¾
0
10
mA
tpLH
¾
0.5
1
Output delay time
tpHL
¾
PWM-Output
¾
0.5
1
ms


Similar Part No. - TB6537FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6537FG TOSHIBA-TB6537FG Datasheet
253Kb / 17P
   3-PHASE FULL-WAVE SENSORLESS CONTROLLER FOR BRUSHLESS DC MOTORS
More results

Similar Description - TB6537FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6537P TOSHIBA-TB6537P_06 Datasheet
253Kb / 17P
   3-PHASE FULL-WAVE SENSORLESS CONTROLLER FOR BRUSHLESS DC MOTORS
TB6548F TOSHIBA-TB6548F Datasheet
165Kb / 13P
   Three-Phase Full-Wave PWM Sensorless Controller for Brushless DC Motors
TB6548F TOSHIBA-TB6548F_06 Datasheet
380Kb / 14P
   Three-Phase Full-Wave PWM Sensorless Controller for Brushless DC Motors
TB6575FNG TOSHIBA-TB6575FNG Datasheet
122Kb / 13P
   PWM Sensorless Controller for 3-Phase Full-Wave BLDC Motors
TB6575FNG TOSHIBA-TB6575FNG_06 Datasheet
240Kb / 14P
   PWM Sensorless Controller for 3-Phase Full-Wave BLDC Motors
TB6633AFNG TOSHIBA-TB6633AFNG Datasheet
516Kb / 14P
   3-Phase Full-Wave PWM Driver for Sensorless DC Motors
2015-9-15
TB6588FG TOSHIBA-TB6588FG Datasheet
283Kb / 20P
   3-Phase Full-Wave PWM Driver for Sensorless DC Motors
TB67B001FTG TOSHIBA-TB67B001FTG Datasheet
997Kb / 37P
   Sensorless PWM Driver for 3-Phase Brushless Motors
2022-07-22 Rev.8.0
TA7712P TOSHIBA-TA7712P_07 Datasheet
605Kb / 16P
   3-Phase, Full-Wave Brushless DC Motor Controller IC
TC78B016FTG TOSHIBA-TC78B016FTG Datasheet
696Kb / 33P
   3-Phase Sine-Wave PWM Driver for Brushless DC Motors
2017-11-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com