Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV374ADWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV374ADWR
Description  OCTAL EDGE TRIGGERED D TYPE FLIP FLOPS WITH 3 STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV374ADWR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LV374ADWR Datasheet HTML 1Page - Texas Instruments SN74LV374ADWR Datasheet HTML 2Page - Texas Instruments SN74LV374ADWR Datasheet HTML 3Page - Texas Instruments SN74LV374ADWR Datasheet HTML 4Page - Texas Instruments SN74LV374ADWR Datasheet HTML 5Page - Texas Instruments SN74LV374ADWR Datasheet HTML 6Page - Texas Instruments SN74LV374ADWR Datasheet HTML 7Page - Texas Instruments SN74LV374ADWR Datasheet HTML 8Page - Texas Instruments SN74LV374ADWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SN54LV374A, SN74LV374A
OCTAL EDGETRIGGERED DTYPE FLIPFLOPS
WITH 3STATE OUTPUTS
SCLS408G − APRIL 1998 − REVISED DECEMBER 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV374A
SN74LV374A
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration, CLK high or low
6
7
7
ns
tsu
Setup time, data before CLK
5
5.5
5.5
ns
th
Hold time, data after CLK
2.5
2.5
2.5
ns
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV374A
SN74LV374A
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration, CLK high or low
5
5.5
5.5
ns
tsu
Setup time, data before CLK
4.5
4.5
4.5
ns
th
Hold time, data after CLK
2
2
2
ns
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV374A
SN74LV374A
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration, CLK high or low
5
5
5
ns
tsu
Setup time, data before CLK
3
3
3
ns
th
Hold time, data after CLK
2
2
2
ns
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV374A
SN74LV374A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
60*
105*
50*
50
MHz
fmax
CL = 50 pF
50
85
40
40
MHz
tpd
CLK
Q
9.7*
16.3*
1*
19*
1
19
ten
OE
Q
CL = 15 pF
8.9*
15.9*
1*
19*
1
19
ns
tdis
OE
Q
CL = 15 pF
6.3*
12.6*
1*
15*
1
15
ns
tpd
CLK
Q
11.8
19.3
1
23
1
23
ten
OE
Q
CL = 50 pF
10.9
18.8
1
22
1
22
ns
tdis
OE
Q
CL = 50 pF
8.2
17.3
1
19
1
19
ns
tsk(o)
2
2
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LV374ADWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV374ADWR TI-SN74LV374ADWR Datasheet
584Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74LV374ADWR TI-SN74LV374ADWR Datasheet
847Kb / 20P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74LV374ADWR TI1-SN74LV374ADWR Datasheet
1Mb / 25P
[Old version datasheet]   Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs
SN74LV374ADWRE4 TI-SN74LV374ADWRE4 Datasheet
584Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74LV374ADWRE4 TI-SN74LV374ADWRE4 Datasheet
847Kb / 20P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LV374ADWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVC574A TI-SN54LVC574A Datasheet
914Kb / 25P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_08 Datasheet
718Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_02 Datasheet
276Kb / 14P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54HC574 TI-SN54HC574_07 Datasheet
674Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A_08 Datasheet
722Kb / 20P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SNJ54AS574B TI1-SNJ54AS574B Datasheet
1Mb / 25P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com