Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9185 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI9185
Description  Micropower 500-mA CMOS LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9185 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI9185 Datasheet HTML 1Page - Vishay Siliconix SI9185 Datasheet HTML 2Page - Vishay Siliconix SI9185 Datasheet HTML 3Page - Vishay Siliconix SI9185 Datasheet HTML 4Page - Vishay Siliconix SI9185 Datasheet HTML 5Page - Vishay Siliconix SI9185 Datasheet HTML 6Page - Vishay Siliconix SI9185 Datasheet HTML 7Page - Vishay Siliconix SI9185 Datasheet HTML 8Page - Vishay Siliconix SI9185 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Si9185
Vishay Siliconix
www.vishay.com
4
Document Number: 71765
S-20641—Rev. B, 06-May-02
SPECIFICATIONS
Limits
–40 to 85
_C
Test Conditions
Unless Otherwise Specified
VIN = VOUT(nom) + 1 V, IOUT = 1 mA
CIN = 2.2 mF, COUT = 2.2 mF, VSD = 1.5 V
Parameter
Unit
Maxb
Typc
Minb
Tempa
Test Conditions
Unless Otherwise Specified
VIN = VOUT(nom) + 1 V, IOUT = 1 mA
CIN = 2.2 mF, COUT = 2.2 mF, VSD = 1.5 V
Symbol
IIH
VSD = 0 V, Regulator OFF
Room
0.01
m
SD Input Currente
IIL
VSD = 6 V, Regulator ON
Room
1.0
mA
Shutdown Hysteresis
VHYST
Full
100
mV
Error Output
Output High Leakage
IOFF
ERROR = VOUT(nom)
Full
0.01
2
mA
Output Low Voltageg
VOL
ISINK = 2 mA
Full
0.4
Out-of-Regulation Error Flag
Threshold Voltage (rising)g
VTH
Full
0.93 x
VOUT
0.95 x
VOUT
0.97 x
VOUT
V
Hysteresisg
VHYST
Room
2% x
VOUT
Delay Pin Current Source
IDELAY
Room
1.2
2.2
3.0
mA
Notes
a.
Room = 25
_C, Full = –40 to 85_C.
b.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing. Typical values for dropout voltage at VOUT w 2 V are measured at
VOUT = 3.3 V, while typical values for dropout voltage at VOUT < 2 V are measured at VOUT = 1.8 V.
d.
Dropout voltage is defined as the input to output differential voltage at which the output voltage drops 2% below the output voltage measured with a 1-V
differential, provided that VIN does not not drop below 2.0 V. When VOUT(nom) is less than 2.0 V, the output will be in regulation when 2.0 V – VOUT(nom) is
greater than the dropout voltage specified.
e.
The device’s shutdown pin includes a typical 6-M
W internal pull-down resistor connected to ground.
f.
VOUT is defined as the output voltage of the DUT at 1 mA.
g.
The Error Output (Low) function is guaranteed for VIN w2.0 V.
TIMING WAVEFORMS
VIN
0.95 VNOM
VOUT
VOUT
ERROR
VNOM
tDELAY
FIGURE 4. Timing Diagram for Power-Up
tON


Similar Part No. - SI9185

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9185 VISHAY-SI9185 Datasheet
189Kb / 13P
   Micropower 500 mA CMOS LDO Regulator with Error Flag/Power-On-Reset
18-Jul-08
SI9185 VISHAY-SI9185_V01 Datasheet
189Kb / 13P
   Micropower 500 mA CMOS LDO Regulator with Error Flag/Power-On-Reset
18-Jul-08
More results

Similar Description - SI9185

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6219 ONSEMI-CAT6219 Datasheet
179Kb / 9P
   500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
CAT6219-ADJTDGT3 ONSEMI-CAT6219-ADJTDGT3 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Vishay Siliconix
SI9185 VISHAY-SI9185_V01 Datasheet
189Kb / 13P
   Micropower 500 mA CMOS LDO Regulator with Error Flag/Power-On-Reset
18-Jul-08
logo
ON Semiconductor
CAT6202VP2-GT3 ONSEMI-CAT6202VP2-GT3 Datasheet
149Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6202 ONSEMI-CAT6202 Datasheet
149Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6202 ONSEMI-CAT6202_14 Datasheet
155Kb / 10P
   500 mA / 13 V Adjustable CMOS LDO Regulator
January, 2014 ??Rev. 1
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
   500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
logo
Richtek Technology Corp...
RT9184 RICHTEK-RT9184 Datasheet
186Kb / 10P
   500 MA DUAL LDO REGULATOR
logo
Fortune Semiconductor C...
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com