Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3433DV Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI3433DV
Description  P-Channel 1.8-V (G-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3433DV Datasheet(HTML) 1 Page - Vishay Siliconix

  SI3433DV Datasheet HTML 1Page - Vishay Siliconix SI3433DV Datasheet HTML 2Page - Vishay Siliconix SI3433DV Datasheet HTML 3Page - Vishay Siliconix SI3433DV Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Si3433
Vishay Siliconix
New Product
Document Number: 71160
S-00624—Rev. A, 03-Apr-00
www.vishay.com
2-1
P-Channel 1.8-V (G-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
0.042 @ VGS = - 4.5 V
- 5.6
-20
0.057 @ VGS = - 2.5 V
- 4.8
0.080 @ VGS = - 1.8 V
- 4.1
(4) S
(3) G
(1, 2, 5, 6) D
P-Channel MOSFET
TSOP-6
Top View
6
4
1
2
3
5
2.85 mm
3 mm
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
"8
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
- 5.6
- 4.3
Continuous Drain Current (TJ = 150_C)a
TA = 85_C
ID
- 4.1
- 3.1
A
Pulsed Drain Current
IDM
-20
A
Continuous Diode Current (Diode Conduction)a
IS
- 1.7
- 0.9
Maximum Power Dissipationa
TA = 25_C
PD
2.0
1.1
W
Maximum Power Dissipationa
TA = 85_C
PD
1.0
0.6
W
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi
ta
t
v 5 sec
R
45
62.5
Maximum Junction-to-Ambienta
Steady State
RthJA
90
110
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
25
30
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Similar Part No. - SI3433DV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3433DV-T1 VISHAY-SI3433DV-T1 Datasheet
55Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 03-Apr-00
logo
VBsemi Electronics Co.,...
SI3433DV-T1-E3 VBSEMI-SI3433DV-T1-E3 Datasheet
439Kb / 9P
   P-Channel 30-V (D-S) MOSFET
SI3433DV-T1-GE3 VBSEMI-SI3433DV-T1-GE3 Datasheet
440Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - SI3433DV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1407DL VISHAY-SI1407DL Datasheet
64Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 17-Jul-00
SI1305DL VISHAY-SI1305DL_08 Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
logo
Leshan Radio Company
LSI1013XT1G LRC-LSI1013XT1G Datasheet
371Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6467BDQ-T1-E3 VISHAY-SI6467BDQ-T1-E3 Datasheet
208Kb / 11P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 31-Mar-08
SI2315BDS VISHAY-SI2315BDS_V01 Datasheet
181Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com