Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7632VFR Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC7632VFR
Description  16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7632VFR Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button DAC7632VFR Datasheet HTML 3Page - Burr-Brown (TI) DAC7632VFR Datasheet HTML 4Page - Burr-Brown (TI) DAC7632VFR Datasheet HTML 5Page - Burr-Brown (TI) DAC7632VFR Datasheet HTML 6Page - Burr-Brown (TI) DAC7632VFR Datasheet HTML 7Page - Burr-Brown (TI) DAC7632VFR Datasheet HTML 8Page - Burr-Brown (TI) DAC7632VFR Datasheet HTML 9Page - Burr-Brown (TI) DAC7632VFR Datasheet HTML 10Page - Burr-Brown (TI) DAC7632VFR Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DAC7632
7
SBAS234
www.ti.com
TYPICAL CHARACTERISTICS: VSS = 0V (Cont.)
At TA = +25°C, VDD = VCC = +5V, VSS = 0V, VREFH = +2.5V, VREFL = 0V, representative unit, unless otherwise specified.
0.30
0.25
0.20
0.15
0.10
0.05
0.00
V
REFH CURRENT vs CODE
(all DACs sent to indicated code)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
0.00
–0.05
–0.10
–0.15
–0.20
–0.25
–0.30
V
REFL CURRENT vs CODE
(all DACs sent to indicated code)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
1
0.8
0.6
0.4
0.2
0
ANALOG SUPPLY CURRENT vs TEMPERATURE
Temperature (
°C)
–40
–15
10
35
60
85
Data = FFFF
H (all DACs)
No Load
1.0
0.8
0.6
0.4
0.2
0.0
Digital Input Code
0000
H
2000
H
4000
H
6000
H
8000
H
A000
H
C000
H
E000
H
FFFF
H
ANALOG SUPPLY CURRENT vs DIGITAL INPUT CODE
All DACs
No Load
DAC B
DAC A
3
2
1
0
–1
–2
–3
Temperature (
°C)
–40
–15
85
10
35
60
ZERO-SCALE ERROR vs TEMPERATURE
Code (0040
H)
FULL-SCALE ERROR vs TEMPERATURE
DAC B
DAC A
3
2
1
0
–1
–2
–3
Temperature (
°C)
–40
–15
85
10
35
60
Code (FFFF
H)


Similar Part No. - DAC7632VFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7632VFR TI1-DAC7632VFR Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit, Dual Voltage Output
DAC7632VFRG4 TI1-DAC7632VFRG4 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit, Dual Voltage Output
More results

Similar Description - DAC7632VFR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7654 BURR-BROWN-DAC7654 Datasheet
472Kb / 28P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7642 TI-DAC7642 Datasheet
770Kb / 20P
[Old version datasheet]   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7642 BURR-BROWN-DAC7642 Datasheet
806Kb / 22P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7642 TI1-DAC7642_15 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7641 BURR-BROWN-DAC7641 Datasheet
1,000Kb / 18P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 BURR-BROWN-DAC7641_08 Datasheet
1Mb / 22P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com