Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCAN90CP02VY Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCAN90CP02VY
Description  1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN90CP02VY Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button SCAN90CP02VY Datasheet HTML 4Page - National Semiconductor (TI) SCAN90CP02VY Datasheet HTML 5Page - National Semiconductor (TI) SCAN90CP02VY Datasheet HTML 6Page - National Semiconductor (TI) SCAN90CP02VY Datasheet HTML 7Page - National Semiconductor (TI) SCAN90CP02VY Datasheet HTML 8Page - National Semiconductor (TI) SCAN90CP02VY Datasheet HTML 9Page - National Semiconductor (TI) SCAN90CP02VY Datasheet HTML 10Page - National Semiconductor (TI) SCAN90CP02VY Datasheet HTML 11Page - National Semiconductor (TI) SCAN90CP02VY Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Timing Diagrams (Continued)
20071416
FIGURE 4. LVDS Output Transition Time
20071417
FIGURE 5. LVDS Output Propagation Delay
20071420
FIGURE 6. Configuration and Output Enable/Disable Timing
www.national.com
8


Similar Part No. - SCAN90CP02VY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SCAN90CP02VY/NOPB TI1-SCAN90CP02VY/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   SCAN90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
More results

Similar Description - SCAN90CP02VY

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN90CP02 NSC-SCAN90CP02_07 Datasheet
351Kb / 16P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN90CP02 TI1-SCAN90CP02_14 Datasheet
1Mb / 20P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
SCAN90CP02 TI1-SCAN90CP02_15 Datasheet
1Mb / 20P
[Old version datasheet]   SCAN90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
DS25CP102 TI1-DS25CP102 Datasheet
925Kb / 19P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152_13 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com