Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCAN90CP02VY Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCAN90CP02VY
Description  1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN90CP02VY Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button SCAN90CP02VY Datasheet HTML 2Page - National Semiconductor (TI) SCAN90CP02VY Datasheet HTML 3Page - National Semiconductor (TI) SCAN90CP02VY Datasheet HTML 4Page - National Semiconductor (TI) SCAN90CP02VY Datasheet HTML 5Page - National Semiconductor (TI) SCAN90CP02VY Datasheet HTML 6Page - National Semiconductor (TI) SCAN90CP02VY Datasheet HTML 7Page - National Semiconductor (TI) SCAN90CP02VY Datasheet HTML 8Page - National Semiconductor (TI) SCAN90CP02VY Datasheet HTML 9Page - National Semiconductor (TI) SCAN90CP02VY Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Electrical Characteristics (Continued)
Over recommended operating supply and temperature ranges unless other specified.
Symbol
Parameter
Conditions
Min
Typ
(Note 4)
Max
Units
LVDS OUTPUT DC SPECIFICATIONS (OUT0±, OUT1±)
V
OD
Differential Output Voltage,
0% Pre-emphasis (Note 5)
R
L = 100
Ω between OUT+ and OUT−
250
400
575
mV
∆V
OD
Change in V
OD between
Complementary States
−35
35
mV
V
OS
Offset Voltage (Note 6)
1.09
1.25
1.475
V
∆V
OS
Change in V
OS between
Complementary States
−35
35
mV
I
OS
Output Short Circuit Current, One
Complementary Output
OUT+ or OUT− Short to GND
−15
-40
mA
OUT+ or OUT− Short to V
DD
15
40
mA
I
OSB
Output Short Circuit Current, both
Complementary Outputs
OUT+ and OUT− Short to GND
−15
-30
mA
OUT+ and OUT− Short to V
CM
15
30
mA
C
OUT2
Output Capacitance
OUT+ or OUT− to GND when
TRI-STATE
5.5
pF
SUPPLY CURRENT (Static)
I
CC0
Supply Current
All inputs and outputs enabled and
active, terminated with differential load
of 100
Ω between OUT+ and OUT-.
42
60
mA
I
CC1
Supply Current - one channel
powered down
Single channel crossover switch or
single channel repeater modes (1
channel active, one channel in power
down mode)
22
30
mA
I
CC2
Supply Current - one input
powered down
Splitter mode (One input powered
down, both outputs active)
30
40
mA
I
CCZ
TRI-STATE Supply Current
Both input/output Channels in Power
Down Mode
1.4
2.5
mA
SWITCHING CHARACTERISTICS — LVDS OUTPUTS (Figures 3, 4)
t
LHT
Differential Low to High Transition
Time
Use an alternating 1 and 0 pattern at
200 Mb/s, measure between 20% and
80% of V
OD.
70
150
215
ps
t
HLT
Differential High to Low Transition
Time
50
135
180
ps
t
PLHD
Differential Low to High
Propagation Delay
Use an alternating 1 and 0 pattern at
200 Mb/s, measure at 50% V
OD
between input to output.
0.5
2.4
3.5
ns
t
PHLD
Differential High to Low
Propagation Delay
0.5
2.4
3.5
ns
t
SKD1
Pulse Skew
|t
PLHD–tPHLD|
55
120
ps
t
SKCC
Output Channel to Channel Skew
Difference in propagation delay (t
PLHD
or t
PHLD) among all output channels in
Splitter mode (any one input to all
outputs).
0
130
315
ps
t
JIT tON
Jitter (0% Pre-emphasis)
(Note 7)
RJ - Alternating 1 and 0 at 750 MHz
1.4
2.5
psrms
DJ - K28.5 Pattern
LQFP
110
140
psp-p
1.5 Gbps
LLP
42
75
psp-p
TJ - PRBS 2
23-1 Pattern
LQFP
125
160
psp-p
1.5 Gbps
LLP
105
140
psp-p
LVDS Output Enable Time
Time from ENx to OUT± change from
TRI-STATE to active.
50
110
150
ns
t
OFF
LVDS Output Disable Time
Time from ENx to OUT± change from
active to TRI-STATE.
512
ns
www.national.com
6


Similar Part No. - SCAN90CP02VY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SCAN90CP02VY/NOPB TI1-SCAN90CP02VY/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   SCAN90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
More results

Similar Description - SCAN90CP02VY

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN90CP02 NSC-SCAN90CP02_07 Datasheet
351Kb / 16P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN90CP02 TI1-SCAN90CP02_14 Datasheet
1Mb / 20P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
SCAN90CP02 TI1-SCAN90CP02_15 Datasheet
1Mb / 20P
[Old version datasheet]   SCAN90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
DS25CP102 TI1-DS25CP102 Datasheet
925Kb / 19P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152_13 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com