Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QL901M-6PS680 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # QL901M-6PS680
Description  QuickMIPS ESP Family
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL901M-6PS680 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  QL901M-6PS680 Datasheet HTML 1Page - List of Unclassifed Manufacturers QL901M-6PS680 Datasheet HTML 2Page - List of Unclassifed Manufacturers QL901M-6PS680 Datasheet HTML 3Page - List of Unclassifed Manufacturers QL901M-6PS680 Datasheet HTML 4Page - List of Unclassifed Manufacturers QL901M-6PS680 Datasheet HTML 5Page - List of Unclassifed Manufacturers QL901M-6PS680 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL901M-6PS680 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL901M-6PS680 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL901M-6PS680 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
QL901M QuickMIPS™ Data Sheet Rev B
5
The ECU block can be configured for eight arithmetic functions via an instruction as shown in Table 4.
The modes for the ECU block are dynamically reprogrammable through the Instruction Set Sequencer.
The Sequencer can be a variety of logic operators, such as a FIFO loaded with various algorithms, an
external software driven algorithm, or an internal state machine. This flexibility allows the designer to
reconfigure the ECU for algorithmic intensive applications in which functions change on the next clock
cycle, such as adaptive filtering.
3.0 Design Flow
The QuickMIPS design flow, similar to ASIC design flow, is shown in Figure 3.
Figure 3: QuickMIPS Hardware/Software Co-Development Flow
Table 4: ECU Mode Select Criteria
Instruction Set
Operation
0
0
0
Multiply
0
0
1
Multiply - Add
010
Accumulate
0
1
1
Add
1
0
0
Multiply (registered)
1
0
1
Multiply - Add (registered)
1
1
0
Multiple - Accumulate
1
1
1
Add (registered)
MIPS Programming
System Configuration
Customer IP Design in FPGA
Compiler,
Assembler, Linker
Global Register
Configuration
Debugger
RTL
Synthesis
Place & Route
Timing Analysis
Final Netlist
& Timing
QuickIP Netlist
Timing Lib
Synthesis Lib
QuickIP Models
Full-System
Functional Co-simulation
with Timing
Chip Programming
EJTAG
Board-level
Support Package
QuickMIPS
System
Model


Similar Part No. - QL901M-6PS680

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
QL90F7S-A ROITHNER-QL90F7S-A Datasheet
81Kb / 5P
   LASER DIODE SPECIFICATIONS FOR APPROVAL
QL90F7S-B ROITHNER-QL90F7S-B Datasheet
81Kb / 5P
   LASER DIODE SPECIFICATIONS FOR APPROVAL
QL90F7S-C ROITHNER-QL90F7S-C Datasheet
81Kb / 5P
   LASER DIODE SPECIFICATIONS FOR APPROVAL
More results

Similar Description - QL901M-6PS680

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
62201-8819 MOLEX-62201-8819 Datasheet
169Kb / 3P
   EdgeLine??ESP Press-Tool
07-16-12
logo
rfsolutions.ltd
2940641 RFSOLUTIONS-2940641 Datasheet
1Mb / 18P
   ESP-07S User Manual
REV:1.0
logo
Molex Electronics Ltd.
62100-6850 MOLEX-62100-6850 Datasheet
141Kb / 3P
   EdgeLine??ESP Removal-Tool
12-20-13
logo
List of Unclassifed Man...
ESP-PSRAM64 ETC-ESP-PSRAM64 Datasheet
1Mb / 26P
   This document introduces the specifications of ESP-PSRAM64 and ESP-PSRAM64H.
Version 1.0
logo
Molex Electronics Ltd.
62203-0301 MOLEX11-62203-0301 Datasheet
36Kb / 1P
   EdgeLine ESP Press-In Tool
logo
List of Unclassifed Man...
CXD2512R ETC1-CXD2512R Datasheet
75Kb / 2P
   C-MOS ESP CONTROLLER FOR CD
logo
ESPRESSIF SYSTEMS (SHAN...
ESP-PROG ESPRESSIF-ESP-PROG Datasheet
702Kb / 6P
   Introduction to the ESP-Prog Board
logo
Molex Electronics Ltd.
62203-0301 MOLEX-62203-0301 Datasheet
155Kb / 3P
   Press-In Tool for EdgeLine??ESP
12-20-13
logo
Silan Microelectronics ...
SC9822P SILAN-SC9822P Datasheet
588Kb / 30P
   MP3 DECODER WITH ESP FUNCTION AND CD INTERFACE
logo
Molex Electronics Ltd.
0768611000 MOLEX1-0768611000_17 Datasheet
42Kb / 2P
   EdgeLine ESP Vertical Connector, 12.5 Gbps, 0.80mm Pitch, 1.57mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com