Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16541AT Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # 16541AT
Description  Fast CMOS 16-Bit Octal Buffer/Line Drivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

16541AT Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  16541AT Datasheet HTML 1Page - Pericom Semiconductor Corporation 16541AT Datasheet HTML 2Page - Pericom Semiconductor Corporation 16541AT Datasheet HTML 3Page - Pericom Semiconductor Corporation 16541AT Datasheet HTML 4Page - Pericom Semiconductor Corporation 16541AT Datasheet HTML 5Page - Pericom Semiconductor Corporation 16541AT Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PI74FCT16541/162541/162H541T
16-BIT BUFFER/LINE DRIVERS
231
PS2037A 03/11/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 5.0V ± 10%)
Parameters
Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
0.8
V
IIH
Input HIGH Current
Standard Input, VCC = Max.
VIN = VCC
1µA
IIH
Input HIGH Current
Standard I/O, VCC = Max.
VIN = VCC
1µA
IIH
Input HIGH Current
Bus Hold Input(4), VCC = Max.
VIN = VCC
±100
µA
IIH
Input HIGH Current
Bus Hold I/O(4), VCC = Max.
VIN = VCC
±100
µA
IIL
Input LOW Current
Standard Input, VCC = Min.
VIN = GND
–1
µA
IIL
Input LOW Current
Standard I/O, VCC = Min.
VIN = GND
–1
µA
IIL
Input LOW Current
Bus Hold Input(4), VCC = Min.
VIN = GND
±100
µA
IIL
Input LOW Current
Bus Hold I/O(4), VCC = Min.
VIN = GND
±100
µA
IBHH
Bus Hold
Bus Hold Input(4), VCC = Min.
VIN = 2.0V
–50
µA
IBHL
Sustain Current
VIN=0.8V
+50
IOZH(5)
High-Impedance
VCC = Max.
VOUT = 2.7V
1
µA
IOZL(5)
Output Current
VCC = Max.
VOUT = 0.5V
–1
µA
(3-STATE OUTPUTS)
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18 mA
–0.7
–1.2
V
IOS
Short Circuit Current
VCC = Max.(3), VOUT = GND
–80
–140
–200
mA
IO
Output Drive Current
VCC = Max.(3), VOUT = 2.5V
–50
–180
mA
VH
Input Hysteresis
100
mV
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Storage Temperature .................................................................... –65°C to +150°C
Ambient Temperature with Power Applied .................................... –40°C to +85°C
Supply Voltage to Ground Potential (Inputs & Vcc Only) .............. –0.5Vto+7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) ........... –0.5Vto +7.0V
DC Input Voltage ............................................................................ –0.5Vto+7.0V
DC Output Current ..................................................................................... 120mA
Power Dissipation .......................................................................................... 1.0W
Note:
Stresses greater than those listed under
MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating
only and functional operation of the device at
these or any other conditions above those
indicated in the operational sections of this
specification is not implied. Exposure to
absolute maximum rating conditions for
extended periods may affect reliability.
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 5.0V, +25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Pins with Bus Hold are identified in the pin description.
5. This specification does not apply to bi-directional functionalities with Bus Hold.


Similar Part No. - 16541AT

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
16541 COOPER-16541 Datasheet
197Kb / 3P
   Power Distribution & Terminal Blocks
More results

Similar Description - 16541AT

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT16244T PERICOM-PI74FCT16244T_07 Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
PI74FCT162244T PERICOM-PI74FCT162244T Datasheet
55Kb / 6P
   Fast CMOS 16-Bit Buffer/Line Drivers
PI74FCT16240T PERICOM-PI74FCT16240T Datasheet
64Kb / 6P
   Fast CMOS 16-Bit Buffer /Line Drivers
PI74FCT244T PERICOM-PI74FCT244T Datasheet
434Kb / 7P
   Fast CMOS Octal Buffer/Line Drivers
logo
Integrated Device Techn...
74541 IDT-74541 Datasheet
230Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
IDT74FC240T IDT-IDT74FC240T Datasheet
185Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
logo
Pericom Semiconductor C...
PI74FCT240T PERICOM-PI74FCT240T Datasheet
135Kb / 6P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT244T PERICOM-PI74FCT244T_06 Datasheet
730Kb / 8P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT162244MT PERICOM-PI74FCT162244MT Datasheet
71Kb / 8P
   Fast CMOS 16-Bit Heavy Buffer/Line Drivers
logo
Renesas Technology Corp
IDT74FCT166244AT RENESAS-IDT74FCT166244AT Datasheet
238Kb / 7P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com