Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6409BS37-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6409BS37-T
Description  Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6409BS37-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6409BS37-T Datasheet HTML 1Page - Maxim Integrated Products MAX6409BS37-T Datasheet HTML 2Page - Maxim Integrated Products MAX6409BS37-T Datasheet HTML 3Page - Maxim Integrated Products MAX6409BS37-T Datasheet HTML 4Page - Maxim Integrated Products MAX6409BS37-T Datasheet HTML 5Page - Maxim Integrated Products MAX6409BS37-T Datasheet HTML 6Page - Maxim Integrated Products MAX6409BS37-T Datasheet HTML 7Page - Maxim Integrated Products MAX6409BS37-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Voltage Detectors in 4-Bump (2 X 2)
Chip-Scale Package
_______________________________________________________________________________________
3
Note 1: Production testing done at +25°C only. Overtemperature limits are guaranteed by design and not production tested.
Note 2: Guaranteed by design.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 1.0V to 5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = 3V and TA = +25°C.) (Note1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ISOURCE = 500µA, VCC
≥ 2.1V, OUT
asserted
0.8 x VCC
VOH
ISOURCE = 50µA, VCC
≥ 1.2V, OUT
asserted
0.8 x VCC
ISINK = 1.2mA, VCC
≥ 3.2V, OUT not
asserted, MAX6407 only
0.3
ISINK = 3.2mA, VCC
≥ 4.5V, OUT not
asserted, VTH
≤ 4.38V
0.4
OUT Output Voltage
(MAX6407/MAX6410)
VOL
ISINK = 3.2mA, VCC = VTH (max),
VTH
≥ 4.5V, OUT not asserted
0.4
V
Open-Drain
OUT Output
Leakage Current (Note 2)
OUT not asserted
0.1
µA
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
0
0.3
0.2
0.1
0.5
0.4
0.9
0.8
0.7
0.6
1.0
-40
-20
0
20
40
60
80
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 3.3V
VCC = 5V
VCC = 1.2V
0
50
100
200
150
250
-40
-20
0
20
40
60
80
PROPAGATION DELAY (VCC FALLING)
vs. TEMPERATURE
TEMPERATURE (
°C)
VOD = 10mV
VOD = 20mV
VOD = 100mV
VOD = 200mV
VOD = OVERDRIVE VOLTAGE


Similar Part No. - MAX6409BS37-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX640 MAXIM-MAX640 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX6400 MAXIM-MAX6400 Datasheet
152Kb / 9P
   關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
Rev 1; 8/01
MAX6400-MAX6405 MAXIM-MAX6400-MAX6405 Datasheet
152Kb / 9P
   關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
Rev 1; 8/01
MAX6400BS__-T MAXIM-MAX6400BS__-T Datasheet
152Kb / 9P
   關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
Rev 1; 8/01
MAX6401 MAXIM-MAX6401 Datasheet
152Kb / 9P
   關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
Rev 1; 8/01
More results

Similar Description - MAX6409BS37-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6400 MAXIM-MAX6400 Datasheet
152Kb / 9P
   關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
Rev 1; 8/01
MAX16072 MAXIM-MAX16072 Datasheet
1Mb / 8P
   μP Supervisory Circuits in 4-Bump (1mm x 1mm) Chip-Scale Package
Rev 0; 1/10
logo
Torex Semiconductor
XC612 TOREX-XC612_1 Datasheet
711Kb / 14P
   2-Channel Voltage Detectors
logo
Analog Devices
ADG758 AD-ADG758_15 Datasheet
359Kb / 12P
   4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG759 AD-ADG759_15 Datasheet
359Kb / 12P
   4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG759BCPZ AD-ADG759BCPZ Datasheet
359Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG758 AD-ADG758 Datasheet
308Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. A
logo
Texas Instruments
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006BIYZFR TI1-TMP006BIYZFR Datasheet
789Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006_1107 TI-TMP006_1107 Datasheet
466Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com