Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV3011AIDCKR Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TLV3011AIDCKR
Description  Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TLV3011AIDCKR Datasheet(HTML) 4 Page - Burr-Brown (TI)

  TLV3011AIDCKR Datasheet HTML 1Page - Burr-Brown (TI) TLV3011AIDCKR Datasheet HTML 2Page - Burr-Brown (TI) TLV3011AIDCKR Datasheet HTML 3Page - Burr-Brown (TI) TLV3011AIDCKR Datasheet HTML 4Page - Burr-Brown (TI) TLV3011AIDCKR Datasheet HTML 5Page - Burr-Brown (TI) TLV3011AIDCKR Datasheet HTML 6Page - Burr-Brown (TI) TLV3011AIDCKR Datasheet HTML 7Page - Burr-Brown (TI) TLV3011AIDCKR Datasheet HTML 8Page - Burr-Brown (TI) TLV3011AIDCKR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TLV3011, TLV3012
SBOS300B
4
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = +1.8V to +5.5V, RPULL-UP = 10kΩ, and Input Overdrive = 100mV, unless otherwise noted.
QUIESCENT CURRENT vs TEMPERATURE
Temperature (
°C)
3.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
–50
25
50
75
100
–25
0
125
QUIESCENT CURRENT
vs OUTPUT SWITCHING FREQUENCY
1
Output Transition Frequency (Hz)
100
10
1k
10k
8
7
6
5
4
3
2
1
0
V
S = 5V
V
S = 3V
V
S = 1.8V
TLV3011
R
PULL-UP = 1MΩ
QUIESCENT CURRENT
vs OUTPUT SWITCHING FREQUENCY
1
Output Transition Frequency (Hz)
100
10
1k
10k
100k
14
12
10
8
6
4
2
0
V
S = 5V
V
S = 3V
V
S = 1.8V
TLV3012
INPUT BIAS CURRENT vs TEMPERATURE
–50
Temperature (
°C)
25
50
–25
0
75
100
125
45
40
35
30
25
20
15
10
5
0
–5
OUTPUT LOW vs OUTPUT CURRENT
0
Output Current (mA)
46
2
V
S = 5V
810
12
0.25
0.20
0.15
0.10
0.05
0
V
S = 3V
V
S = 1.8V
OUTPUT HIGH vs OUTPUT CURRENT
0
Output Current (mA)
46
2
8
10
12
0.25
0.20
0.15
0.10
0.05
0
V
DD = 5V
V
DD = 3V
V
DD = 1.8V
TLV3012


Similar Part No. - TLV3011AIDCKR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV3011AIDCKR BURR-BROWN-TLV3011AIDCKR Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Texas Instruments
TLV3011AIDCKR TI-TLV3011AIDCKR Datasheet
1Mb / 40P
[Old version datasheet]   TLV3011, TLV3012, TLV3011B and TLV3012B Low-Power Comparators With Integrated 1.24 V Voltage Reference
REVISED APRIL 2023
logo
Burr-Brown (TI)
TLV3011AIDCKRG4 BURR-BROWN-TLV3011AIDCKRG4 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Texas Instruments
TLV3011AIDCKRG4 TI-TLV3011AIDCKRG4 Datasheet
1Mb / 40P
[Old version datasheet]   TLV3011, TLV3012, TLV3011B and TLV3012B Low-Power Comparators With Integrated 1.24 V Voltage Reference
REVISED APRIL 2023
More results

Similar Description - TLV3011AIDCKR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Silicon Laboratories
TSM917 SILABS-TSM917 Datasheet
1Mb / 15P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Touchstone Semiconducto...
TSM917 TOUCHSTONE-TSM917 Datasheet
686Kb / 14P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
logo
Maxim Integrated Produc...
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
logo
Linear Technology
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com