Electronic Components Datasheet Search |
|
TLV3012 Datasheet(PDF) 3 Page - Burr-Brown (TI) |
|
|
TLV3012 Datasheet(HTML) 3 Page - Burr-Brown (TI) |
3 / 13 page TLV3011, TLV3012 SBOS300B 3 www.ti.com ELECTRICAL CHARACTERISTICS: VS = +1.8V to +5.5V Boldface limits apply over the specified temperature range, TA = –40°C to +125°C. At TA = +25°C, VOUT = VS, unless otherwise noted; for TLV3011, RPULL-UP = 10kΩ connected to VS. TLV3011, TLV3012 PARAMETER CONDITION MIN TYP MAX UNITS OFFSET VOLTAGE Input Offset Voltage VOS VCM = 0V, IO = 0V 0.5 12 mV vs Temperature dVOS/dT TA = –40°C to +125°C ±12 µV/ °C vs Power Supply PSRR VS = 1.8V to 5.5V 100 1000 µV/V INPUT BIAS CURRENT Input Bias Current IB VCM = VS/2 ±1 ±10 pA Input Offset Current IOS VCM = VS/2 ±1 ±10 pA INPUT VOLTAGE RANGE Common-Mode Voltage Range VCM (V–) – 0.2V (V+) + 0.2V V Common-Mode Rejection Ratio CMRR VCM = –0.2V to (V+) – 1.5V 60 74 dB VCM = –0.2V to (V+) + 0.2V 54 62 dB INPUT IMPEDANCE Common-Mode 1013 2 Ω pF Differential 1013 4 Ω pF SWITCHING CHARACTERISTICS f = 10kHz, VSTEP = 1V Propagation Delay Time, Low-to-High t(PLH) Input Overdrive = 10mV 12 µs Input Overdrive = 100mV 6 µs Propagation Delay Time, High-to-Low t(PHL) Input Overdrive = 10mV 13.5 µs Input Overdrive = 100mV 6.5 µs Rise Time, TLV3011 tR See Note 1 Rise Time, TLV3012 CL = 10pF 100 ns Fall Time tF CL = 10pF 100 ns OUTPUT VS = 5V Voltage Output Low from Rail VOL IOUT = –5mA 160 200 mV Voltage Output High From Rail, TLV3012 IOUT = 5mA 90 200 mV Short-Circuit Current, TLV3012 See Typical Characteristics VOLTAGE REFERENCE VIN = 5V Initial Accuracy VOUT 1.230 1.242 1.254 V ±1% Temperature Drift dVOUT/dT –40 °C ≤ T A ≤ 125°C 40 100 ppm/ °C Load Regulation Sourcing dVOUT/dILOAD 0mA < ISOURCE ≤ 0.5mA 0.36 1 mV/mA Sinking 0mA < ISINK ≤ 0.5mA 6.6 mV/mA Output Current ILOAD 0.5 mA Line Regulation dVOUT/dVIN 1.8V ≤ V IN ≤ 5.5V 10 100 µV/V NOISE Reference Voltage Noise f = 0.1Hz to 10Hz 0.2 mVPP POWER SUPPLY Specified Voltage VS 1.8 5.5 V Operating Voltage Range 1.8 5.5 V Quiescent Current IQ VS = 5V, VO = High 2.8 5 µA TEMPERATURE RANGE Specified Range –40 +125 °C Operating Range –55 +150 °C Storage Range –55 +150 °C Thermal Resistance, θ JA SOT23-6 200 °C/W SC70-6 250 °C/W NOTE: (1) tR dependent on RPULL-UP and CLOAD. |
Similar Part No. - TLV3012 |
|
Similar Description - TLV3012 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |