Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9725AETC Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9725AETC
Description  1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9725AETC Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9725AETC Datasheet HTML 1Page - Maxim Integrated Products MAX9725AETC Datasheet HTML 2Page - Maxim Integrated Products MAX9725AETC Datasheet HTML 3Page - Maxim Integrated Products MAX9725AETC Datasheet HTML 4Page - Maxim Integrated Products MAX9725AETC Datasheet HTML 5Page - Maxim Integrated Products MAX9725AETC Datasheet HTML 6Page - Maxim Integrated Products MAX9725AETC Datasheet HTML 7Page - Maxim Integrated Products MAX9725AETC Datasheet HTML 8Page - Maxim Integrated Products MAX9725AETC Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
1V, Low-Power, DirectDrive, Stereo Headphone
Amplifier with Shutdown
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = 1.5V, PGND = SGND = 0V, VSHDN = 1.5V, VSS = PVSS, C1 = C2 = 1µF, CIN = 1µF, THD+N measurement bandwidth = 22Hz
to 22kHz, TA = +25
°C, unless otherwise noted.) (See the Functional Diagram.)
100
05
10
15
10
1
0.1
0.01
0.001
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. OUTPUT POWER
OUTPUT POWER (mW)
VDD = 1V
RL = 16
AV = -2V/V
fIN = 20Hz
fIN = 1kHz
fIN = 10kHz
100
05
10
15
10
1
0.1
0.01
0.001
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. OUTPUT POWER
OUTPUT POWER (mW)
VDD = 1V
RL = 32
AV = -2V/V
fIN = 20Hz
fIN = 1kHz
fIN = 10kHz
10
100
10k
1k
100k
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
-10
-110
-60
-50
-40
-30
-20
-70
-80
-90
-100
VDD = 1.5V
RL = 32
10
100
10k
1k
100k
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
0
-100
-50
-40
-30
-20
-10
-60
-70
-80
-90
VDD = 1V
RL = 32
10
100
10k
1k
100k
CROSSTALK vs. FREQUENCY
FREQUENCY (Hz)
0
-20
-40
-60
-80
-100
-120
VDD = 1.5V
POUT = 5mW
RL = 32
RIGHT TO LEFT
LEFT TO RIGHT
0
10
20
30
40
50
60
70
80
0.9
1.1
1.3
1.5
OUTPUT POWER vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
fIN = 1kHz
RL = 16
BOTH INPUTS
DRIVEN IN-PHASE
THD+N = 10%
THD+N = 1%
0
15
10
5
20
25
30
35
40
45
50
0.9
1.1
1.3
1.5
OUTPUT POWER
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
fIN = 1kHz
RL = 32
BOTH INPUTS
DRIVEN IN-PHASE
THD+N = 10%
THD+N = 1%
80
70
0
10
100
1k
OUTPUT POWER
vs. LOAD RESISTANCE
20
LOAD RESISTANCE (
Ω)
40
60
10
30
50
VDD = 1.5V
fIN = 1kHz
BOTH INPUTS
DRIVEN IN-PHASE
THD+N = 10%
THD+N = 1%
80
70
0
10
100
1k
OUTPUT POWER
vs. LOAD RESISTANCE
20
LOAD RESISTANCE (
Ω)
40
60
10
30
50
VDD = 1V
fIN = 1kHz
BOTH INPUTS
DRIVEN IN-PHASE
THD+N = 10%
THD+N = 1%


Similar Part No. - MAX9725AETC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9725AETC++ MAXIM-MAX9725AETC+ Datasheet
528Kb / 19P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2; 11/07
MAX9725AETC++ MAXIM-MAX9725AETC+ Datasheet
332Kb / 17P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-3465; Rev 4; 3/09
More results

Similar Description - MAX9725AETC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9725 MAXIM-MAX9725_07 Datasheet
528Kb / 19P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2; 11/07
MAX9725DETC MAXIM-MAX9725DETC Datasheet
332Kb / 17P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 4; 3/09
MAX9725 MAXIM-MAX9725_V01 Datasheet
332Kb / 17P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-3465; Rev 4; 3/09
MAX9721 MAXIM-MAX9721 Datasheet
559Kb / 14P
   1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 1/04
MAX4411 MAXIM-MAX4411 Datasheet
623Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 1; 4/03
MAX4411 MAXIM-MAX4411_V01 Datasheet
523Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
MAX9720 MAXIM-MAX9720 Datasheet
508Kb / 21P
   50mW, DirectDrive, Stereo Headphone Amplifier with SmartSense and Shutdown
Rev 0; 4/03
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9724A MAXIM-MAX9724A Datasheet
777Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 3; 3/07
MAX4410 MAXIM-MAX4410 Datasheet
865Kb / 20P
   80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com