Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9725AEBC Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9725AEBC
Description  1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9725AEBC Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9725AEBC Datasheet HTML 1Page - Maxim Integrated Products MAX9725AEBC Datasheet HTML 2Page - Maxim Integrated Products MAX9725AEBC Datasheet HTML 3Page - Maxim Integrated Products MAX9725AEBC Datasheet HTML 4Page - Maxim Integrated Products MAX9725AEBC Datasheet HTML 5Page - Maxim Integrated Products MAX9725AEBC Datasheet HTML 6Page - Maxim Integrated Products MAX9725AEBC Datasheet HTML 7Page - Maxim Integrated Products MAX9725AEBC Datasheet HTML 8Page - Maxim Integrated Products MAX9725AEBC Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX9725 fixed-gain, stereo headphone amplifier
is ideal for portable equipment where board space is at a
premium. The MAX9725 uses a unique, patented
DirectDriveTM architecture to produce a ground-referenced
output from a single supply, eliminating the need for large
DC-blocking capacitors, saving cost, board space, and
component height. Fixed gains of -2V/V (MAX9725A),
1.5V/V (MAX9725B), -1V/V (MAX9725C), and -4V/V
(MAX9725D) further reduce external component count.
The MAX9725 delivers up to 20mW per channel into a
32
Ω load and achieves 0.006% THD+N. An 80dB at 1kHz
power-supply rejection ratio (PSRR) allows the MAX9725
to operate from noisy digital supplies without an additional
linear regulator. The MAX9725 includes
±8kV ESD protec-
tion on the headphone output. Comprehensive click-and-
pop circuitry suppresses audible clicks and pops at
startup and shutdown. A low-power shutdown mode
reduces supply current to 0.6µA (typ).
The MAX9725 operates from a single 0.9V to 1.8V supply,
allowing the device to be powered directly from a single
AA or AAA battery. The MAX9725 consumes only
2.1mA of supply current, provides short-circuit protection,
and is specified over the extended -40
°C to +85°C tem-
perature range. The MAX9725 is available in a tiny
(1.54mm x 2.02mm x 0.6mm) 12-bump chip-scale
package (UCSP™) and a 12-pin thin QFN package
(4mm x 4mm x 0.8mm).
Applications
Features
♦ Low Quiescent Current (2.1mA)
♦ Single-Cell, 0.9V to 1.8V Single-Supply Operation
♦ Fixed Gain Eliminates External Feedback Network
MAX9725A: -2V/V
MAX9725B: -1.5V/V
MAX9725C: -1V/V
MAX9725D: -4V/V
♦ Ground-Referenced Outputs Eliminate DC Bias
♦ No Degradation of Low-Frequency Response Due
to Output Capacitors
♦ 20mW per Channel into 32Ω
♦ Low 0.006% THD+N
♦ High PSRR (80dB at 1kHz)
♦ Integrated Click-and-Pop Suppression
♦ Low-Power Shutdown Control
♦ Short-Circuit Protection
♦ ±8kV ESD-Protected Amplifier Outputs
♦ Available in Space-Saving Packages
12-Bump UCSP (1.54mm x 2.02mm x 0.6mm)
12-Pin Thin QFN (4mm x 4mm x 0.8mm)
1V, Low-Power, DirectDrive, Stereo Headphone
Amplifier with Shutdown
________________________________________________________________ Maxim Integrated Products
1
19-3465; Rev 0; 11/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
GAIN
(V/V)
MAX9725AEBC-T*
-40
°C to +85°C 12 UCSP-12
ACK-2
MAX9725AETC
-40
°C to +85°C 12 TQFN-EP** AAEW
-2
MAX9725BEBC-T*
-40
°C to +85°C 12 UCSP-12
ACL-1.5
MAX9725BETC
-40
°C to +85°C 12 TQFN-EP** AAEX
-1.5
MAX9725CEBC-T*
-40
°C to +85°C 12 UCSP-12
ACM-1
MAX9725CETC
-40
°C to +85°C 12 TQFN-EP** AAEY
-1
MAX9725DEBC-T*
-40
°C to +85°C 12 UCSP-12
ACN-4
MAX9725DETC
-40
°C to +85°C 12 TQFN-EP** AAEZ
-4
UCSP is a trademark of Maxim Integrated Products, Inc.
Pin Configurations appear at end of data sheet.
*Future product—contact factory for availability.
**EP = Exposed paddle.
MP3 Players
Cellular Phones
PDAs
Smart Phones
Portable Audio Equipment
DirectDrive OUTPUTS
ELIMINATE DC-BLOCKING
CAPACITORS.
C1N
C1P
OUTL
SINGLE
1.5V CELL
AA OR AAA
BATTERY
OUTR
SGND
PGND
MAX9725
INVERTING
CHARGE PUMP
INR
INL
VDD
PVSS
VSS
Block Diagram


Similar Part No. - MAX9725AEBC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9725AEBC++ MAXIM-MAX9725AEBC+ Datasheet
116Kb / 5P
   Fully Assembled and Tested
Rev 0; 2/08
MAX9725AEBC+T MAXIM-MAX9725AEBC+T Datasheet
528Kb / 19P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2; 11/07
MAX9725AEBC+TG45 MAXIM-MAX9725AEBC+TG45 Datasheet
332Kb / 17P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-3465; Rev 4; 3/09
More results

Similar Description - MAX9725AEBC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9725 MAXIM-MAX9725_07 Datasheet
528Kb / 19P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2; 11/07
MAX9725DETC MAXIM-MAX9725DETC Datasheet
332Kb / 17P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 4; 3/09
MAX9725 MAXIM-MAX9725_V01 Datasheet
332Kb / 17P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-3465; Rev 4; 3/09
MAX9721 MAXIM-MAX9721 Datasheet
559Kb / 14P
   1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 1/04
MAX4411 MAXIM-MAX4411 Datasheet
623Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 1; 4/03
MAX4411 MAXIM-MAX4411_V01 Datasheet
523Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
MAX9720 MAXIM-MAX9720 Datasheet
508Kb / 21P
   50mW, DirectDrive, Stereo Headphone Amplifier with SmartSense and Shutdown
Rev 0; 4/03
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9724A MAXIM-MAX9724A Datasheet
777Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 3; 3/07
MAX4410 MAXIM-MAX4410 Datasheet
865Kb / 20P
   80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com