Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4671 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4671
Description  Filterless High Efficiency 2.5W Switching Audio Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4671 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4671 Datasheet HTML 6Page - National Semiconductor (TI) LM4671 Datasheet HTML 7Page - National Semiconductor (TI) LM4671 Datasheet HTML 8Page - National Semiconductor (TI) LM4671 Datasheet HTML 9Page - National Semiconductor (TI) LM4671 Datasheet HTML 10Page - National Semiconductor (TI) LM4671 Datasheet HTML 11Page - National Semiconductor (TI) LM4671 Datasheet HTML 12Page - National Semiconductor (TI) LM4671 Datasheet HTML 13Page - National Semiconductor (TI) LM4671 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Typical Performance Characteristics (Continued)
Gain vs Supply Voltage
R
in = 150k
Supply Current vs Supply Voltage
R
L = 15µH+8
Ω+15µH
20107319
20107320
Shutdown Current vs Supply Voltage
R
L = 15µH+8
Ω+15µH
20107321
Application Information
GENERAL AMPLIFIER FUNCTION
The LM4671 features a filterless modulation scheme. The
differential outputs of the device switch at 300kHz from V
DD
to GND. When there is no input signal applied, the two
outputs (V
O1 and VO2) switch with a 50% duty cycle, with
both outputs in phase. Because the outputs of the LM4671
are differential, the two signals cancel each other. This re-
sults in no net voltage across the speaker, thus there is no
load current during an idle state, conserving power.
With an input signal applied, the duty cycle (pulse width) of
the LM4671 outputs changes. For increasing output volt-
ages, the duty cycle of V
O1 increases, while the duty cycle of
V
O2 decreases. For decreasing output voltages, the con-
verse occurs, the duty cycle of V
O2 increases while the duty
cycle of V
O1 decreases. The difference between the two
pulse widths yields the differential output voltage.
POWER DISSIPATION AND EFFICIENCY
In general terms, efficiency is considered to be the ratio of
useful work output divided by the total energy required to
produce it with the difference being the power dissipated,
typically, in the IC. The key here is “useful” work. For audio
systems, the energy delivered in the audible bands is con-
sidered useful including the distortion products of the input
signal.
Sub-sonic
(DC)
and
super-sonic
components
(>22kHz) are not useful. The difference between the power
flowing from the power supply and the audio band power
being transduced is dissipated in the LM4671 and in the
transducer load. The amount of power dissipation in the
LM4671 is very low. This is because the ON resistance of the
switches used to form the output waveforms is typically less
than 0.25
Ω. This leaves only the transducer load as a po-
tential "sink" for the small excess of input power over audio
www.national.com
10


Similar Part No. - LM4671

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4671 NSC-LM4671 Datasheet
594Kb / 20P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4671 NSC-LM4671 Datasheet
588Kb / 18P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
logo
Texas Instruments
LM4671 TI1-LM4671 Datasheet
1Mb / 22P
[Old version datasheet]   LM4671 Filterless High Efficiency 2.5W Switching Audio Amplifier
logo
National Semiconductor ...
LM4671ITL NSC-LM4671ITL Datasheet
594Kb / 20P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
logo
Texas Instruments
LM4671ITL/NOPB TI1-LM4671ITL/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM4671 Filterless High Efficiency 2.5W Switching Audio Amplifier
More results

Similar Description - LM4671

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4671 NSC-LM4671_07 Datasheet
594Kb / 20P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4671 NSC-LM4671_08 Datasheet
588Kb / 18P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
logo
Texas Instruments
LM4671 TI1-LM4671 Datasheet
1Mb / 22P
[Old version datasheet]   LM4671 Filterless High Efficiency 2.5W Switching Audio Amplifier
logo
National Semiconductor ...
LM4670 NSC-LM4670 Datasheet
1Mb / 18P
   Filterless High Efficiency 3W Switching Audio Amplifier
LM4664 NSC-LM4664 Datasheet
550Kb / 14P
   Filterless High Efficiency 1.1W Switching Audio Amplifier
LM4670 NSC-LM4670_06 Datasheet
1Mb / 20P
   Filterless High Efficiency 3W Switching Audio Amplifier
LM4667 NSC-LM4667 Datasheet
757Kb / 16P
   Filterless High Efficiency 1.3W Switching Audio Amplifier
LM4665 NSC-LM4665 Datasheet
1,018Kb / 18P
   Filterless High Efficiency 1W Switching Audio Amplifier
logo
Diodes Incorporated
PAM8302A DIODES-PAM8302A Datasheet
595Kb / 13P
   2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
PAM8003 DIODES-PAM8003 Datasheet
542Kb / 12P
   FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com