Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY62UF16201A-I Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HY62UF16201A-I
Description  128Kx16bit full CMOS SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62UF16201A-I Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HY62UF16201A-I Datasheet HTML 3Page - Hynix Semiconductor HY62UF16201A-I Datasheet HTML 4Page - Hynix Semiconductor HY62UF16201A-I Datasheet HTML 5Page - Hynix Semiconductor HY62UF16201A-I Datasheet HTML 6Page - Hynix Semiconductor HY62UF16201A-I Datasheet HTML 7Page - Hynix Semiconductor HY62UF16201A-I Datasheet HTML 8Page - Hynix Semiconductor HY62UF16201A-I Datasheet HTML 9Page - Hynix Semiconductor HY62UF16201A-I Datasheet HTML 10Page - Hynix Semiconductor HY62UF16201A-I Datasheet HTML 11Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HY62UF16201A Series
Rev.08 / Mar. 2002
7
DATA RETENTION ELECTRIC CHARACTERISTIC
TA=0
°C to 70°C/ -40°C to 85°C (I),unless otherwise specified
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDR
Vcc for Data Retention
/CS > Vcc - 0.2V or
/UB = /LB > Vcc-0.2V,
1.2
-
3.3
V
VIN > Vcc - 0.2V or VIN < Vss + 0.2V
ICCDR
Data Retention Current
Vcc=1.5V, /CS > Vcc - 0.2V or
/UB = /LB > Vcc-0.2V,
LL
-
-
10
uA
VIN > Vcc - 0.2V or
SL
-
-
2
uA
VIN < Vss + 0.2V
tCDR
Chip Deselect to Data
Retention Time
See Data Retention Timing Diagram
0
-
-
ns
tR
Operating Recovery Time
tRC(3)
-
-
ns
Notes:
1. Typical values are under the condition of TA = 25
°C.
2. Typical Values are sampled and not 100% tested
3. tRC is read cycle time.
DATA RETENTION TIMING DIAGRAM
CS
VDR
CS > VCC-0.2V
tCDR
tR
VSS
VCC
2.7V
DATA RETENTION MODE
or /UB &/LB
or /UB = /LB > Vcc – 0.2V


Similar Part No. - HY62UF16201A-I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62UF16101C HYNIX-HY62UF16101C Datasheet
170Kb / 10P
   64Kx16bit full CMOS SRAM
HY62UF16101CLLF HYNIX-HY62UF16101CLLF Datasheet
170Kb / 10P
   64Kx16bit full CMOS SRAM
HY62UF16101CLLF-I HYNIX-HY62UF16101CLLF-I Datasheet
170Kb / 10P
   64Kx16bit full CMOS SRAM
HY62UF16101CSLF HYNIX-HY62UF16101CSLF Datasheet
170Kb / 10P
   64Kx16bit full CMOS SRAM
HY62UF16101CSLF-I HYNIX-HY62UF16101CSLF-I Datasheet
170Kb / 10P
   64Kx16bit full CMOS SRAM
More results

Similar Description - HY62UF16201A-I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62SF16201A HYNIX-HY62SF16201A Datasheet
166Kb / 10P
   128Kx16bit full CMOS SRAM
HY62LF16206B-DT12C HYNIX-HY62LF16206B-DT12C Datasheet
278Kb / 11P
   128Kx16bit full CMOS SRAM
HY62LF16206A HYNIX-HY62LF16206A Datasheet
283Kb / 11P
   128Kx16bit full CMOS SRAM
HY62SF16406D HYNIX-HY62SF16406D Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62UF16806A HYNIX-HY62UF16806A Datasheet
218Kb / 11P
   512Kx16bit full CMOS SRAM
HY62LF16404C HYNIX-HY62LF16404C Datasheet
186Kb / 10P
   256Kx16bit full CMOS SRAM
HY62UF16800B HYNIX-HY62UF16800B Datasheet
340Kb / 11P
   512Kx16bit full CMOS SRAM
HY62UF16804A HYNIX-HY62UF16804A Datasheet
201Kb / 10P
   512Kx16bit full CMOS SRAM
HY62LF16406C HYNIX-HY62LF16406C Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62SF16404C HYNIX-HY62SF16404C Datasheet
184Kb / 10P
   256Kx16bit full CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com