Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY62UF16201A Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HY62UF16201A
Description  128Kx16bit full CMOS SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62UF16201A Datasheet(HTML) 3 Page - Hynix Semiconductor

  HY62UF16201A Datasheet HTML 1Page - Hynix Semiconductor HY62UF16201A Datasheet HTML 2Page - Hynix Semiconductor HY62UF16201A Datasheet HTML 3Page - Hynix Semiconductor HY62UF16201A Datasheet HTML 4Page - Hynix Semiconductor HY62UF16201A Datasheet HTML 5Page - Hynix Semiconductor HY62UF16201A Datasheet HTML 6Page - Hynix Semiconductor HY62UF16201A Datasheet HTML 7Page - Hynix Semiconductor HY62UF16201A Datasheet HTML 8Page - Hynix Semiconductor HY62UF16201A Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HY62UF16201A Series
Rev.08 / Mar. 2002
2
ORDERING INFORMATION
Part No.
Speed
Power
Temp.
Package
HY62UF16201ALLF
55/70/85/100
LL-part
FBGA(7mm X 8mm)
HY62UF16201ALLF-I
55/70/85/100
LL-part
I
FBGA(7mm X 8mm)
HY62UF16201ASLF
55/70/85/100
SL-part
FBGA(7mm X 8mm)
HY62UF16201ASLF-I
55/70/85/100
SL-part
I
FBGA(7mm X 8mm)
HY62UF16201ALLF1
55/70/85/100
LL-part
FBGA(6mm X 8mm)
HY62UF16201ALLF1-I
55/70/85/100
LL-part
I
FBGA(6mm X 8mm)
HY62UF16201ASLF1
55/70/85/100
SL-part
FBGA(6mm X 8mm)
HY62UF16201ASLF1-I
55/70/85/100
SL-part
I
FBGA(6mm X 8mm)
Note :
1. Blank : Commercial, I : Industrial
ABSOLUTE MAXIMUM RATINGS (1)
Symbol
Parameter
Rating
Unit
Remark
VIN, VOUT
Input/Output Voltage
-0.2 to 3.6
V
Vcc
Power Supply
-0.2 to 4.6
V
TA
Operating Temperature
0 to 70
°C
HY62UF16201A
-40 to 85
°C
HY62UF16201A-I
TSTG
Storage Temperature
-55 to 150
°C
PD
Power Dissipation
1.0
W
TSOLDER
Ball Soldering Temperature & Time
260
• 10
°C•sec
Note
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent
damage to the device. This is stress rating only and the functional operation of the device under these or
any other conditions above those indicated in the operation of this specification is not implied.
Exposure to the absolute maximum rating conditions for extended period may affect reliability.
TRUTH TABLE
I/O
/CS
/WE
/OE
/LB
/UB
Mode
I/O1~I/O8
I/O9~I/O16
Power
H
X
X
X
X
Deselected
High-Z
High-Z
Standby
X
X
X
H
H
Deselected
High-Z
High-Z
Standby
L
H
H
L
X
Output Disabled
High-Z
High-Z
Active
L
H
H
X
L
Output Disabled
High-Z
High-Z
Active
L
H
L
L
H
Read
DOUT
High-Z
Active
H
L
High-Z
DOUT
L
L
DOUT
DOUT
L
L
X
L
H
Write
DIN
High-Z
Active
H
L
High-Z
DIN
L
L
DIN
DIN
Note :
1. H=VIH, L=VIL, X=don't care
2. UB, LB(Upper, Lower Byte enable)
These active LOW inputs allow individual bytes to be written or read.
When LB is LOW, data is written or read to the lower byte, I/O 1 -I/O 8.
When UB is LOW, data is written or read to the upper byte, I/O 9 -I/O 16.


Similar Part No. - HY62UF16201A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62UF16101C HYNIX-HY62UF16101C Datasheet
170Kb / 10P
   64Kx16bit full CMOS SRAM
HY62UF16101CLLF HYNIX-HY62UF16101CLLF Datasheet
170Kb / 10P
   64Kx16bit full CMOS SRAM
HY62UF16101CLLF-I HYNIX-HY62UF16101CLLF-I Datasheet
170Kb / 10P
   64Kx16bit full CMOS SRAM
HY62UF16101CSLF HYNIX-HY62UF16101CSLF Datasheet
170Kb / 10P
   64Kx16bit full CMOS SRAM
HY62UF16101CSLF-I HYNIX-HY62UF16101CSLF-I Datasheet
170Kb / 10P
   64Kx16bit full CMOS SRAM
More results

Similar Description - HY62UF16201A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62SF16201A HYNIX-HY62SF16201A Datasheet
166Kb / 10P
   128Kx16bit full CMOS SRAM
HY62LF16206B-DT12C HYNIX-HY62LF16206B-DT12C Datasheet
278Kb / 11P
   128Kx16bit full CMOS SRAM
HY62LF16206A HYNIX-HY62LF16206A Datasheet
283Kb / 11P
   128Kx16bit full CMOS SRAM
HY62SF16406D HYNIX-HY62SF16406D Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62UF16806A HYNIX-HY62UF16806A Datasheet
218Kb / 11P
   512Kx16bit full CMOS SRAM
HY62LF16404C HYNIX-HY62LF16404C Datasheet
186Kb / 10P
   256Kx16bit full CMOS SRAM
HY62UF16800B HYNIX-HY62UF16800B Datasheet
340Kb / 11P
   512Kx16bit full CMOS SRAM
HY62UF16804A HYNIX-HY62UF16804A Datasheet
201Kb / 10P
   512Kx16bit full CMOS SRAM
HY62LF16406C HYNIX-HY62LF16406C Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62SF16404C HYNIX-HY62SF16404C Datasheet
184Kb / 10P
   256Kx16bit full CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com