Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2801 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2801
Description  Low Dropout Voltage Regulator with Reset
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2801 Datasheet(HTML) 1 Page - New Japan Radio

  NJM2801 Datasheet HTML 1Page - New Japan Radio NJM2801 Datasheet HTML 2Page - New Japan Radio NJM2801 Datasheet HTML 3Page - New Japan Radio NJM2801 Datasheet HTML 4Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NJM2801
PRELIMINARY
Low Dropout Voltage Regulator with Reset
GENERAL DISCRIPTION
PACKAGE OUTLINE
The NJM2801 is a low dropout voltage regulator with
reset function.
It provides up to 150mA of logic supply, and the reset
function monitors either input or output voltage of the
regulator with 2% accuracy.
It is suitable for local power supply and reset for small
micro controller and other logic chips.
FEATURES
Output Voltage Accuracy Vo = ±2.2%
Reset Output Voltage
VORH
= 3.3V(typ.)
Reset Hold Time
td
= 10mS±2.5mS
Ripple Rejection
RR=60dB (typ.)
Quiescent Current
IQ
=300µA(max.)
Open Collector Output
Bipolar Technology
Output Voltage Monitor type
Package Outline
SOT89(5Pin)/MTP5
Protection Circuit
1.Current limit circuit
2.Thermal overload protection circuit
Output Voltage/Reset Validated Voltage
PART NO
Output Voltage
Reset Validated
Voltage
NJM2801-0543
5.0V
4.3V
Block Diaglam
NJM2801F**
NJM2801U**
PIN CONFIGURATION
1.VOUT
2.GND
3.Cd
4.VOR
5.VIN
5
4
1
2
3
1
5
2
3
4
1.VIN
2.GND
3.VOR
4.Cd
5.VOUT
( MTP-5 )
( SOT-89 )
VO
GND
VIN
Thermal
Protection
Bandgap
Reference
Cd
VOR


Similar Part No. - NJM2801

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2800 NJRC-NJM2800 Datasheet
110Kb / 4P
   Low Dropout Voltage Regulator with Reset
NJM2800-2528 NJRC-NJM2800-2528 Datasheet
110Kb / 4P
   Low Dropout Voltage Regulator with Reset
NJM2800-3342 NJRC-NJM2800-3342 Datasheet
110Kb / 4P
   Low Dropout Voltage Regulator with Reset
NJM2804 NJRC-NJM2804 Datasheet
136Kb / 5P
   Low Dropout Voltage Regulator with Reset
NJM2804U2528 NJRC-NJM2804U2528 Datasheet
136Kb / 5P
   Low Dropout Voltage Regulator with Reset
More results

Similar Description - NJM2801

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2804 NJRC-NJM2804 Datasheet
136Kb / 5P
   Low Dropout Voltage Regulator with Reset
NJU7272 NJRC-NJU7272 Datasheet
204Kb / 13P
   Low Dropout Voltage Regulator with Reset
Ver.2008-09-16
NJM2806 NJRC-NJM2806 Datasheet
126Kb / 5P
   Low Dropout Voltage Regulator with Reset
NJM2800 NJRC-NJM2800 Datasheet
110Kb / 4P
   Low Dropout Voltage Regulator with Reset
NJM2805 NJRC-NJM2805 Datasheet
73Kb / 5P
   Low Dropout Voltage Regulator with Reset
NJM2807 NJRC-NJM2807 Datasheet
81Kb / 5P
   Low Dropout Voltage Regulator with Reset
logo
Sanyo Semicon Device
LA5601 SANYO-LA5601 Datasheet
196Kb / 8P
   Low Dropout Regulator with Reset
logo
NEC
UPC2260 NEC-UPC2260 Datasheet
72Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR WITH SYSTEM RESET PIN
logo
ON Semiconductor
NCV4949DW ONSEMI-NCV4949DW Datasheet
123Kb / 12P
   Low Dropout Voltage Regulator with Power-On Reset
November, 2002 - Rev. 1
logo
National Semiconductor ...
LM9071 NSC-LM9071 Datasheet
193Kb / 7P
   Low-Dropout System Voltage Regulator with Delayed Reset
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com