Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2388 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJM2388
Description  LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2388 Datasheet(HTML) 6 Page - New Japan Radio

  NJM2388 Datasheet HTML 1Page - New Japan Radio NJM2388 Datasheet HTML 2Page - New Japan Radio NJM2388 Datasheet HTML 3Page - New Japan Radio NJM2388 Datasheet HTML 4Page - New Japan Radio NJM2388 Datasheet HTML 5Page - New Japan Radio NJM2388 Datasheet HTML 6Page - New Japan Radio NJM2388 Datasheet HTML 7Page - New Japan Radio NJM2388 Datasheet HTML 8Page - New Japan Radio NJM2388 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NJM2386/88
- 6 -
Ver.2004-06-21
!
TYPICAL CHARACTERISTICS
-3
-2
-1
0
1
2
3
00.5
1
1.5
Output Current : Io(A)
NJM2386/88_5.0V
Load Regulation vs. Output Current
@:Ta=25
oC
VIN=6.0V
Co=22uF
0
0.5
1
1.5
2
2.5
3
5
1015
2025
30
35
NJM2386/88_5.0V
Peak Output Current vs. Input Voltage
Input Voltage : VIN(V)
@:Ta=25
oC
Co=22uF
0
10
20
30
40
50
0
5
10
15
20
25
30
35
NJM2386/88_5.0V
Quiescent Current vs. Input Voltage
Input Voltage : VIN(V)
@:Ta=25
oC
Output is open.
Co=22uF
0
100
200
300
400
500
0.1
1
10
100
1000
NJM2386/88_5.0V
Output Noise Voltage vs. Output Current
@:Ta=25
oC
VIN=6V
LPF:80kHz
Co=22uF
0.01
0.1
1
Output Current : Io(A)
0.001
0.0001
20
30
40
50
60
70
80
90
100
10
100
1000
10
4
10
5
Frequency : f (Hz)
@:Ta=25
oC
VIN=7V
eIN=500mVrms
Co=22uF
10
100
1k
10k
100k
NJM2386/88_5.0V
Ripple Rejection Ratio vs. Frequency
Io=0A
Io=0.1A
Io=0.5A
Io=1A
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
100
1000
NJM2386/88_5.0V
Ripple Rejection Ratio vs. Output Current
@:Ta=25
oC
VIN=7V
eIN=500mVrms
f=120Hz
Co=22uF
Output Current : Io(A)
1u
1u
10m
1m
100u
10u
1
100m


Similar Part No. - NJM2388

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2388 NJRC-NJM2388 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
More results

Similar Description - NJM2388

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
NJM2387A NJRC-NJM2387A Datasheet
272Kb / 10P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-15
logo
Tiger Electronic Co.,Lt...
KIA78R25F TGS-KIA78R25F Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
KIA78RXX TGS-KIA78RXX Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375 ONSEMI-MC33375_13 Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com