Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JS1A-6V Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # JS1A-6V
Description  ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

JS1A-6V Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  JS1A-6V Datasheet HTML 1Page - Nais(Matsushita Electric Works) JS1A-6V Datasheet HTML 2Page - Nais(Matsushita Electric Works) JS1A-6V Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
JS
78
4-(1). Coil temperature rise
Sample: 5 pcs., JS1a-24V
Measured portion: Inside the coil
Contact current: 5 A
4-(2). Coil temperature rise
Sample: 5 pcs., JS1a-24V
Measured portion: Inside the coil
Contact current: 10 A
5. Ambient temperature characteristics
Sample: 6 pcs., JS1-12V
100
140
120
160
10
20
30
40
50
60
0
Coil applied voltage, %V
85
°C
70
°C
26
°C
100
140
120
160
10
20
30
40
50
60
0
Coil applied voltage, %V
85
°C
70
°C
26
°C
–60 –40 –20 0
20
20
10
–10
–20
40 60 80
Ambient
temperature
°C
Pick-up voltage
Drop-out voltage
6. Electrical life test
(10 A 125 V AC, resistive load)
Sample: 6 pcs., JS1-12V
Operating speed: 20 cpm
Ambient temperature: room temperature
(Circuit)
Change of pick-up and drop-out voltage
Change of contact resistance
10A 125V AC
Contact welding
detection and
Mis-contacting
detection circuit
x
510
0
2
4
6
8
10
Max.
Max.
Min.
Min.
x
No. of operations,
×104
Pick-up voltage
Drop-out voltage
10
5
0
60
20
40
80
100
Max.
Max.
Min.
Min.
x
–x–
No. of operations,
×104
Contact on the N.C. side
Contact on the N.O. side
For Cautions for Use, see Relay Technical Information (Page 11 to 39).
REFERENCE DATA
1. Maximum value for switching capacity
2. Operate/release time
Sample: 25 pcs., JS1-12V
3. Life curve
Ambient temperature: Room temperature
Contact voltage, V
10
30
1
10
100
100
AC resistive load
DC resistive load
80
100
120
140
2
0
4
6
8
10
Max.
Max.
Min.
Min.
x
x
Coil applied voltage, %V
Operate time
Release time
100
10
1
567
8
9
0
1
234
10
125V AC resistive load
Contact current, A
12/27/2002
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Similar Part No. - JS1A-6V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JS1A-6V-F PANASONIC-JS1A-6V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays Surge voltage 6 kV type also available
JS1a-6V-F PANASONIC-JS1a-6V-F Datasheet
102Kb / 5P
   1a/1c 10A cubic type power relays
JS1a-6V-F PANASONIC-JS1a-6V-F Datasheet
69Kb / 4P
   1a/1c 10A cubic type power relays
More results

Similar Description - JS1A-6V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WJ107 ETC1-WJ107 Datasheet
96Kb / 2P
   ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
   MINIATURE PC BOARD RELAY
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
   MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
   MINIATURE PC BOARD RELAY
logo
Tyco Electronics
OMIH-SH-124L MACOM-OMIH-SH-124L Datasheet
117Kb / 2P
   16A Miniature Power PC Board Relay
OMIT-SS-112LM MACOM-OMIT-SS-112LM Datasheet
130Kb / 2P
   10A Miniature Power PC Board Relay
logo
List of Unclassifed Man...
AZ941 ETC-AZ941 Datasheet
54Kb / 2P
   MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ946 AZETTLER-AZ946 Datasheet
95Kb / 2P
   MINIATURE PC BOARD RELAY
logo
Tyco Electronics
2-1440002-9 MACOM-2-1440002-9 Datasheet
77Kb / 2P
   16A Miniature Power PC Board Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com