Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9216 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9216
Description  Programmable DC-Balance 21-Bit Deserializers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9216 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9216 Datasheet HTML 5Page - Maxim Integrated Products MAX9216 Datasheet HTML 6Page - Maxim Integrated Products MAX9216 Datasheet HTML 7Page - Maxim Integrated Products MAX9216 Datasheet HTML 8Page - Maxim Integrated Products MAX9216 Datasheet HTML 9Page - Maxim Integrated Products MAX9216 Datasheet HTML 10Page - Maxim Integrated Products MAX9216 Datasheet HTML 11Page - Maxim Integrated Products MAX9216 Datasheet HTML 12Page - Maxim Integrated Products MAX9216 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Programmable DC-Balance
21-Bit Deserializers
_______________________________________________________________________________________
9
channel is five. Limiting the DSV and choosing the cor-
rect coupling capacitors maintains differential signal
amplitude and reduces jitter due to droop on AC-cou-
pled links.
To obtain DC balance on the data channels, the serial-
izer parallel data is inverted or not inverted, depending
on the sign of the digital sum at the word boundary.
Two complementary bits are appended to each group
of 7 parallel input data bits to indicate to the MAX9210/
MAX9212/MAX9214/MAX9216/MAX9220/MAX9222
deserializers whether the data bits are inverted (see
Figures 9 and 10). The deserializer restores the original
state of the parallel data. The LVDS clock signal alter-
nates duty cycles of 4/9 and 5/9, which maintain DC
balance.
TxIN_ IS DATA FROM THE SERIALIZER.
TxIN1
TxIN7
TxIN8
TxIN14
TxIN15
+
-
CYCLE N + 1
CYCLE N
CYCLE N - 1
TxIN2
TxIN6
TxIN3
TxIN4
TxIN5
TxIN9
TxIN13
TxIN10
TxIN11
TxIN12
TxIN0
TxIN1
TxIN2
TxIN6
TxIN3
TxIN4
TxIN5
TxIN7
TxIN8
TxIN9
TxIN13
TxIN10
TxIN11
TxIN12
TxIN14
TxIN15
TxIN16
TxIN20
TxIN17
TxIN18
TxIN19
TxIN0
TxIN1
TxIN7
TxIN8
TxIN14
TxIN15
TxIN16
TxIN20
TxIN17
TxIN18
TxIN19
TxIN0
RxCLK IN
RxIN1
RxIN0
RxIN2
Figure 9. Deserializer Serial Input in Non-DC-Balanced Mode
TxIN_, DCA_, AND DCB_ ARE DATA FROM THE SERIALIZER.
DCA0
DCB1
DCA1
DCB2
DCA2
CYCLE N + 1
CYCLE N
CYCLE N - 1
TxIN2
TxIN6
TxIN3
TxIN4
TxIN5
TxIN9
TxIN13
TxIN10
TxIN11
TxIN12
TxIN2
TxIN3
TxIN4
DCA0
TxIN5
TxIN6
DCB0
TxIN9
TxIN10
TxIN11
DCA1
TxIN12
TxIN13
DCB1
TxIN16
TxIN17
TxIN18
DCA2
TxIN19
TxIN20
DCB2
TxIN0
TxIN1
TxIN7
TxIN8
TxIN14
TxIN15
TxIN16
TxIN20
TxIN17
TxIN18
TxIN19
DCB0
RxCLK IN
RxIN1
RxIN0
RxIN2
TxIN1
TxIN8
TxIN15
TxIN0
TxIN7
TxIN14
+
-
Figure 10. Deserializer Serial Input in DC-Balanced Mode
0.8V
PWRDWN
RxCLK IN
RxOUT_
RxCLK OUT
RPDD
HIGH-Z
Figure 8. Power-Down Delay


Similar Part No. - MAX9216

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
MAX921 MAXIM-MAX921 Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
MAX921-MAX924 MAXIM-MAX921-MAX924 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
MAX9210 MAXIM-MAX9210 Datasheet
194Kb / 17P
   Programmable DC-Balance 21-Bit Deserializers
Rev 5; 11/07
MAX9210 MAXIM-MAX9210 Datasheet
1Mb / 17P
   Programmable DC-Balance 21-Bit Deserializers
2014
More results

Similar Description - MAX9216

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9210 MAXIM-MAX9210_07 Datasheet
194Kb / 17P
   Programmable DC-Balance 21-Bit Deserializers
Rev 5; 11/07
MAX9210 MAXIM-MAX9210_V01 Datasheet
1Mb / 17P
   Programmable DC-Balance 21-Bit Deserializers
2014
MAX9242 MAXIM-MAX9242 Datasheet
401Kb / 22P
   21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 0; 1/06
MAX9242 MAXIM-MAX9242_07 Datasheet
293Kb / 22P
   21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 2; 6/07
MAX9242 MAXIM-MAX9242_09 Datasheet
256Kb / 23P
   21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 3; 2/09
MAX9232 MAXIM-MAX9232 Datasheet
49Kb / 1P
   Programmable Spread-Spectrum and DC-Balance 21-Bit Deserializer
Rev 0; 9/05
MAX9234 MAXIM-MAX9234 Datasheet
187Kb / 15P
   Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 1; 10/07
MAX9234 MAXIM-MAX9234_12 Datasheet
207Kb / 15P
   Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 2; 9/12
MAX9209 MAXIM-MAX9209 Datasheet
477Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 2; 2/04
MAX9209 MAXIM-MAX9209_07 Datasheet
319Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 3; 6/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com