Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANS1N821-1 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # JANS1N821-1
Description  6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANS1N821-1 Datasheet(HTML) 1 Page - Microsemi Corporation

  JANS1N821-1 Datasheet HTML 1Page - Microsemi Corporation JANS1N821-1 Datasheet HTML 2Page - Microsemi Corporation JANS1N821-1 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
6.2 & 6.55 Volt Temperature Compensated
Zener Reference Diodes
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2003
10-27-2003 REV C
SCOTTSD A L E DIVISION
1N821 thru 1N829A-1 DO-7
DESCRIPTION
APPEARANCE
The popular 1N821 thru 1N829 series of Zero-TC Reference Diodes
provides a selection of both 6.2 V and 6.55 V nominal voltages and
temperature coefficients to as low as 0.0005%/oC for minimal voltage
change with temperature when operated at 7.5 mA. These glass axial-
leaded DO-7 reference diodes are also available in JAN, JANTX, JANTXV,
and JANS military qualifications. Microsemi also offers numerous other
Zener Reference Diode products for a variety of other voltages up to 200 V.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• JEDEC registered 1N821 thru 1N829 series
• Internal metallurgical bonds
• Double anode option with 1N822 and 1N824 selection
• Reference voltage selection of 6.2 V & 6.55 V +/-5%
with further tight tolerance options at nominal of 6.35 V
• 1N821, 823, 825, 827 and 829 also have military
qualification to MIL-PRF-19500/159 up to the JANS
level by adding JAN, JANTX, JANTXV, or JANS
prefixes to part numbers as well as the “-1” suffix, e.g.
JANTX1N829-1, etc.
• Radiation Hardened devices available by changing
“1N” prefix to “RH”, e.g. RH827, RH 829, RH829A,
etc. Also consult factory for “RH” data sheet brochure
• Military surface mount equivalents also available in
DO-213AA with UR-1 suffix and JAN, JANTX, or
JANTXV prefix, e.g. JANTX1N829UR-1 (see separate
data sheet)
• Also available in smaller axial-leaded DO-35 package
(see separate data sheet)
• Provides minimal voltage changes over a broad
temperature range
• For instrumentation and other circuit designs
requiring a stable voltage reference
• Maximum temperature coefficient selections
available from 0.01%/ºC to 0.0005%/ºC
• Tight voltage tolerances with nominal reference
voltages of 6.35 V available by adding tolerance
1%, 2%, 3%, etc. after the part number for
identification e.g. 1N827-2%, 1N829A -1%, 1N829-
1-1%, etc.
• Flexible axial-lead mounting terminals
• Nonsensitive to ESD per MIL-STD-750 Method
1020
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Operating & StorageTemperature: -65oC to +175oC
• DC Power Dissipation: 500 mW @ TL = 25oC and
maximum current IZM of 70 mA. NOTE: For optimum
voltage-temperature stability, IZ = 7.5 mA (less than 50
mW in dissipated power)
• Solder temperatures: 260 oC for 10 s (maximum)
• CASE: Hermetically sealed glass case with DO-7
(DO-204AA) package
• TERMINALS: Tin-lead plated and solderable per
MIL-STD-750, Method 2026
• MARKING: Part number and cathode band (except
double anode 1N822 and 1N824)
• POLARITY: Reference diode to be operated with
the banded end positive with respect to the
opposite end
• TAPE & REEL option: Standard per EIA-296 (add
“TR” suffix to part number)
• WEIGHT: 0.2 grams.
• See package dimensions on last page
DO-7
(DO-204AA)


Similar Part No. - JANS1N821-1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANS1N4099 MICROSEMI-JANS1N4099 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
JANS1N4099 MICROSEMI-JANS1N4099 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
JANS1N4099-1 MICROSEMI-JANS1N4099-1 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
JANS1N4099C MICROSEMI-JANS1N4099C Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
JANS1N4099CUR-1 MICROSEMI-JANS1N4099CUR-1 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
More results

Similar Description - JANS1N821-1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N821 MICROSEMI-1N821 Datasheet
78Kb / 2P
   6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N821-1 MICROSEMI-1N821-1 Datasheet
76Kb / 2P
   6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N821UR MICROSEMI-1N821UR Datasheet
196Kb / 3P
   6.2 & 6.55 Volt Temperature Compensated Surface Mount Zener Reference Diodes
logo
Digitron Semiconductors
1N4565 DIGITRON-1N4565 Datasheet
131Kb / 3P
   6.4 VOLT TEMPERATURE COMPENSATED 6.4 VOLT TEMPERATURE COMPENSATED
logo
Central Semiconductor C...
CPZ34R CENTRAL-CPZ34R Datasheet
620Kb / 2P
   6.2 Volt TVS Chip
logo
Microsemi Corporation
1N935 MICROSEMI-1N935 Datasheet
76Kb / 2P
   9.0 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3154 MICROSEMI-1N3154_1 Datasheet
137Kb / 3P
   8.4 Volt Temperature Compensated Zener Reference Diodes
logo
New Jersey Semi-Conduct...
1N4765 NJSEMI-1N4765 Datasheet
118Kb / 1P
   9.1 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N941 NJSEMI-1N941 Datasheet
134Kb / 1P
   11.7 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N3154 MICROSEMI-1N3154 Datasheet
72Kb / 2P
   8.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com