Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9212 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9212
Description  Programmable DC-Balance 21-Bit Deserializers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9212 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9212 Datasheet HTML 1Page - Maxim Integrated Products MAX9212 Datasheet HTML 2Page - Maxim Integrated Products MAX9212 Datasheet HTML 3Page - Maxim Integrated Products MAX9212 Datasheet HTML 4Page - Maxim Integrated Products MAX9212 Datasheet HTML 5Page - Maxim Integrated Products MAX9212 Datasheet HTML 6Page - Maxim Integrated Products MAX9212 Datasheet HTML 7Page - Maxim Integrated Products MAX9212 Datasheet HTML 8Page - Maxim Integrated Products MAX9212 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Programmable DC-Balance
21-Bit Deserializers
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to +3.6V, VCCO = +3.0V to +5.5V, PWRDWN = high, DCB/NC = high or low, differential input voltage |VID| = 0.05V to
1.2V, input common-mode voltage VCM = |VID/2| to 2.4V - |VID/2|, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
VCC = VCCO = +3.3V, VID| = 0.2V, VCM = 1.25V, TA = +25°C). (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RxCLK OUT
-10
-40
MAX9210/
MAX9212/
MAX9220
RxOUT_
-5
-20
VCCO = 3.0V
to 3.6V,
VOUT = 0
MAX9214/MAX9216/MAX922
-10
-40
RxCLK OUT
-28
-75
MAX9210/
MAX9212/
MAX9220
RxOUT_
-14
-37
Output Short-Circuit Current
(Note: Short one output at a
time.)
IOS
VCCO = 4.5V
to 5.5V,
VOUT = 0
MAX9214/MAX9216/MAX922
-28
-75
mA
LVDS INPUTS
Differential Input High Threshold
VTH
50
mV
Differential Input Low Threshold
VTL
-50
mV
Input Current
IIN+,
IIN-
PWRDWN = high or low
-25
+25
µA
Power-Off Input Current
IINO+,
IINO-
VCC = VCCO = 0 or open,
DCB/NC, PWRDWN = 0 or open
-25
+25
µA
PWRDWN = high or low, Figure 1
Input Resistor 1
RIN1
VCC = VCCO = 0 or open, Figure 1
42
78
k
PWRDWN = high or low, Figure 1
Input Resistor 2
RIN2
VCC = VCCO = 0 or open, Figure 1
246
410
k
POWER SUPPLY
8MHz
32
42
16MHz
46
57
MAX9210/
MAX9212/
MAX9220
34MHz
81
98
16MHz
52
63
34MHz
86
106
CL = 8pF, worst-
case pattern,
DC- balanced
mode; VCC = VCCO
= 3.0V to 3.6V,
Figure 2
MAX9214/
MAX9216/
MAX9222
66MHz
152
177
10MHz
33
42
20MHz
46
58
33MHz
67
80
MAX9210/
MAX9212/
MAX9220
40MHz
78
94
20MHz
53
64
33MHz
72
85
40MHz
81
99
66MHz
127
149
Worst-Case Supply Current
ICCW
CL = 8pF, worst
case pattern,
non-DC-balanced
mode; VCC = VCCO
= 3.0V to 3.6V,
Figure 2
MAX9214/
MAX9216/
MAX9222
85MHz
159
186
mA
Power-Down Supply Current
ICCZ
PWRDWN = low
50
µA


Similar Part No. - MAX9212

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
MAX921 MAXIM-MAX921 Datasheet
192Kb / 17P
   Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
MAX921-MAX924 MAXIM-MAX921-MAX924 Datasheet
139Kb / 16P
   Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
MAX9210 MAXIM-MAX9210 Datasheet
194Kb / 17P
   Programmable DC-Balance 21-Bit Deserializers
Rev 5; 11/07
MAX9210 MAXIM-MAX9210 Datasheet
1Mb / 17P
   Programmable DC-Balance 21-Bit Deserializers
2014
More results

Similar Description - MAX9212

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9210 MAXIM-MAX9210_07 Datasheet
194Kb / 17P
   Programmable DC-Balance 21-Bit Deserializers
Rev 5; 11/07
MAX9210 MAXIM-MAX9210_V01 Datasheet
1Mb / 17P
   Programmable DC-Balance 21-Bit Deserializers
2014
MAX9242 MAXIM-MAX9242 Datasheet
401Kb / 22P
   21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 0; 1/06
MAX9242 MAXIM-MAX9242_07 Datasheet
293Kb / 22P
   21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 2; 6/07
MAX9242 MAXIM-MAX9242_09 Datasheet
256Kb / 23P
   21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 3; 2/09
MAX9232 MAXIM-MAX9232 Datasheet
49Kb / 1P
   Programmable Spread-Spectrum and DC-Balance 21-Bit Deserializer
Rev 0; 9/05
MAX9234 MAXIM-MAX9234 Datasheet
187Kb / 15P
   Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 1; 10/07
MAX9234 MAXIM-MAX9234_12 Datasheet
207Kb / 15P
   Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 2; 9/12
MAX9209 MAXIM-MAX9209 Datasheet
477Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 2; 2/04
MAX9209 MAXIM-MAX9209_07 Datasheet
319Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 3; 6/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com