Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1962 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE1962
Description  Integrated Circuit Positive, 3-Terminal Voltage Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1962 Datasheet(HTML) 2 Page - NTE Electronics

  NTE1962 Datasheet HTML 1Page - NTE Electronics NTE1962 Datasheet HTML 2Page - NTE Electronics NTE1962 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics (Cont’d): (TJ = +25°C, CI = 0.33µF, CO = 0.1µF, Note 1 unless otherwise
specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
NTE1960
IQ
VIN = 10V, IO = 0mA
4.2
6.0
mA
NTE1962
VIN = 11V, IO = 0mA
4.3
6.0
mA
NTE1964
VIN = 14V, IO = 0mA
4.3
6.0
mA
NTE1966
VIN = 15V, IO = 0mA
4.3
6.0
mA
NTE1968
VIN = 16V, IO = 0mA
4.3
6.0
mA
NTE1970
VIN = 19V, IO = 0mA
4.3
6.0
mA
NTE1972
VIN = 23V, IO = 0mA
4.4
6.0
mA
NTE1974
VIN = 27V, IO = 0mA
4.5
6.0
mA
NTE1976
VIN = 33V, IO = 0mA
4.6
6.0
mA
Load Regulation
NTE1960
∆VO – IO VIN = 10V, IO = 0.005 to 1.5A
15
50
mV
NTE1962
VIN = 11V, IO = 0.005 to 1.5A
15
60
mV
NTE1964
VIN = 14V, IO = 0.005 to 1.5A
15
80
mV
NTE1966
VIN = 15V, IO = 0.005 to 1.5A
15
90
mV
NTE1968
VIN = 16V, IO = 0.005 to 1.5A
15
100
mV
NTE1970
VIN = 19V, IO = 0.005 to 1.5A
25
120
mV
NTE1972
VIN = 23V, IO = 0.005 to 1.5A
35
150
mV
NTE1974
VIN = 27V, IO = 0.005 to 1.5A
55
180
mV
NTE1976
VIN = 33V, IO = 0.005 to 1.5A
65
240
mV
Line Regulation
NTE1960
∆VO – VIN VIN = 7V to 25V, IO = 0.5A
3
50
mV
NTE1962
VIN = 8V to 25V, IO = 0.5A
5
60
mV
NTE1964
VIN = 10.5V to 25V, IO = 0.5A
6
80
mV
NTE1966
VIN = 11.5V to 25V, IO = 0.5A
7
90
mV
NTE1968
VIN = 12.5V to 25V, IO = 0.5A
8
100
mV
NTE1970
VIN = 14.5V to 30V, IO = 0.5A
10
120
mV
NTE1972
VIN = 17.5V to 30V, IO = 0.5A
11
150
mV
NTE1974
VIN = 21V to 33V, IO = 0.5A
15
180
mV
NTE1976
VIN = 27V to 38V, IO = 0.5A
18
240
mV
Ripple Rejection
NTE1960
RR
VIN = 10V, IO = 0.5A, ein = 2VP–P, f = 120Hz
68
78
dB
NTE1962
VIN = 11V, IO = 0.5A, ein = 2VP–P, f = 120Hz
65
75
dB
NTE1964
VIN = 14V, IO = 0.5A, ein = 2VP–P, f = 120Hz
62
72
dB
NTE1966
VIN = 15V, IO = 0.5A, ein = 2VP–P, f = 120Hz
62
72
dB
NTE1968
VIN = 16V, IO = 0.5A, ein = 2VP–P, f = 120Hz
62
72
dB
NTE1970
VIN = 19V, IO = 0.5A, ein = 2VP–P, f = 120Hz
62
71
dB
NTE1972
VIN = 23V, IO = 0.5A, ein = 2VP–P, f = 120Hz
60
70
dB
NTE1974
VIN = 27V, IO = 0.5A, ein = 2VP–P, f = 120Hz
59
69
dB
NTE1976
VIN = 33V, IO = 0.5A, ein = 2VP–P, f = 120Hz
56
66
dB
Output Noise Voltage
NTE1960
VNO
VIN = 10V, BW = 10Hz to 100kHz, IO = 0.5A
45
µV
NTE1962
VIN = 11V, BW = 10Hz to 100kHz, IO = 0.5A
45
µV
NTE1964
VIN = 14V, BW = 10Hz to 100kHz, IO = 0.5A
55
µV
NTE1966
VIN = 15V, BW = 10Hz to 100kHz, IO = 0.5A
60
µV
NTE1968
VIN = 16V, BW = 10Hz to 100kHz, IO = 0.5A
65
µV
Note 1. Measurement is to be conducted in pulse testing.


Similar Part No. - NTE1962

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE196 NTE-NTE196 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Audio Power Output and Medium Power Switching
NTE1961 NTE-NTE1961 Datasheet
29Kb / 3P
   Integrated Circuit Negative, 3-Terminal Voltage Regulator
NTE1963 NTE-NTE1963 Datasheet
29Kb / 3P
   Integrated Circuit Negative, 3-Terminal Voltage Regulator
NTE1965 NTE-NTE1965 Datasheet
29Kb / 3P
   Integrated Circuit Negative, 3-Terminal Voltage Regulator
NTE1967 NTE-NTE1967 Datasheet
29Kb / 3P
   Integrated Circuit Negative, 3-Terminal Voltage Regulator
More results

Similar Description - NTE1962

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1900 NTE-NTE1900 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator
NTE968 NTE-NTE968 Datasheet
21Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 15V
NTE950 NTE-NTE950 Datasheet
27Kb / 3P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
NTE956 NTE-NTE956 Datasheet
22Kb / 2P
   Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator
NTE960 NTE-NTE960 Datasheet
25Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 5V
NTE964 NTE-NTE964 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 8V
NTE962 NTE-NTE962 Datasheet
24Kb / 2P
   Integrated Circuit 3.Terminal Positive Voltage Regulator, 6V
NTE966 NTE-NTE966 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 12V
NTE988 NTE-NTE988 Datasheet
24Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
NTE958 NTE-NTE958 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 18V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com