Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-LX0201NWD-TR Datasheet(PDF) 1 Page - LUMEX INC.

Part # SML-LX0201NWD-TR
Description  0.65(L)*0.38(W)*0.36(H)mm, SURFACE MOUNT TOP VIEW LED, lnGaN NEUTRAL WHITE, YELLOW LENS, TAPE & REEL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SML-LX0201NWD-TR Datasheet(HTML) 1 Page - LUMEX INC.

  SML-LX0201NWD-TR Datasheet HTML 1Page - LUMEX INC. SML-LX0201NWD-TR Datasheet HTML 2Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CAUTION:STATIC DEVICE
FOLLOW PROPER E.S.D. HANDLING
PROCEDURES WHEN WORKING WITH THIS PART.
0.33 0.013
0.38 ±0.1 0.015 ±0.004
CATHODE
MARK
0.13 0.005
0.36 ±0.1 0.014 ±0.004
0.33 ±0.1 0.013 ±0.004
CATHODE
SIDE
ELECTRO-OPTICAL CHARACTERISTIC TA=25
ABSOLUTE MAXIMUM RATINGS TA=25
*t<10us
POLARITY
RECOMMENDED SOLDER PAD LAYOUT
ANODE
CATHODE
CAUTION:MOISTURE SENSITIVE DEVICE
PER JEDEC LEVEL 2a STANDARDS
PARAMETER
MAX
UNITS
PEAK FORWARD CURRENT*
60
mA
FORWARD CURRENT
5
mA
POWER DISIPATION
16
mW
STORAGE TEMPERATURE
-40~+100
OPERATING TEMPERATURE
-40~+85
PARAMETER
MIN
TYP
MAX
UNITS
TEST COND
PEAK WAVELENGTH
X
-
0.300
-
-
If=2mA
Y
-
0.296
-
FORWARD VOLTAGE
-
2.8
3.2
Vf
If=2mA
REVERSE VOLTAGE
-
-
5
Vr
Ir=100uA
LUMINOUS INTENSITY
-
60
-
mcd
If=2mA
VIEWING ANGLE
-
110
-
2x theta1/2
-
EMITTED COLOR
WHITE
EPOXY LENS FINISH
YELLOW
SCALE :
mm [INCH]
DATE:
DRAWN BY:
425 N. GARY AVE.
CAROL STREAM, IL 60188
PHONE:800-278-5666
FAX:630-315-2150
WEB:WWW.LUMEX.COM
0.65(L)*0.38(W)*0.36(H)mm, SURFACE MOUNT TOP VIEW LED, lnGaN NEUTRAL WHITE, YELLOW LENS, TAPE & REEL
**THE SPECIFICATIONS MAY CHANGE AT ANY TIME WITHOUT NOTICE DUE TO NEW MATERIALS OR PRODUCT IMPROVEMENT.**
CONFIDENTIAL INFORMATION
THE INFORMATION CONTAINED IN THIS DOCUMENT IS THE PROPERTY OF LUMEX INC. EXCEPT AS SPECIFICALLY AUTHORIZED IN WRITING BY LUMEX INC., THE HOLDER OF THIS DOCUMENT SHALL
KEEP ALL INFORMATION CONTAINED HEREIN CONFIDENTIAL AND SHALL PROTECT SAME IN WHOLE OR IN PART FROM DISCLOSURE AND DISSEMINATION TO ALL THIRD PARTIES.
CHKD BY:
APRVD BY:
PAGE:
UNIT:
*UNLESS OTHERWISE SPECIFIED TOLERANCES PER DECIMAL PRECISION ARE: X=±1 (±0.039), X.X=±0.5 (±0.020), X.XX=±0.25 (±0.010), X.XXX=±0.127 (±0.005). LEAD SIZE=±0.05 (±0.002), LEAD LENGTH=±0.75 (±0.030). MIN=
MAX.=
+DECIMAL PRECISION
-0.00
+0.00
-DECIMAL PRECISION
NTF
Pb
PART NUMBER
REV
SML-LX0201NWD-TR
--
2017.05.25
1 OF 2
C.C.
G.Y.
R.C.


Similar Part No. - SML-LX0201NWD-TR

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SML-LX0201USBC-TR LUMEX-SML-LX0201USBC-TR Datasheet
441Kb / 2P
   THE SPECIFICATIONS MAY CHANGE AT ANY TIME WITHOUT NOTICE DUE TO NEW MATERIALS OR PRODUCT IMPROVEMENT
More results

Similar Description - SML-LX0201NWD-TR

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SML-LXT0805IW-TR LUMEX-SML-LXT0805IW-TR_17 Datasheet
579Kb / 2P
   2(L)*1.3(W)*0.8(H)mm, SURFACE MOUNT TOP VIEW LED, GaAsP RED, MILKY WHITE DIFFUSED, TAPE & REEL
SML-LXL1209SYC-ATR LUMEX-SML-LXL1209SYC-ATR Datasheet
622Kb / 3P
   3.2(L)*2.4(W)*2.5(H)mm, SURFACE MOUNT LED, 595 SUPER YELLOW LED, WATER CLEAR LENS, TAPE & REEL
SML-LXR851SGSIC-TR LUMEX-SML-LXR851SGSIC-TR Datasheet
439Kb / 2P
   1(L)*3(W)*2(H)mm, SURFACE MOUNT SIDE VIEW LED, GREEN / RED LED, WATER CLEAR LENS, TAPE & REEL
SML-LX0303SIUPGUSB LUMEX-SML-LX0303SIUPGUSB Datasheet
430Kb / 2P
   0.8(L)*0.8(W)*0.65(H)mm, SURFACE MOUNT LED, AlInGap RED/InGaN GREEN/InGaN BLUE LED, CLEAR LENS (TINTED), TAPE & REEL
SML-LX5050SIUPGUSB LUMEX-SML-LX5050SIUPGUSB Datasheet
441Kb / 2P
   5(L)*5(W)*1.6(H)mm, SURFACE MOUNT TOP VIEW LED, AlGaInP RED / InGaN GREEN / InGaN BLUE, WATER CLEAR LENS, TAPE & REEL.
SML-LX2835SISUGSBC LUMEX-SML-LX2835SISUGSBC_17 Datasheet
460Kb / 2P
   3.5(L)*2.7(W)*1.9(H)mm, SURFACE MOUNT TOP VIEW LED, AlGaInP RED / AlGaInP GREEN / GaN BLUE, WATER CLEAR LENS, TAPE & REEL.
SML-LX4014UWC-TR LUMEX-SML-LX4014UWC-TR_17 Datasheet
416Kb / 2P
   4.0(L)*1.4(W)*0.6(H)mm, COOL WHITE LED, InGaN/GAN, WATER CLEAR LENS, TAPE & REEL
SML-LXL1206GC-TR LUMEX-SML-LXL1206GC-TR Datasheet
421Kb / 2P
   3(L)*1.5(W)*1.5(H)mm, PCB SML WITH LENS, 570nm YELLOW GREEN LED, WATER CLEAR LENS, TAPE & REEL
SML-LX23UWC-TR LUMEX-SML-LX23UWC-TR_17 Datasheet
415Kb / 2P
   3(L)*2(W)*1.3(H)mm, SURFACE MOUNT WITH REFLECTOR, WATER CLEAR LENS, TAPE & REEL
SML-LX0606SISUGCTR LUMEX-SML-LX0606SISUGCTR Datasheet
461Kb / 2P
   1.6(L)*1.5(W)*0.7(H)mm, SURFACE MOUNT LED, AlInGap RED/AlInGaP GREEN BICOLOR LED, WATER CLEAR LENS, TAPE & REEL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com