Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY17F-2.300W Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # CNY17F-2.300W
Description  6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNY17F-2.300W Datasheet(HTML) 2 Page - Fairchild Semiconductor

  CNY17F-2.300W Datasheet HTML 1Page - Fairchild Semiconductor CNY17F-2.300W Datasheet HTML 2Page - Fairchild Semiconductor CNY17F-2.300W Datasheet HTML 3Page - Fairchild Semiconductor CNY17F-2.300W Datasheet HTML 4Page - Fairchild Semiconductor CNY17F-2.300W Datasheet HTML 5Page - Fairchild Semiconductor CNY17F-2.300W Datasheet HTML 6Page - Fairchild Semiconductor CNY17F-2.300W Datasheet HTML 7Page - Fairchild Semiconductor CNY17F-2.300W Datasheet HTML 8Page - Fairchild Semiconductor CNY17F-2.300W Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1/21/04
Page 2 of 12
© 2004 Fairchild Semiconductor Corporation
6-PIN DIP OPTOCOUPLERS FOR
POWER SUPPLY APPLICATIONS
(NO BASE CONNECTION)
MOC8101
MOC8102
MOC8103
MOC8104
MOC8105
MOC8106
MOC8107
MOC8108
CNY17F-1
CNY17F-2
CNY17F-3
CNY17F-4
ABSOLUTE MAXIMUM RATINGS (TA =25°C Unless otherwise specified)
Parameter
Symbol
Value
Unit
INPUT LED
Forward Current - Continuous
IF
100
mA
Forward Current - Peak (PW = 1µs, 300pps)
IF(pk)
1
A
Reverse Voltage
VR
6Volts
LED Power Dissipation @ TA = 25°C
PD
150
mW
Derate above 25°C
2.0
mW/°C
OUTPUT TRANSISTOR
Collector-Emitter Voltage
MOC8106/7/8, CNY17F-1/2/3/4
VCEO
70
Volts
MOC8101/2/3/4/5
30
Emitter-Collector Voltage
VECO
7Volts
Detector Power Dissipation @ TA = 25°C
PD
150
mW
Derate above 25°C
2.0
mW/°C
TOTAL DEVICE
Input-Output Isolation Voltage
VISO
5300
Vac(rms)
(f = 60 Hz, t = 1 min.)
Total Device Power Dissipation @ TA = 25°C
PD
250
mW
Derate above 25°C
3.3
mW/°C
Ambient Operating Temperature Range
TOPR
-55 to +100
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Lead Soldering Temperature
TSOL
260
°C
(1/16” from case, 10 sec. duration)


Similar Part No. - CNY17F-2.300W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17F-2.3SD FAIRCHILD-CNY17F-2.3SD Datasheet
177Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
More results

Similar Description - CNY17F-2.300W

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
CNY17F-1 QT-CNY17F-1 Datasheet
100Kb / 5P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
logo
Fairchild Semiconductor
MOC8111 FAIRCHILD-MOC8111_04 Datasheet
188Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8101 FAIRCHILD-MOC8101 Datasheet
177Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8112M_0810 FAIRCHILD-MOC8112M_0810 Datasheet
254Kb / 9P
   6-Pin DIP Optocoupler for Power Supply Applications
logo
ON Semiconductor
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
   6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
logo
Motorola, Inc
MOC8101 MOTOROLA-MOC8101 Datasheet
188Kb / 4P
   6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
logo
Fairchild Semiconductor
MOC8111M FAIRCHILD-MOC8111M Datasheet
250Kb / 9P
   6-Pin DIP Optocoupler for Power Supply Applications (No Base Connection)
logo
Motorola, Inc
MOC8106 MOTOROLA-MOC8106 Datasheet
198Kb / 6P
   6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
logo
Fairchild Semiconductor
H11N2M FAIRCHILD-H11N2M Datasheet
248Kb / 10P
   6-Pin DIP High Speed Logic Optocouplers
H11N1-M FAIRCHILD-H11N1-M_05 Datasheet
522Kb / 9P
   6-PIN DIP HIGH SPEED LOGIC OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com