Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38693MP-5.0 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP38693MP-5.0
Description  500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38693MP-5.0 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP38693MP-5.0 Datasheet HTML 1Page - National Semiconductor (TI) LP38693MP-5.0 Datasheet HTML 2Page - National Semiconductor (TI) LP38693MP-5.0 Datasheet HTML 3Page - National Semiconductor (TI) LP38693MP-5.0 Datasheet HTML 4Page - National Semiconductor (TI) LP38693MP-5.0 Datasheet HTML 5Page - National Semiconductor (TI) LP38693MP-5.0 Datasheet HTML 6Page - National Semiconductor (TI) LP38693MP-5.0 Datasheet HTML 7Page - National Semiconductor (TI) LP38693MP-5.0 Datasheet HTML 8Page - National Semiconductor (TI) LP38693MP-5.0 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65˚C to +150˚C
Lead Temp. (Soldering, 5 seconds)
260˚C
ESD Rating (Note 3)
2 kV
Power Dissipation (Note 2)
Internally Limited
V(max) All pins (with respect to GND)
-0.3V to 12V
I
OUT
Internally Limited
Junction Temperature
−40˚C to +150˚C
Operating Ratings
V
IN Supply Voltage
2.7V to 10V
Operating Junction
Temperature Range
−40˚C to +125˚C
Electrical Characteristics Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply
over the full operating temperature range. Unless otherwise specified: V
IN =VOUT + 1V, CIN =COUT = 10 µF, ILOAD = 10mA.
Min/Max limits are guaranteed through testing, statistical correlation, or design.
Symbol
Parameter
Conditions
MIN
TYP
(Note 4)
MAX
Units
V
O
Output Voltage Tolerance
-2.0
2.0
%V
OUT
100 µA < I
L < 0.5A
V
O +1V
≤ V
IN
≤ 10V
-4.0
4.0
∆V
O/
∆V
IN
Output Voltage Line Regulation
(Note 6)
V
O + 0.5V
≤ V
IN
≤ 10V
I
L = 25mA
0.03
0.1
%/V
∆V
O/
∆I
L
Output Voltage Load Regulation
(Note 7)
1mA < I
L < 0.5A
V
IN =VO +1V
1.8
5
%/A
V
IN -VOUT
Dropout Voltage (Note 8)
(V
O = 2.5V)
I
L = 0.1A
I
L = 0.5A
80
430
145
725
mV
(V
O = 3.3V)
I
L = 0.1A
I
L = 0.5A
65
330
110
550
(V
O = 5V)
I
L = 0.1A
I
L = 0.5A
45
250
100
450
I
Q
Quiescent Current
V
IN
≤ 10V, I
L =100 µA - 0.5A
55
100
µA
V
EN
≤ 0.4V, (LP38693 Only)
0.001
1
I
L(MIN)
Minimum Load Current
V
IN -VO
≤ 4V
100
I
FB
Foldback Current Limit
V
IN -VO > 5V
350
mA
V
IN -VO < 4V
850
PSRR
Ripple Rejection
V
IN =VO + 2V(DC), with 1V(p-p)
/ 120Hz Ripple
55
dB
T
SD
Thermal Shutdown Activation
(Junction Temp)
160
˚C
T
SD (HYST)
Thermal Shutdown Hysteresis
(Junction Temp)
10
www.national.com
4


Similar Part No. - LP38693MP-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38693MP-5.0 TI-LP38693MP-5.0 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693MP-5.0 TI-LP38693MP-5.0 Datasheet
1Mb / 27P
[Old version datasheet]    500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693MP-5.0 TI-LP38693MP-5.0 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693MP-5.0 TI1-LP38693MP-5.0 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Dropout CMOS Linear Regulators Stable
LP38693MP-5.0/NOPB TI1-LP38693MP-5.0/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
More results

Similar Description - LP38693MP-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
[Old version datasheet]    500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691DTX-5.0 TI-LP38691DTX-5.0 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693MP-5.0 TI-LP38693MP-5.0 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693MP-5 TI1-LP38693MP-5 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38691-ADJ NSC-LP38691-ADJ_10 Datasheet
399Kb / 14P
   500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38691-ADJ TI1-LP38691-ADJ_14 Datasheet
1Mb / 22P
[Old version datasheet]   500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38691-ADJ NSC-LP38691-ADJ Datasheet
750Kb / 13P
   500mA Low Dropout CMOS Linear Regulators with Adjustable Output / Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38693SD-ADJ TI1-LP38693SD-ADJ Datasheet
1Mb / 22P
[Old version datasheet]   LP38693-ADJ 500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
LP38692MP-3.3 TI1-LP38692MP-3.3 Datasheet
1Mb / 28P
[Old version datasheet]   1A Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com