Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB26SKG01-5DJD Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # LB26SKG01-5DJD
Description  General Specifications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LB26SKG01-5DJD Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  LB26SKG01-5DJD Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. LB26SKG01-5DJD Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LB26SKG01-5DJD Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LB26SKG01-5DJD Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LB26SKG01-5DJD Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. LB26SKG01-5DJD Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. LB26SKG01-5DJD Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. LB26SKG01-5DJD Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. LB26SKG01-5DJD Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Series LB
Standard Size Snap-in Pushbuttons
D50
D
www.nkkswitches.com
Housing
K
Black
G
Gray
Shapes
S
Square
C
Round
R
Rectangular
Poles
1
SPDT
2
DPDT
1
S
K
W01
LB
Clear Cap with Red Diffuser
Red, 12-volt, Bright LED with Resistor
SPDT ON-(ON) Circuit
Silver Contacts
Rated 3A @ 125/250V AC;
Solder Lug/Quick Connect Terminals
Circuits
5
ON
(ON)
( ) = Momentary
6
ON
ON
Alternate Action
with Latchdown
Contacts & Terminals
W01
Silver Contacts
Rated 3A @ 125/250V AC
Solder Lug/Quick Connect Terminals
G01
Gold Contacts
Rated 0.4VA @ 28V AC/DC
Solder Lug/Quick Connect Terminals
5
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
LB15SKW01-5C12-JC
TYPICAL SWITCH
ORDERING EXAMPLE
Square Shape
Black Housing
IMPORTANT:
Switches are supplied without UL, cULus and CSA marking unless specified.
UL, cULus & CSA recognized only when ordered with marking on the switch.
Specific models, ratings, and ordering instructions are noted on the General
Specifications page.


Similar Part No. - LB26SKG01-5DJD

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
LB26SKG01-05-BJ NKK-LB26SKG01-05-BJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
LB26SKG01-05-CJ NKK-LB26SKG01-05-CJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
LB26SKG01-12-BJ NKK-LB26SKG01-12-BJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
LB26SKG01-A NKK-LB26SKG01-A Datasheet
359Kb / 9P
   Standard Size Pushbuttons
LB26SKG01-B NKK-LB26SKG01-B Datasheet
359Kb / 9P
   Standard Size Pushbuttons
More results

Similar Description - LB26SKG01-5DJD

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com