Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

052PED-PW Datasheet(PDF) 9 Page - Vishay Siliconix

Part # 052PED-PW
Description  Aluminum Electrolytic Capacitors Power Eurodin Printed Wiring
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

052PED-PW Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button 052PED-PW Datasheet HTML 4Page - Vishay Siliconix 052PED-PW Datasheet HTML 5Page - Vishay Siliconix 052PED-PW Datasheet HTML 6Page - Vishay Siliconix 052PED-PW Datasheet HTML 7Page - Vishay Siliconix 052PED-PW Datasheet HTML 8Page - Vishay Siliconix 052PED-PW Datasheet HTML 9Page - Vishay Siliconix 052PED-PW Datasheet HTML 10Page - Vishay Siliconix 052PED-PW Datasheet HTML 11Page - Vishay Siliconix 052PED-PW Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
050/052 PED-PW
www.vishay.com
Vishay BCcomponents
Revision: 13-Oct-16
9
Document Number: 28345
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 22 - Typical impedance as a function of frequency
Fig. 23 - Typical impedance as a function of frequency
Fig. 24 - Typical impedance as a function of frequency
Fig. 25 - Typical impedance as a function of frequency
Fig. 26 - Typical impedance as a function of frequency
Fig. 27 - Typical impedance as a function of frequency
10
2
10
-2
10
1
10
-1
Z
( )
Ω
10
10
2
10
3
10
4
10
5
10
6
10
7
f (Hz)
1
2
3
4
5
Case Ø D x L = 35 x 40 mm
Curve 1: 47 µF, 385 V
Curve 2: 220 µF, 250 V
Curve 3: 1000 µF, 100 V
Curve 4: 2200 µF, 63 V
Curve 5: 10 000 µF, 10 V
10
2
10
-2
10
1
10
-1
Z
( )
Ω
10
10
2
10
3
10
4
10
5
10
6
10
7
f (Hz)
1
2
3
4
5
Curve 1: 150 µF, 385 V
Curve 2: 330 µF, 250 V
Curve 3: 1500 µF, 100 V
Curve 4: 3300 µF, 63 V
Curve 5: 15 000 µF, 10 V
Case Ø D x L = 35 x 40 mm
10
2
10
-2
10
1
10
-1
Z
( )
Ω
10
10
2
10
3
10
4
10
5
10
6
10
7
f (Hz)
1
2
3
4
5
Case Ø D x L = 35 x 50 mm
Curve 1: 220 µF, 385 V
Curve 2: 470 µF, 250 V
Curve 3: 2200 µF, 100 V
Curve 4: 4700 µF, 63 V
Curve 5: 22 000 µF, 10 V
10
2
10
-2
10
1
10
-1
Z
( )
Ω
10
10
2
10
3
10
4
10
5
10
6
10
7
f (Hz)
1
2
3
4
5
Case Ø D x L = 40 x 40 mm
Curve 1: 220 µF, 385 V
Curve 2: 470 µF, 250 V
Curve 3: 2200 µF, 100 V
Curve 4: 4700 µF, 63 V
Curve 5: 22 000 µF, 10 V
10
2
10
-2
10
1
10
-1
Z
( )
Ω
10
10
2
10
3
10
4
10
5
10
6
10
7
f (Hz)
Case Ø D x L = 40 x 50 mm
1
2
3
4
5
Curve 1: 330 µF, 385 V
Curve 2: 250 µF, 250 V
Curve 3: 3300 µF, 100 V
Curve 4: 6800 µF, 63 V
Curve 5: 33 000 µF, 10 V
10
2
10
-2
10
1
10
-1
Z
( )
Ω
10
10
2
10
3
10
4
10
5
10
6
10
7
f (Hz)
Curve 1: 470 µF, 385 V
Curve 2: 1000 µF, 250 V
Curve 3: 4700 µF, 100 V
Curve 4: 10 000 µF, 63 V
Curve 5: 47 000 µF, 10 V
Case Ø D x L = 40 x 70 mm
1
2
3
4
5


Similar Part No. - 052PED-PW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
052PED-PW VISHAY-052PED-PW Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
052PED-PW VISHAY-052PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
More results

Similar Description - 052PED-PW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
050PED-PW VISHAY-050PED-PW_V01 Datasheet
158Kb / 12P
   Aluminum Electrolytic Capacitors Power Eurodin Printed Wiring
01-Jan-2023
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
052PED-PW VISHAY-052PED-PW Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
051PEC-PW VISHAY-051PEC-PW_16 Datasheet
163Kb / 11P
   Aluminum Electrolytic Capacitors Power Economic Printed Wiring
Revision: 14-Oct-16
051PEC-PW VISHAY-051PEC-PW_V01 Datasheet
161Kb / 11P
   Aluminum Electrolytic Capacitors Power Economic Printed Wiring
01-Jan-2023
162163PLL-PW VISHAY-162163PLL-PW Datasheet
127Kb / 8P
   Aluminum Electrolytic Capacitors Power Long Life Printed Wiring
01-Jan-2023
106PED-ST VISHAY-106PED-ST_V01 Datasheet
98Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
01-Jan-2023
106PED-ST VISHAY-106PED-ST_17 Datasheet
118Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
Revision: 06-Sep-17
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
053PEC-PW VISHAY-053PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com