Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050PED-PW Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 050PED-PW
Description  Aluminum Electrolytic Capacitors Power Eurodin Printed Wiring
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

050PED-PW Datasheet(HTML) 4 Page - Vishay Siliconix

  050PED-PW Datasheet HTML 1Page - Vishay Siliconix 050PED-PW Datasheet HTML 2Page - Vishay Siliconix 050PED-PW Datasheet HTML 3Page - Vishay Siliconix 050PED-PW Datasheet HTML 4Page - Vishay Siliconix 050PED-PW Datasheet HTML 5Page - Vishay Siliconix 050PED-PW Datasheet HTML 6Page - Vishay Siliconix 050PED-PW Datasheet HTML 7Page - Vishay Siliconix 050PED-PW Datasheet HTML 8Page - Vishay Siliconix 050PED-PW Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
050/052 PED-PW
www.vishay.com
Vishay BCcomponents
Revision: 13-Oct-16
4
Document Number: 28345
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 1
Note
(1) Not available in SL versions
Note
• Unless otherwise specified, all electrical values in tables 2 and 3
apply at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 050 series
10 000 μF / 25 V; -10 % / +30 %
Nominal case size: Ø 35 mm x 50 mm; PW version
Ordering code: MAL2 050 56103 E3
Former 12NC:
2222 050 56103
Table 2
DIMENSIONS in millimeters, MASS, AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
Ø Dmax.
Lmax.
SL VERSIONS
Lmax.
PW VERSIONS
MASS
(g)
PACKAGING QUANTITIES
(units per box)
CARDBOARD
BOX DIMENSIONS
L x W x H
25 x 30
26
32
35
 24
100
290 x 280 x 50
25 x 40
26
42
45
 28
100
290 x 280 x 60
30 x 40
31
42
45
 38
100
340 x 330 x 60
35 x 40
36
42
45
 51
50
390 x 198 x 60
35 x 50
36
52
55
 66
50
390 x 198 x 70
40 x 40 (1)
41
-
45
 78
50
440 x 223 x 60
40 x 50
41
52
55
 82
50
440 x 223 x 70
40 x 70
41
72
75
 110
25
230 x 230 x 90
40 x 100
41
102
105
 176
25
230 x 230 x 120
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz
IR
Rated RMS ripple current at 100 Hz,
85 °C or at 20 kHz, 70 °C
IL1
Max. leakage current after 1 min at UR
IL5
Max. leakage current after 5 min at UR
ESR
Max. equivalent series resistance at 100 Hz
Z
Max. impedance at 10 kHz
ELECTRICAL DATA AND ORDERING INFORMATION FOR 050 SERIES
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(A)
IR
20 kHz
70 °C
(A)
IL1
1 min
(mA)
IL5
5 min
(mA)
ESR
100 Hz
(m
)
Z
10 kHz
(m
)
ORDERING
CODE SL
MAL2050.......
ORDERING
CODE PW
MAL2050.......
10
4700
25 x 30
2.4
4.6
0.28
0.10
74
50
14472E3
54472E3
6800
25 x 40
3.2
6.1
0.41
0.14
51
37
14682E3
54682E3
10 000
30 x 40
3.8
7.2
0.60
0.20
39
29
14103E3
54103E3
15 000
35 x 40
4.1
7.8
0.90
0.30
35
26
14153E3
54153E3
22 000
35 x 50
5.0
9.5
1.32
0.44
27
21
14223E3
54223E3
22 000
40 x 40
4.2
8.0
1.32
0.44
36
27
n/a
44223E3
33 000
40 x 50
5.0
9.5
1.98
0.66
29
22
14333E3
54333E3
47 000
40 x 70
6.8
12.9
2.82
0.94
20
17
14473E3
54473E3
68 000
40 x 100
9.2
17.5
4.08
1.36
15
14
14683E3
54683E3


Similar Part No. - 050PED-PW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
050PED-PW VISHAY-050PED-PW Datasheet
158Kb / 12P
   Aluminum Electrolytic Capacitors Power Eurodin Printed Wiring
01-Jan-2023
050PED-PW VISHAY-050PED-PW_V01 Datasheet
158Kb / 12P
   Aluminum Electrolytic Capacitors Power Eurodin Printed Wiring
01-Jan-2023
More results

Similar Description - 050PED-PW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
050PED-PW VISHAY-050PED-PW_V01 Datasheet
158Kb / 12P
   Aluminum Electrolytic Capacitors Power Eurodin Printed Wiring
01-Jan-2023
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
052PED-PW VISHAY-052PED-PW Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
051PEC-PW VISHAY-051PEC-PW_16 Datasheet
163Kb / 11P
   Aluminum Electrolytic Capacitors Power Economic Printed Wiring
Revision: 14-Oct-16
051PEC-PW VISHAY-051PEC-PW_V01 Datasheet
161Kb / 11P
   Aluminum Electrolytic Capacitors Power Economic Printed Wiring
01-Jan-2023
162163PLL-PW VISHAY-162163PLL-PW Datasheet
127Kb / 8P
   Aluminum Electrolytic Capacitors Power Long Life Printed Wiring
01-Jan-2023
106PED-ST VISHAY-106PED-ST_V01 Datasheet
98Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
01-Jan-2023
106PED-ST VISHAY-106PED-ST_17 Datasheet
118Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
Revision: 06-Sep-17
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
053PEC-PW VISHAY-053PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com